Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JXWBLA-S-10-500-29 Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # JXWBLA-S-10-500-29
Description  Wideband Amplifiers 10 to 2500MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

JXWBLA-S-10-500-29 Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  JXWBLA-S-10-500-29 Datasheet HTML 1Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Wideband Amplifiers 10 to 2500MHz
The content of this specification may change without notification 8/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
1
American Accurate Components, Inc.
y
Amplifiers
Surface Mount
S11
Wideband Amplifiers 10
to 2500MHz
P/N
Freq. Range
(MHz)
fL-fU
Gain
(dB)
Typ
Noise Figure
(dB)
Typ
Pout@1dB
(dBm)
Min
VSW R
Typ
Power Supply
(V)
Case
JXW BLA-S-10-500-29
10-500
29
2.5
10
2.5:1
+9 or +12
S11
JXW BLA-S-10-1000-25-1
10-1000
25
2.8
8
2.5:1
+9 or +12
S11
JXW BLA-S-10-1000-25-2
10-1000
25
3.8
10
2.5:1
+9 or +12
S11
JXW BLA-S-250-650-14
250-650
14
3.0
20
2.5:1
+9 or +12
S11
JXW BLA-S-400-2500-12
400-2500
12
3.5
20
3:1
+9 or +12
S11
Notes:
1. Operating Temperature : -40
OC to +70 OC. Storage Temperature : -55 OC to +80 OC.
Wideband Low Noise Amplifiers 10
to 1500 MHz
P/N
Freq. Range
(MHz)
fL-fU
Gain
(dB)
Typ
Noise Figure
(dB)
Typ
Pout@1dB
(dBm)
Min
VSWR
Typ
Power Suppl
(V)
Case
JXWBLA-S-10-500-20
10-500
20
1.5
20
2:1
+12
S11
JXWBLA-S-500-1000-20
500-1000
20
1.8
20
2:1
+12
S11
JXWBLA-S-1000-1500-17
1000-1500
17
2
20
2:1
+12
S11
Notes:
1. Operating Temperature : -40
OC to +70 OC. Storage Temperature : -55 OC to +80 OC.
Narrowband Low Noise Amplifiers 800
to
2500 MHZ
P /N
F re q . R an g e
(M H z )
fL-fU
G a in
(dB )
T yp
N o is e Figu re
(dB )
T yp
P o ut@ 1 dB
(d B m )
M in
V S W R
T yp
P o w e r S up ply
(V )
C a s e
J X W B L A -S -8 00-1 0 00-28-1
8 0 0-10 00
2 8
1 .2
1 3
1 .8 :1
+5 o r + 1 2
S 1 1
J X W B L A -S -1 00 0 -1 20 0-2 8
1 0 0 0-1 20 0
2 8
1 .2
1 3
1 .8 :1
+5 o r + 1 2
S 1 1
J X W B L A -S -1 20 0 -1 40 0-2 8
1 2 0 0-1 40 0
2 8
1 .2
1 3
1 .8 :1
+5 o r + 1 2
S 1 1
J X W B L A -S -1 40 0 -1 60 0-2 8
1 4 0 0-1 60 0
2 8
1 .2
1 3
1 .8 :1
+5 o r + 1 2
S 1 1
J X W B L A -S -1 60 0 -1 80 0-2 8
1 6 0 0-1 80 0
2 8
1 .2
1 3
1 .8 :1
+5 o r + 1 2
S 1 1
J X W B L A -S -8 00-1 0 00-28-2
8 0 0-10 00
2 8
1 .0
1 3
1 .8 :1
+5 o r + 1 2
S 1 1
J X W B L A -S -1 00 0 -1 20 0-2 6
1 0 0 0-1 20 0
2 6
1 .0
1 3
1 .8 :1
+5 o r + 1 2
S 1 1
J X W B L A -S -1 20 0 -1 40 0-2 6
1 2 0 0-1 40 0
2 6
1 .1
1 3
1 .8 :1
+5 o r + 1 2
S 1 1
J X W B L A -S -1 70 0 -2 00 0-1 5
1 7 0 0-2 00 0
1 5
1 .2
1 3
1 .8 :1
+5 o r + 1 2
S 1 1
J X W B L A -S -2 20 0 -2 50 0-1 4
2 2 0 0-2 50 0
1 4
1 .2
1 3
1 .8 :1
+5 o r + 1 2
S 1 1
Notes:
1.
Operating Temperature : -40
OC to +70 OC. Storage Temperature : -55 OC to +80 OC.
2.
Custom Designs Available


Similar Part No. - JXWBLA-S-10-500-29

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
Low Noise Amplifier
JXWBLA-T-1-1.5-30 AAC-JXWBLA-T-1-1.5-30 Datasheet
75Kb / 1P
Low Noise Amplifier
JXWBLA-T-1-150-20 AAC-JXWBLA-T-1-150-20 Datasheet
59Kb / 1P
Amplifier
JXWBLA-T-1.5-4-40 AAC-JXWBLA-T-1.5-4-40 Datasheet
37Kb / 1P
Low Noise Amplifier
More results

Similar Description - JXWBLA-S-10-500-29

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2472 MAXIM-MAX2472 Datasheet
242Kb / 12P
500MHz to 2500MHz VCO Buffer Amplifiers
19-1466; Rev 0; 6/99
MAX2640 MAXIM-MAX2640 Datasheet
111Kb / 8P
400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
19-1384; Rev 1; 2/99
MAX2640-MAX2641 MAXIM-MAX2640-MAX2641 Datasheet
110Kb / 8P
400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 1; 2/99
logo
Zetex Semiconductors
ZAMP002 ZETEX-ZAMP002 Datasheet
127Kb / 8P
800-2500MHz MMIC WIDEBAND AMPLIFIER
ZAMP003 ZETEX-ZAMP003 Datasheet
138Kb / 8P
800-2500MHz MMIC WIDEBAND AMPLIFIER
logo
Maxim Integrated Produc...
MAX2640 MAXIM-MAX2640_03 Datasheet
174Kb / 8P
400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 2; 8/03
MAX2640 MAXIM-MAX2640_07 Datasheet
159Kb / 9P
300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
logo
RF Micro Devices
RF3826 RFMD-RF3826 Datasheet
1Mb / 15P
30MHz TO 2500MHz, 9W GaN WIDEBAND
logo
Maxim Integrated Produc...
MAX2640AUT MAXIM-MAX2640AUT Datasheet
159Kb / 9P
300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
logo
Mini-Circuits
K1-TCM MINI-K1-TCM Datasheet
316Kb / 1P
0.5 to 2500MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com