Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3770-2 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 3770-2
Description  Standard Binding Post
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

3770-2 Datasheet(HTML) 1 Page - Pomona Electronics

  3770-2 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All dimensions are in inches. Tolerances (except noted): .xx = ±.02 (,51 mm), .xxx = ± .005 (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Model 3750, 3760 & 3770
Standard Binding Post
Sales: 800-490-2361 Fax: 888-403-3360 Technical Support: 800-241-2060 (technicalsupport@pomonatest.com)
For Where to Buy information, visit the Pomona web site at www.pomonaelectronics.com
Rev: 101
D1093975, D1093981, D1093927
Page 1 of 1
FEATURES:
Accepts standard banana plug, wire or spade lug.
Mounts in panels from .070 to .250 (1.77mm to 6.35mm) thick.
MATERIALS:
Insulated Captive Thumb Nut: Brass
Insulation: Polycarbonate
Mounting Base: Polycarbonate
Insulator: Polycarbonate
Lockwasher: Nickel Plated Steel
Hex Nut: ¼ #8-32 Nickel Plated Brass
Binding Post:
Finish: 3750
Gold plated brass, 3760
Bright tin plated brass, 3770
Gold plated Tellurium Copper
RATINGS:
Operating Voltage: Hands free usage in controlled voltage environments: 2500 Vrms maximum. For CE compliance: not
intended for hand-held use at voltage above 33 Vrms/70 Vdc.
Operating Temperature: +239ºF (+115ºC) Max.
Current: 15 Amperes
ORDERING INFORMATION:
Model: 3750-Color (Gold plated brass) Available in Colors* =: 0 (Black, 2 (Red), 3 (Orange), 4 (Yellow), 5 (Green),
6 (Blue), 9 (White)
Model: 3760-Color (Bright tin plated brass) Available in Colors =: 0 (Black), -2 (Red) 3 (Orange), 4 (Yellow),
5 (Green), 6 (Blue), 7 (Violet), 8 (Gray), 9 (White)
Model: 3770-Color (Gold Plated Tellurium Copper) Colors* =: 0 (Black), -2 (Red) 8 (Gray), 9 (White)
*Upon request other colors can be quoted.


Similar Part No. - 3770-2

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3770-0 3M-3770-0 Datasheet
72Kb / 1P
Standard Binding Post
More results

Similar Description - 3770-2

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3863 POMONA-3863 Datasheet
24Kb / 1P
Triple Mounting Base For Standard Binding Post
logo
Winchester Electronics ...
SDK-952AJ WINCHESTER-SDK-952AJ Datasheet
36Kb / 1P
BINDING POST
SDK-952D WINCHESTER-SDK-952D Datasheet
48Kb / 1P
POST, BINDING
logo
List of Unclassifed Man...
4170 ETC2-4170 Datasheet
253Kb / 1P
STANDARD BINDING POST STRIP
4171 ETC2-4171 Datasheet
255Kb / 1P
STANDARD BINDING POST STRIP
logo
3M Electronics
3770-0 3M-3770-0 Datasheet
72Kb / 1P
Standard Binding Post
logo
List of Unclassifed Man...
BU-P3750-0 ETC2-BU-P3750-0 Datasheet
200Kb / 1P
Standard Binding Post
BU-P3770-0 ETC2-BU-P3770-0 Datasheet
199Kb / 1P
Standard Binding Post
logo
Keystone Electronics Co...
4184 KEYSTONE-4184 Datasheet
145Kb / 1P
STANDARD BINDING POST STRIP
10.10.01
logo
SparkFun Electronics
PRT-09740 SPARKFUN-PRT-09740 Datasheet
112Kb / 2P
Binding Post - Black
7????7
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com