Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA48PA Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATMEGA48PA
Description  8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
Download  448 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA48PA Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATMEGA48PA_1 Datasheet HTML 6Page - ATMEL Corporation ATMEGA48PA_1 Datasheet HTML 7Page - ATMEL Corporation ATMEGA48PA_1 Datasheet HTML 8Page - ATMEL Corporation ATMEGA48PA_1 Datasheet HTML 9Page - ATMEL Corporation ATMEGA48PA_1 Datasheet HTML 10Page - ATMEL Corporation ATMEGA48PA_1 Datasheet HTML 11Page - ATMEL Corporation ATMEGA48PA_1 Datasheet HTML 12Page - ATMEL Corporation ATMEGA48PA_1 Datasheet HTML 13Page - ATMEL Corporation ATMEGA48PA_1 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 448 page
background image
10
8161D–AVR–10/09
ATmega48PA/88PA/168PA/328P
specified in the Instruction Set Reference. This will in many cases remove the need for using the
dedicated compare instructions, resulting in faster and more compact code.
The Status Register is not automatically stored when entering an interrupt routine and restored
when returning from an interrupt. This must be handled by software.
6.3.1
SREG – AVR Status Register
The AVR Status Register – SREG – is defined as:
• Bit 7 – I: Global Interrupt Enable
The Global Interrupt Enable bit must be set for the interrupts to be enabled. The individual inter-
rupt enable control is then performed in separate control registers. If the Global Interrupt Enable
Register is cleared, none of the interrupts are enabled independent of the individual interrupt
enable settings. The I-bit is cleared by hardware after an interrupt has occurred, and is set by
the RETI instruction to enable subsequent interrupts. The I-bit can also be set and cleared by
the application with the SEI and CLI instructions, as described in the instruction set reference.
• Bit 6 – T: Bit Copy Storage
The Bit Copy instructions BLD (Bit LoaD) and BST (Bit STore) use the T-bit as source or desti-
nation for the operated bit. A bit from a register in the Register File can be copied into T by the
BST instruction, and a bit in T can be copied into a bit in a register in the Register File by the
BLD instruction.
• Bit 5 – H: Half Carry Flag
The Half Carry Flag H indicates a Half Carry in some arithmetic operations. Half Carry Is useful
in BCD arithmetic. See the “Instruction Set Description” for detailed information.
• Bit 4 – S: Sign Bit, S = N
V
The S-bit is always an exclusive or between the Negative Flag N and the Two’s Complement
Overflow Flag V. See the “Instruction Set Description” for detailed information.
• Bit 3 – V: Two’s Complement Overflow Flag
The Two’s Complement Overflow Flag V supports two’s complement arithmetics. See the
“Instruction Set Description” for detailed information.
• Bit 2 – N: Negative Flag
The Negative Flag N indicates a negative result in an arithmetic or logic operation. See the
“Instruction Set Description” for detailed information.
• Bit 1 – Z: Zero Flag
The Zero Flag Z indicates a zero result in an arithmetic or logic operation. See the “Instruction
Set Description” for detailed information.
• Bit 0 – C: Carry Flag
The Carry Flag C indicates a carry in an arithmetic or logic operation. See the “Instruction Set
Description” for detailed information.
Bit
7
65
43
21
0
0x3F (0x5F)
I
T
H
S
V
N
Z
C
SREG
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0


Similar Part No. - ATMEGA48PA_1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48PA-15MZ ATMEL-ATMEGA48PA-15MZ Datasheet
585Kb / 31P
   Atmel 8-bit Microcontroller with 4/8/16/32KBytes In-System Programmable Flash
ATMEGA48PA ATMEL-ATMEGA48PA_14 Datasheet
487Kb / 326P
   131 Powerful Instructions ??Most Single Clock Cycle Execution
More results

Similar Description - ATMEGA48PA_1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48A ATMEL-ATMEGA48A_10 Datasheet
592Kb / 33P
   8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA48P ATMEL-ATMEGA48P Datasheet
445Kb / 25P
   8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA48A ATMEL-ATMEGA48A Datasheet
499Kb / 32P
   8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA48P ATMEL-ATMEGA48P_08 Datasheet
420Kb / 26P
   8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA48A ATMEL-ATMEGA48A_11 Datasheet
495Kb / 35P
   8-bit Atmel Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P_08 Datasheet
332Kb / 22P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P_06 Datasheet
3Mb / 336P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_08 Datasheet
471Kb / 25P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA324PA ATMEL-ATMEGA324PA Datasheet
546Kb / 24P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A Datasheet
427Kb / 18P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com