Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATtiny48 Datasheet(PDF) 262 Page - ATMEL Corporation

Part # ATtiny48
Description  8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
PDF  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny48 Datasheet(HTML) 262 Page - ATMEL Corporation

Back Button ATtiny48 Datasheet HTML 258Page - ATMEL Corporation ATtiny48 Datasheet HTML 259Page - ATMEL Corporation ATtiny48 Datasheet HTML 260Page - ATMEL Corporation ATtiny48 Datasheet HTML 261Page - ATMEL Corporation ATtiny48 Datasheet HTML 262Page - ATMEL Corporation ATtiny48 Datasheet HTML 263Page - ATMEL Corporation ATtiny48 Datasheet HTML 264Page - ATMEL Corporation ATtiny48 Datasheet HTML 265Page - ATMEL Corporation ATtiny48 Datasheet HTML 266Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 262 / 266 page
background image
iv
8008C–AVR–03/09
ATtiny48/88
17
Analog-to-Digital Converter ................................................................ 158
17.1
Features ........................................................................................................158
17.2
Overview ........................................................................................................158
17.3
Operation .......................................................................................................159
17.4
Starting a Conversion ....................................................................................160
17.5
Prescaling and Conversion Timing ................................................................161
17.6
Changing Channel or Reference Selection ...................................................164
17.7
ADC Noise Canceler .....................................................................................165
17.8
Analog Input Circuitry ....................................................................................165
17.9
Analog Noise Canceling Techniques .............................................................166
17.10
ADC Accuracy Definitions .............................................................................167
17.11
ADC Conversion Result .................................................................................169
17.12
Temperature Measurement ...........................................................................169
17.13
Register Description ......................................................................................170
18
debugWIRE On-chip Debug System .................................................. 175
18.1
Features ........................................................................................................175
18.2
Overview ........................................................................................................175
18.3
Physical Interface ..........................................................................................175
18.4
Software Break Points ...................................................................................176
18.5
Limitations of debugWIRE .............................................................................176
18.6
Register Description ......................................................................................176
19
Self-Programming the Flash ............................................................... 177
19.1
Addressing the Flash During Self-Programming ...........................................178
19.2
Register Description ......................................................................................182
20
Memory Programming ......................................................................... 184
20.1
Program And Data Memory Lock Bits ...........................................................184
20.2
Fuse Bits ........................................................................................................184
20.3
Signature Bytes .............................................................................................186
20.4
Calibration Byte .............................................................................................186
20.5
Page Size ......................................................................................................187
20.6
Parallel Programming Parameters, Pin Mapping, and Commands ...............187
20.7
Parallel Programming ....................................................................................189
20.8
Serial Downloading ........................................................................................196
21
Electrical Characteristics .................................................................... 201
21.1
Absolute Maximum Ratings* .........................................................................201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com