Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA88 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATMEGA88
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA88 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATMEGA88_1 Datasheet HTML 1Page - ATMEL Corporation ATMEGA88_1 Datasheet HTML 2Page - ATMEL Corporation ATMEGA88_1 Datasheet HTML 3Page - ATMEL Corporation ATMEGA88_1 Datasheet HTML 4Page - ATMEL Corporation ATMEGA88_1 Datasheet HTML 5Page - ATMEL Corporation ATMEGA88_1 Datasheet HTML 6Page - ATMEL Corporation ATMEGA88_1 Datasheet HTML 7Page - ATMEL Corporation ATMEGA88_1 Datasheet HTML 8Page - ATMEL Corporation ATMEGA88_1 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
7738C–AVR–11/09
ATmega88 Automotive
Output Low Voltage(3),
I/O pin except RESET
I
OL = 0.5 mA, VCC = 1.8V
V
OL
0.25
V
Output High Voltage(4),
I/O pin except RESET
IOH = –0.5 mA, VCC = 1.8V
VOH
1.25
V
Input Leakage
Current I/O Pin
V
CC = 5.5V, pin low
(absolute value)
I
IL
1µA
Input Leakage
Current I/O Pin
VCC = 5.5V, pin high
(absolute value)
I
IH
1µA
Reset Pull-up Resistor
R
RST
30
60
k
Ω
I/O Pin Pull-up Resistor
R
PU
20
50
k
Ω
Power Supply Current(5)
Active 2 MHz, V
CC = 1.8V
ICC
0.8
1.2
mA
Idle 2 MHz, V
CC = 1.8V
0.2
0.4
mA
Power-down mode
WDT disabled, V
CC = 1.8V
WDT enabled, V
CC = 1.8V
0.2
4
18
24
µA
Analog Comparator
Input Offset Voltage
V
CC = 2.7V
Vin = VCC/2
V
ACIO
<10
40
mV
Analog Comparator
Input Leakage Current
VCC = 2.7V
V
in = VCC/2
I
ACLK
–50
+50
nA
Analog Comparator
Propagation Delay
VCC = 2.7V
tACPD
500
ns
1.2
DC Characteristics (Continued)
TA = –40°C to +85°C, VCC = 1.8V to 5.5V (unless otherwise noted) (Continued)
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Notes:
1. “Max” means the highest value where the pin is guaranteed to be read as low
2. “Min” means the lowest value where the pin is guaranteed to be read as high
3. Although each I/O port can sink more than the test conditions (0.5 mA at V
CC = 1.8V) under steady state conditions
(non-transient), the following must be observed:
1] The sum of all IOL, for ports B0 - B5, should not exceed 50 mA.
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater
than the listed test condition.
4. Although each I/O port can source more than the test conditions (0.5 mA at VCC = 1.8V) under steady state conditions
(non-transient), the following must be observed:
1] The sum of all IOH, for ports B0 - B5 should not exceed 50 mA.
If IOH exceeds the test condition, VOH may exceed the related specification. Pins are not guaranteed to source current
greater than the listed test condition.
5. Minimum VCC for Power-down is 2.5V.


Similar Part No. - ATMEGA88_1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA88-15AD ATMEL-ATMEGA88-15AD Datasheet
356Kb / 22P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATmega88-15AD ATMEL-ATmega88-15AD Datasheet
1Mb / 10P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATmega88-15AT ATMEL-ATmega88-15AT Datasheet
5Mb / 340P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATmega88-15AT1 ATMEL-ATmega88-15AT1 Datasheet
5Mb / 340P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATmega88-15AZ ATMEL-ATmega88-15AZ Datasheet
5Mb / 340P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA88_1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
210Kb / 20P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY25B ATMEL-ATTINY25B Datasheet
254Kb / 7P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM3 ATMEL-AT90PWM3 Datasheet
3Mb / 365P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM1 ATMEL-AT90PWM1 Datasheet
399Kb / 20P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_05 Datasheet
478Kb / 39P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90S8515 ATMEL-AT90S8515_01 Datasheet
2Mb / 112P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com