Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUP2983 Datasheet(PDF) 4 Page - Eutech Microelectronics Inc

Part # EUP2983
Description  White LED Driver For Buck-Boost Application
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP2983 Datasheet(HTML) 4 Page - Eutech Microelectronics Inc

  EUP2983 Datasheet HTML 1Page - Eutech Microelectronics Inc EUP2983 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP2983 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP2983 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP2983 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP2983 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP2983 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP2983 Datasheet HTML 8Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
EUP2983
DS2983 Ver1.2 Nov. 2008
4
Absolute Maximum Ratings (1)
IN to GND -------------------------------------------------------------------------- -0.3V to 31V
PGND,GND ------------------------------------------------------------------------ -0.3V to 0.3V
FB,LX,OVP to GND -------------------------------------------------------------- -0.3V to 34V
COMP,CTRL to GND ------------------------------------------------------------- -0.3V to 6V
ILX ------------------------------------------------------------------------------------- 2A
Package Thermal Resistance
TDFN-8,θJA ------------------------------------------------------------------------- 50°C/W
Junction Temperature ---------------------------------------------------------------- 150°C
Lead Temperature (Soldering, 10sec.) --------------------------------------------- 260°C
Storage Temperature Range -------------------------------------------------------- -65°C to +150°C
Recommend Operating Conditions (2)
Supply Voltage , VIN------------------------------------------------------------------ 6V to 25V
Operation Temperature Range ------------------------------------------------------ -40°C to +85°C
Note (1): Stress beyond those listed under “Absolute Maximum Ratings” may damage the device.
Note (2): The device is not guaranteed to function outside the recommended operating conditions.
Electrical Characteristics
(VIN =8.4V, L1=22uH, CIN=10µF, COUT=2.2µF, CCOMP=0.1µF, R1=7.5, VCTRL=1V, TA=-40°C to +85°C.
Refer to Figure 2. Unless otherwise noted. Typical values are at TA= +25°C)
EUP2983
Parameter
Conditions
Min
Typ
Max.
Unit
Supply Voltage
6
25
V
Rising
4.8
5
5.2
V
UVLO Threshold
Falling
4.5
4.7
4.9
V
Continuous Switching
1.2
1.8
mA
Quiescent Current
Shutdown VCTRL=0
120
200
uA
Rising
32
V
OVLO Threshold
Falling
30
V
VOVP=30V, VCTRL>0.24V
20
40
60
µA
OVP Input Bias Current
VOVP=VIN, VCTRL=GND
1
µA
Error Amplifier
CTRL to FB Regulation
VCTRL=1V, VIN=8.4V, Temp=25℃
90
100
110
mV
CTRL Input Resistance
VCTRL≤1V
200
500
800
KΩ
CTRL Dual-Mode Threshold
Rising and Falling
100
180
240
mV
CTRL Shutdown Enable Delay
8.2
ms
FB-to-COMP Transconductance
VCOMP=1V
52
µs
Oscillator
Operating Frequency
0.75
1.0
1.25
MHz
Maximum Duty Cycle
VCTRL=3V,VFB=VIN
90
92
95
%
N-Channel Switch
LX On-Resistance
0.5
1
LX Current Limit
Duty Cycle=90%
0.8
1.4
2
A


Similar Part No. - EUP2983

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2961A EUTECH-EUP2961A Datasheet
69Kb / 1P
   White LED Boost Converter with PWM
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
More results

Similar Description - EUP2983

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV4012DS-00A MPS-EV4012DS-00A Datasheet
223Kb / 6P
   Boost White LED Driver For TV Backlighting Application
EV4603-S-00A MPS-EV4603-S-00A Datasheet
326Kb / 6P
   Buck-Boost White LED Driver For TV Backlighting Applications
EV4601ES-00A MPS-EV4601ES-00A Datasheet
213Kb / 6P
   Buck-Boost White LED Driver For TV Backlighting Applications
EV4601EF-00A MPS-EV4601EF-00A Datasheet
222Kb / 6P
   Buck-Boost White LED Driver For TV Backlighting Applications
EV0059 MPS-EV0059 Datasheet
247Kb / 4P
   MP1567: Buck Boost Lumileds White LED Driver
logo
Rohm
BD81A44MUV-M ROHM-BD81A44MUV-M Datasheet
1Mb / 39P
   4ch White LED Driver with Buck-Boost
BD81A24MUV-M ROHM-BD81A24MUV-M Datasheet
1Mb / 40P
   4ch White LED Driver with Buck-Boost
logo
STMicroelectronics
STCF07 STMICROELECTRONICS-STCF07 Datasheet
505Kb / 26P
   High power buck-boost white LED driver
logo
Maxic Technology Corpor...
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
MT7285 MAXIC-MT7285 Datasheet
190Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com