Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUP2983 Datasheet(PDF) 2 Page - Eutech Microelectronics Inc

Part # EUP2983
Description  White LED Driver For Buck-Boost Application
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP2983 Datasheet(HTML) 2 Page - Eutech Microelectronics Inc

  EUP2983 Datasheet HTML 1Page - Eutech Microelectronics Inc EUP2983 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP2983 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP2983 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP2983 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP2983 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP2983 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP2983 Datasheet HTML 8Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
EUP2983
DS2983 Ver1.2 Nov. 2008
2
Typical Application Circuit
Figure 2. WLED Backlight Application
Pin Configurations
Package Type
Pin
Configurations
TDFN-8
Pin Description
PIN
TDFN-8
DESCRIPTION
1
PGND
Power Ground
2
IN
Input Supply Voltage
3
CTRL
Brightness Control Input. LED brightness is controlled by the voltage applied to CTRL.
Varying the voltage from 0.24V to 1.68V adjusts the brightness from dim to bright,
respectively. Any voltage above 1.68V does not increase brightness.
4
FB
Current-Sense Feedback Input. Connect a resistor from FB to IN to set the LEDs bias
current, The voltage (VFB-VIN) regulates to VCTRL / 10 or 168mV, whichever is lower.
5
COMP
Compensation Input. Connect a 0.1µF capacitor (CCOMP) from COMP to GND. CCOMP
stabilizes the converter and controls soft-start. CCOMP discharges to GND when in shutdown.
6
GND
Analog Ground.
7
OVP
Over voltage Sense. When VOVP is greater than 32V, the internal N-channel MOSFET turns
off until VOVP drops below 30V, then the IC re-enters soft-start. Connect a 2.2µF capacitor
from OVP to PGND.
8
LX
Inductor Connection. This pin is high impedance during shutdown.


Similar Part No. - EUP2983

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2961A EUTECH-EUP2961A Datasheet
69Kb / 1P
   White LED Boost Converter with PWM
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
More results

Similar Description - EUP2983

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV4012DS-00A MPS-EV4012DS-00A Datasheet
223Kb / 6P
   Boost White LED Driver For TV Backlighting Application
EV4603-S-00A MPS-EV4603-S-00A Datasheet
326Kb / 6P
   Buck-Boost White LED Driver For TV Backlighting Applications
EV4601ES-00A MPS-EV4601ES-00A Datasheet
213Kb / 6P
   Buck-Boost White LED Driver For TV Backlighting Applications
EV4601EF-00A MPS-EV4601EF-00A Datasheet
222Kb / 6P
   Buck-Boost White LED Driver For TV Backlighting Applications
EV0059 MPS-EV0059 Datasheet
247Kb / 4P
   MP1567: Buck Boost Lumileds White LED Driver
logo
Rohm
BD81A44MUV-M ROHM-BD81A44MUV-M Datasheet
1Mb / 39P
   4ch White LED Driver with Buck-Boost
BD81A24MUV-M ROHM-BD81A24MUV-M Datasheet
1Mb / 40P
   4ch White LED Driver with Buck-Boost
logo
STMicroelectronics
STCF07 STMICROELECTRONICS-STCF07 Datasheet
505Kb / 26P
   High power buck-boost white LED driver
logo
Maxic Technology Corpor...
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
MT7285 MAXIC-MT7285 Datasheet
190Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com