Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUP2983 Datasheet(PDF) 1 Page - Eutech Microelectronics Inc

Part # EUP2983
Description  White LED Driver For Buck-Boost Application
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP2983 Datasheet(HTML) 1 Page - Eutech Microelectronics Inc

  EUP2983 Datasheet HTML 1Page - Eutech Microelectronics Inc EUP2983 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP2983 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP2983 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP2983 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP2983 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP2983 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP2983 Datasheet HTML 8Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
EUP2983
DS2983 Ver1.2 Nov. 2008
1
White LED Driver For
Buck-Boost Application
DESCRIPTION
The EUP2983 is a constant current boost converter
specially designed for driving white LEDs with wide
input range. The unique converter topology provide a
load voltage which can be greater or less than the input
voltage. With the tightly regulated load current, the
EUP2983 allows series connection with multiple
strings of the white LEDs.
The brightness of the LEDs can be adjusted through a
voltage level on the CTRL pin or by applying a PWM
signal to CTRL pin. 1MHz current-mode, pulse-width
modulated (PWM) operation allows for small input and
output capacitors and a small inductor while
minimizing ripple on the input supply/battery.
Programmable soft-start eliminates inrush current
during startup.
The EUP2983 is available in a space-saving, 8-pin
3mm x 3mm TDFN package.
Typical Application Circuit
FEATURES
6V to 25V Input Range
32V (typ.) Output with Overvoltage Protection
Up to 90% Efficiency
Flexible Analog or PWM Dimming Control
Internal High Power MOSFET Switch
1MHz PWM Operation
Small, Low-Profile Inductors and Capacitors
3mm× 3mm TDFN-8 Package
RoHS Compliant and 100% Lead (Pb)-Free
APPLICATIONS
7~10 inch White LED Display Backlighting
12V Automotive Display System
PDVD and Subnotebooks
LED Lighting
Figure 1. High Brightness LEDs Application


Similar Part No. - EUP2983

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2961A EUTECH-EUP2961A Datasheet
69Kb / 1P
   White LED Boost Converter with PWM
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
More results

Similar Description - EUP2983

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV4012DS-00A MPS-EV4012DS-00A Datasheet
223Kb / 6P
   Boost White LED Driver For TV Backlighting Application
EV4603-S-00A MPS-EV4603-S-00A Datasheet
326Kb / 6P
   Buck-Boost White LED Driver For TV Backlighting Applications
EV4601ES-00A MPS-EV4601ES-00A Datasheet
213Kb / 6P
   Buck-Boost White LED Driver For TV Backlighting Applications
EV4601EF-00A MPS-EV4601EF-00A Datasheet
222Kb / 6P
   Buck-Boost White LED Driver For TV Backlighting Applications
EV0059 MPS-EV0059 Datasheet
247Kb / 4P
   MP1567: Buck Boost Lumileds White LED Driver
logo
Rohm
BD81A44MUV-M ROHM-BD81A44MUV-M Datasheet
1Mb / 39P
   4ch White LED Driver with Buck-Boost
BD81A24MUV-M ROHM-BD81A24MUV-M Datasheet
1Mb / 40P
   4ch White LED Driver with Buck-Boost
logo
STMicroelectronics
STCF07 STMICROELECTRONICS-STCF07 Datasheet
505Kb / 26P
   High power buck-boost white LED driver
logo
Maxic Technology Corpor...
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
MT7285 MAXIC-MT7285 Datasheet
190Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com