Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUP2983 Datasheet(PDF) 7 Page - Eutech Microelectronics Inc

Part # EUP2983
Description  White LED Driver For Buck-Boost Application
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP2983 Datasheet(HTML) 7 Page - Eutech Microelectronics Inc

  EUP2983 Datasheet HTML 1Page - Eutech Microelectronics Inc EUP2983 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP2983 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP2983 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP2983 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP2983 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP2983 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP2983 Datasheet HTML 8Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
EUP2983
DS2983 Ver1.2 Nov. 2008
7
Application Information
Soft-Start
The EUP2983 attains soft-start by charging CCOMP
gradually with a current source. When VCOMP rises above
1.25V, the internal MOSFET begins switching at a
incremental duty cycle. When VCOMP rises above 2.25V,
the duty cycle is at its maximum. See the Typical
Operating Characteristics for an example of soft-start
operation.
Shutdown
The EUP2983 enters shutdown when VCTRL is less than
100mV for more than 8.2ms. In shutdown, supply current
is reduced to 150µA by powering down the entire IC
except for the CTRL voltage-detection circuitry and
internal regulator. CCOMP is discharged during shutdown,
allowing the device to reinitiate soft-start when it is
enabled. Typical shutdown timing characteristics are
shown in the Typical Operating Characteristics.
Overvoltage Protection
Overvoltage lockout (OVLO) occurs when VOUT is above
32V.The protection circuitry stops the internal MOSFET
from switching and causes VCOMP to decay to 0V. The
device comes out of OVLO and into soft-start when VOUT
falls below 30V.
In normal operation, EUP2983 VOUT calculates as follows:
K
LED
V
FB
V
IN
V
OUT
V
×
+
+
=
Where
K----------number of LEDs in each string
VIN--------input voltage
VFB--------feedback voltage
VLED-------a LED forward voltage
Adjusting LED Current
Adjusting the EUP2983’s output current changes the
brightness of the LEDs. An analog input CTRL and the
sense-resistor value set the output current. Output current
is given by:
The VCTRL voltage range for adjusting output current is
0.24V to 1.68V. To set the maximum current, calculate
RSENSE when VCTRL is at its maximum as follows:
Power dissipation in RSENSE is typically less than 10mW,
making a standard chip resistor sufficient.
PWM Dimming Control
CTRL is also used as a digital input allowing LED
brightness control with a logic-level PWM signal applied
directly to CTRL. The frequency range is from 200Hz to
200kHz, while 0% duty cycle corresponds to zero current
and 100% duty cycle corresponds to full current. The error
amplifier and compensation capacitor form a lowpass filter
so PWM dimming results in DC current to the LEDs
without the need for any additional RC filters; see the
Typical Operating Characteristics.
Capacitor Selection
The exact values of input and output capacitors are not
critical. The typical value for the input capacitor is 10µF
and the typical value for the output capacitor is 2.2µF.
Larger value capacitors can be used to reduce input and
output ripple, but at the expense of size and higher cost.
CCOMP stabilizes the converter and controls soft-start.
Connect a 0.1µF capacitor from COMP to GND.
Inductor Selection
Inductor values range from 10µH to 47µH. A 22µH
inductor optimizes the efficiency for most applications
while maintaining low 50mVP-P input ripple. To prevent
core saturation, ensure that the inductor-saturation current
rating exceeds the peak inductor current for the application.
Calculate the peak inductor current with the following
formula:
Schottky Diode Selection
The EUP2983’s high switching frequency demands a
high-speed rectification diode (D1) for optimum efficiency.
A Schottky diode is recommended due to its fast recovery
time and low forward-voltage drop. Ensure that the diode’s
average and peak current rating exceed the average output
current and peak inductor current. In addition, the diode’s
reverse breakdown voltage must exceed VOUT. The RMS
diode current can be calculated from:
PC Board Layout
Due to fast switching waveforms and high-current paths,
careful PC board layout is required. An evaluation kit is
available to speed design. When laying out a board,
minimize trace lengths between the IC and RSENSE, the
inductor, the diode, the input capacitor, and the output
capacitor. Keep traces short, direct, and wide. Keep noisy
traces, such as the LX node trace, away from FB. The IN
bypass capacitor (CIN) should be placed as close to the IC
as possible. PGND and GND should be connected directly
to the exposed paddle underneath the IC. The ground
connections of CIN and COUT should be as close together as
possible. The traces from IN to the inductor and from the
Schottky diode to the LEDs may be longer.
()
MAX
LED
I
10
1.68
SENSE
R
×
=
SENSE
R
10
CTRL
V
LED
I
×
=
()
()
()
()
L
2
s
0.9
MIN
IN
V
MIN
IN
V
0.9
MAX
LED
I
MAX
OUT
V
PEAK
I
×
µ
×
+
×
×
=
()
PEAK
I
OUT
I
RMS
DIODE
I
×
=


Similar Part No. - EUP2983

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2961A EUTECH-EUP2961A Datasheet
69Kb / 1P
   White LED Boost Converter with PWM
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
More results

Similar Description - EUP2983

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV4012DS-00A MPS-EV4012DS-00A Datasheet
223Kb / 6P
   Boost White LED Driver For TV Backlighting Application
EV4603-S-00A MPS-EV4603-S-00A Datasheet
326Kb / 6P
   Buck-Boost White LED Driver For TV Backlighting Applications
EV4601ES-00A MPS-EV4601ES-00A Datasheet
213Kb / 6P
   Buck-Boost White LED Driver For TV Backlighting Applications
EV4601EF-00A MPS-EV4601EF-00A Datasheet
222Kb / 6P
   Buck-Boost White LED Driver For TV Backlighting Applications
EV0059 MPS-EV0059 Datasheet
247Kb / 4P
   MP1567: Buck Boost Lumileds White LED Driver
logo
Rohm
BD81A44MUV-M ROHM-BD81A44MUV-M Datasheet
1Mb / 39P
   4ch White LED Driver with Buck-Boost
BD81A24MUV-M ROHM-BD81A24MUV-M Datasheet
1Mb / 40P
   4ch White LED Driver with Buck-Boost
logo
STMicroelectronics
STCF07 STMICROELECTRONICS-STCF07 Datasheet
505Kb / 26P
   High power buck-boost white LED driver
logo
Maxic Technology Corpor...
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
MT7285 MAXIC-MT7285 Datasheet
190Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com