Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF-5800H-V006 Datasheet(PDF) 2 Page - Harris Corporation

Part # RF-5800H-V006
Description  20 WATT HF/VHF VEHICULAR ADAPTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

RF-5800H-V006 Datasheet(HTML) 2 Page - Harris Corporation

  RF-5800H-V006 Datasheet HTML 1Page - Harris Corporation RF-5800H-V006 Datasheet HTML 2Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RF Communications Division | 1680 University Avenue | Rochester, NY USA 14610
www.harris.com 1-585-244-5830
© Copyright 2005 Harris Corporation 06/05 DS-336
®
Specifications for the RF-5800H-V006
FALCON is a registered trademark of Harris Corporation.
Specifications are subject to change without notice.
General
Frequency Range
1.6 to 60 MHz
Modes of Operation
All RF-5800H-MP and AN/PRC-150(C) modes
Power Input
22 to 33 VDC @ 7A max (vehicular power)
Environmental
Test Method
Per MIL-STD-810F
Shock and Vibration
Ground tactical
Immersion
3 ft. (0.9 m) of water
Operating Temperature
–40° C to +70° C
Interfaces
Antenna Coupler
RF-5382H-CU001 Control Cable
ASCII Remote
RS-232 9 pin “D”
Power Input
+24 VDC to Vehicular Power
Auxiliary Power
+24 VDC to Speaker or other device
Radio Interface
To J6 Accessory port of RF-5800H or AN/PRC-150(C)
Installation
Remote Capability
Up to 100 ft (30 m) separation between transceiver and coupler
Size
9.25 W x 14.65 L x 6.74 H inches (not including cables)
23.5 W x 37.2 L x 17.1 H cm (not including cables)
Color
Black
Accessories supplied
Shock mount mounting hardware, installation manual, power cable with
pigtails, cable to J6 of transceiver
Required items
RF-5800H-MP or AN/PRC-150(C) Transceiver
(order separately)
RF-5382H-CU001 Antenna Coupler
RF-5384VM-01 Shock Mount for RF-5382H
12020-1460 RF-5382H Control Cable from radio to RF-5382H Antenna Coupler
10369-7211 RF Coax from radio to RF-5382H Antenna Coupler
Accessories
RF-5980-SA001
Tactical Speaker
10535-0713
Speaker Power Cable
10535-0707
Speaker Audio Cable
RF-5061-PS001
12V to 24V DC to DC Converter for 12 VDC vehicles
10181-9833
RF-5061 to RF-5800H-V006 Power Cable
10372-0874-01
Security Locking Kit
assuredcommunications


Similar Part No. - RF-5800H-V006

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-5800H-MP HARRIS-RF-5800H-MP Datasheet
1Mb / 2P
advanced hf/VHF tactical radio system
More results

Similar Description - RF-5800H-V006

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLW76 PHILIPS-BLW76 Datasheet
90Kb / 15P
HF/VHF power transistor
August 1986
BLW96 PHILIPS-BLW96 Datasheet
89Kb / 14P
HF/VHF power transistor
August 1986
logo
Harris Corporation
RF-300M-V150 HARRIS-RF-300M-V150 Datasheet
332Kb / 2P
50-watt multiband vehicular amplifier adapter
RF-387-AT002 HARRIS-RF-387-AT002 Datasheet
305Kb / 2P
VHF VEHICULAR WHIP ANTENNA
RF-5833H-PA001 HARRIS-RF-5833H-PA001 Datasheet
327Kb / 2P
150 WATT HF/VHF POWER AMPLIFIERS
RF-7800M-V150 HARRIS-RF-7800M-V150 Datasheet
2Mb / 2P
50-WATT MULTIBAND VEHICULAR AMPLIFIER ADAPTER
logo
New Jersey Semi-Conduct...
BLW96 NJSEMI-BLW96 Datasheet
127Kb / 4P
HF/VHF power transistor
BLW86 NJSEMI-BLW86 Datasheet
126Kb / 4P
HF/VHF power transistor
logo
eleflow technologies co...
BLW76 ELEFLOW-BLW76 Datasheet
60Kb / 2P
HF/VHF power transistor
logo
Ultralife Corporation.
A-320VA ULTRALIFE-A-320VA Datasheet
1Mb / 2P
MBITR 20-Watt Vehicle Adapter
25 MAR 2010 Rev A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com