Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF-300M-V150 Datasheet(PDF) 2 Page - Harris Corporation

Part # RF-300M-V150
Description  50-watt multiband vehicular amplifier adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

RF-300M-V150 Datasheet(HTML) 2 Page - Harris Corporation

  RF-300M-V150 Datasheet HTML 1Page - Harris Corporation RF-300M-V150 Datasheet HTML 2Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RF Communications | 1680 University Avenue | Rochester, NY USA 14610
www.harris.com | 1-585-244-5830
Specifications are subject to change without notice. © Copyright 2008 Harris Corporation 09/08 DS-400B
General
Frequency Range
30 MHz-2 GHz
Output Power
VHF low (30-90 MHz): 50 watts PEP
VHF High/UHF (90-450 MHz):
50 watts PEP
UHF (450-512 MHz): Greater than 20 watts
PEP
Wideband (225-450 MHz): 50 watts
PEP and average
Wideband (450 MHz-2 GHz): 20 watts
PEP
Power Input
18-34 VDc
Channel Bandwidth
5 kHz to 5 MHz
Accessories
RF-3183-AT013
30-512 MHz Vehicular antenna
RF-3184-AT320
225-450 MHz Vehicular antenna
(Wideband)
RF-3071-AT230
GPS antenna, l1 and l2 bands
12006-9001-01
SaTcoM antenna
RF-292-01
antenna Mount
Environmental
Shock/Vibe
MIl-STD-810F, ground mobile
Sand/Dust
MIl-STD-810F
Immersion
1 meter
Temperature
-40° to +70°c
Altitude
operational to 15,000 ft.
Physical (including shock tray)
Height
9.25 in. (23.5 cm)
Depth
14.5 in. (37 cm)
Width
10.5 in. (27 cm)
Weight
37 lbs. (16.8 kg) with radio
Color
caRc Green 383
Specifications for the RF-300M-V150
Model Number
System Configuration
Mounting Syystem
RF-300M-V150
Single Vaa system
including one
an/PRc-117G(V)1(c)
Vehicular Interface Mount
(VIM)
RF-300M-V250
Dual Vaa system
including two
an/PRc-117G(V)1(c)
Universal SIncGaRS Interface
Module (USIM) and MT-6352
shock mount
RF-300M-V255
Dual Vaa system
including one
an/PRc-117G(V)1(c and
one an/PRc-152
Universal SIncGaRS Interface
Module (USIM) and MT-6352
shock mount
Interfaces
Data Ethernet
RS-232, EIa-422, PPP
Remote Control
USB, Ethernet, RS-232
Audio
VIc-1, VIc-3, lS-671 compatible
Accessory Power
28 VDc @ 0.2a, 5.6 W
Antenna Ports
VHF low: 50 ohm Bnc
VHF High/UHF: 50 ohm Bnc
UHF SaTcoM: 50 ohm Bnc
Wideband: 50 ohm n-Type
RF-300M-V150
RF-300M-V250
RF-300M-V255


Similar Part No. - RF-300M-V150

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-300M-TV HARRIS-RF-300M-TV Datasheet
1Mb / 2P
FALCON III TRIMLINE VEHICULAR AMPLIFIER
More results

Similar Description - RF-300M-V150

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
ANVRC-110 HARRIS-ANVRC-110 Datasheet
216Kb / 2P
Dual 50-Watt SINCGARS Compatible multiband Vehicular System
RF-390 HARRIS-RF-390 Datasheet
371Kb / 2P
MULTIBAND VEHICULAR ANTENNA SERIES
RF-3183-AT0XX HARRIS-RF-3183-AT0XX Datasheet
260Kb / 2P
MULTIBAND VEHICULAR ANTENNA SERIES
RF-5800H-V006 HARRIS-RF-5800H-V006 Datasheet
244Kb / 2P
20 WATT HF/VHF VEHICULAR ADAPTER
RF-7800M-AD250 HARRIS-RF-7800M-AD250 Datasheet
996Kb / 2P
AN/PRC-117G DUAL CHANNEL ADAPTER PLATE FOR AN/VRC-103 50-WATT MULTIBAND VEHICULAR AMPLIFIER ADAPTER
RF-7800M-V150 HARRIS-RF-7800M-V150 Datasheet
2Mb / 2P
50-WATT MULTIBAND VEHICULAR AMPLIFIER ADAPTER
logo
Pulse A Technitrol Comp...
GPSLPMB403 PULSE-GPSLPMB403 Datasheet
3Mb / 41P
2xLTE, WIFI, GNSS MULTIBAND VEHICULAR ANTENNA
logo
Harris Corporation
RF-7850M-V511 HARRIS-RF-7850M-V511 Datasheet
166Kb / 2P
MULTIBAND NETWORKING VEHICULAR RADIO
logo
Ultralife Corporation.
A-305 ULTRALIFE-A-305 Datasheet
362Kb / 2P
50-Watt Multiband Amplifiers
25 MAR 2010 Rev A
A-3575 ULTRALIFE-A-3575 Datasheet
774Kb / 2P
75-Watt Multiband Amplifier
5/30/14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com