Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF46F-G Datasheet(PDF) 2 Page - Hongfa Technology

Part # HF46F-G
Description  SUBMINIATURE INTERMEDIATE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF46F-G Datasheet(HTML) 2 Page - Hongfa Technology

  HF46F-G Datasheet HTML 1Page - Hongfa Technology HF46F-G Datasheet HTML 2Page - Hongfa Technology HF46F-G Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
>
885<
/857<0
;4w858
/Dhmmhf ob^p0
/LKPCDP JCPFNHCI
=, C`SgO9
8HI, C`Nb
/LKPCDP MICPHKG
3, Ihe] ieZm^]
8HI, Nh `he] ieZm^]
/Dhmmhf ob^p0
>>
/Dhmmhf ob^p0
75:
75:
JH;=H4I6YY4JS8YY /XXX0
75:
w75;
:0
75?
>57
8090
/LHI RLIPCGF
:3 <3 =3 @3 893 8?3 9;VFE
JH;=H4I 6 89 4J
9;01;583 5829;7-=598
=SMF
/LKPCDP CNNCKGFJFKP 4, 8 Hhkf C
/LKOPNQDPHLK
<, PeZlmb\ l^Ze^]
9>=6581 05718<598<{ @5;583 05-3;-7 -80 :/ .9-;0 6-B9>=
Onmebg^ Fbf^glbhgl
Wbkbg` FbZ`kZf
T
S
I
PED LZrhnm
/XXX0
UgbmAff
8
=FNJHKCPHLK
~, mri^ 8
5KOQICPHLK OPCKECNE
2, EeZll H
8HI, EeZll D
H
2759
4757<
2758<
4758
2758<
4758
975<
;0 Hhk `he] ieZm^] mri^3 ma^ fbg5 lpbm\abg` \nkk^gm Zg] fbg5 lpbm\abg` ohemZ`^ bl 87fC <VFE5
8LPFO, 80 W^ ln``^lm mh \ahhl^ ieZlmb\ l^Ze^] mri^l Zg] oZeb]Zm^ bm bg k^Ze Ziieb\Zmbhg _hk Zg ng\e^Zg ^gobkhgf^gm /pbma \hgmZfbgZmbhgl
ebd^ J9S3 SO93NO93 ]nlm3 ^m\05
<MFDHCI DLEF<0
AAA, Enlmhf^k li^\bZe k^jnbk^f^gm
8HI, SmZg]Zk]
<0 Ta^ \nlmhf^k li^\bZe k^jnbk^f^gm ^qik^ll Zl li^\bZe \h]^ Z_m^k ^oZenZmbg` [r Jhg`_Z5
:0 Hhk ma^ ehZ]l pab\a \Zg [kbg` ab`a bgknla \nkk^gm pa^g k^eZr \hgmZ\ml \hgg^\m blmZgmer /^`5 eZfi3 \ZiZ\bmbo^ ehZ]03 C`SgO9 \hgmZ\m fZm^kbZe
bl k^\hff^g]^] hg ikbhkbmr5
90 EhgmZ\m bl k^\hff^g]^] _hk lnbmZ[e^ \hg]bmbhg Zg] li^\b_b\Zmbhgl b_ pZm^k \e^Zgbg` hk lnk_Z\^ ikh\^ll bl bgoheo^] bg Zll^f[ebg` k^eZrl
hg PED5


Similar Part No. - HF46F-G

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF46F-G HONGFA-HF46F-G Datasheet
56Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F-G HONGFA-HF46F-G_15 Datasheet
82Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
More results

Similar Description - HF46F-G

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF32FV HONGFA-HF32FV_17 Datasheet
64Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F_15 Datasheet
81Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF42F HONGFA-HF42F Datasheet
56Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF33F HONGFA-HF33F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF36F HONGFA-HF36F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF38F HONGFA-HF38F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HFE51 HONGFA-HFE51 Datasheet
1Mb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
logo
List of Unclassifed Man...
JZC-33F ETC-JZC-33F Datasheet
51Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF43F HONGFA-HF43F Datasheet
57Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
JE7 HONGFA-JE7 Datasheet
64Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F Datasheet
57Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com