Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF46F Datasheet(PDF) 3 Page - Hongfa Technology

Part # HF46F
Description  SUBMINIATURE INTERMEDIATE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF46F Datasheet(HTML) 3 Page - Hongfa Technology

  HF46F Datasheet HTML 1Page - Hongfa Technology HF46F Datasheet HTML 2Page - Hongfa Technology HF46F Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
.3,:,.<0:4;<4. .=:>0;
GNFURCNEG EURVG
EhgmZ\m Enkk^gm /C0
Fbl\eZbf^k
Ta^ li^\b_b\Zmbhg bl _hk k^_^k^g\^ hger5 S^^ mh ,T^kfbgheh`r Zg] Inb]^ebg^l, _hk fhk^ bg_hkfZmbhg5 Si^\b_b\Zmbhgl ln[c^\m mh \aZg`^ pbmahnm ghmb\^5
W^ \hne] ghm ^oZenZm^ Zee ma^ i^k_hkfZg\^ Zg] Zee ma^ iZkZf^m^kl _hk ^o^kr ihllb[e^ Ziieb\Zmbhg5 Tanl ma^ nl^k lahne] [^ bg Z kb`am ihlbmbhg mh
\ahhl^ ma^ lnbmZ[e^ ikh]n\m _hk ma^bk hpg Ziieb\Zmbhg5 K_ ma^k^ bl Zgr jn^kr3 ie^Zl^ \hgmZ\m Jhg`_Z _hk ma^ m^\agb\Ze l^kob\^5 Jhp^o^k3 bm bl ma^ nl^kxl
k^lihglb[bebmr mh ]^m^kfbg^ pab\a ikh]n\m lahne] [^ nl^] hger5
t XbZf^g Jhg`_Z Ge^\mkhZ\hnlmb\ Eh53 Lm]5 Cee kb`aml h_ Jhg`_Z Zk^ k^l^ko^]5
><
R^fZkdA80 Kg \Zl^ h_ gh mhe^kZg\^ lahpg bg hnmebg^ ]bf^glbhgAhnmebg^ ]bf^glbhg T8ff3 mhe^kZg\^ lahne] [^ u759ffB hnmebg^ ]bf^glbhg V8ff
Zg] T<ff3 mhe^kZg\^ lahne] [^ u75:ffB hnmebg^ ]bf^glbhg V<ff3 mhe^kZg\^ lahne] [^ u75;ff5
90 Ta^ mhe^kZg\^ pbmahnm bg]b\Zmbg` _hk PED eZrhnm bl ZepZrl u758ff5
78
877
87
97
<7
:
9;
=
<
8<
?
<
:
9<7VCE3 R^lblmbo^ ehZ]
C`Nb
C`SgO9
<ENO CKJDGOGKJN+
C`Nb3 Zm ?<
hE3 8l hg 8l h__3
C`SgO93Zm?<
hE3 :l hg :l h__
8=<5470 /4607;487;{ ?4:472 /4,2:,6 ,7/ 9. -8,:/ 5,A8=<
UgbmAff


Similar Part No. - HF46F

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF46F HONGFA-HF46F Datasheet
55Kb / 3P
   UBMINIATURE INTERMEDIATE POWER RELAY
HF46F-G HONGFA-HF46F-G Datasheet
57Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F-G HONGFA-HF46F-G Datasheet
56Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F-G/003-H1GXXX HONGFA-HF46F-G/003-H1GXXX Datasheet
57Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F-G/003-H1TGXXX HONGFA-HF46F-G/003-H1TGXXX Datasheet
57Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
More results

Similar Description - HF46F

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF32FV HONGFA-HF32FV_17 Datasheet
64Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F_15 Datasheet
81Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF42F HONGFA-HF42F Datasheet
56Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF33F HONGFA-HF33F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF36F HONGFA-HF36F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF38F HONGFA-HF38F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HFE51 HONGFA-HFE51 Datasheet
1Mb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
logo
List of Unclassifed Man...
JZC-33F ETC-JZC-33F Datasheet
51Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF43F HONGFA-HF43F Datasheet
57Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
JE7 HONGFA-JE7 Datasheet
64Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com