Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2314E-S Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT2314E-S
Description  Stereo Audio Processor for Home/TV Audio
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2314E-S Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT2314E-S Datasheet HTML 1Page - Princeton Technology Corp PT2314E-S Datasheet HTML 2Page - Princeton Technology Corp PT2314E-S Datasheet HTML 3Page - Princeton Technology Corp PT2314E-S Datasheet HTML 4Page - Princeton Technology Corp PT2314E-S Datasheet HTML 5Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Preliminary
PT2314E
Stereo Audio Processor for Home/TV Audio
Tel: 886-66296288Fax: 886-29174598http://www.princeton.com.tw2F, 233-1, Baociao Road, Sindian, Taipei 23145, Taiwan
DESCRIPTION
The PT2314E is an audio processor designed for
versatile application, includes 4 stereo input selector
with adjustable gain, master volume control with low
frequency loudness compensation, speaker output
attenuator and tone control. It is a good solution for the
home audio signal processing.
Due to the high reliability requirement from the audio
business, the PT2314E improves
both audio
performances and input surge current capability, these
causes the PT2314E is the best solution for the
cost-effective audio systems.
APPLICATIONS
• Flat Panel TV
• Home Audio System
• Powered Speaker System
FEATURES
• 4 stereo inputs with gain selection, range from 0dB
to +11.25dB in 3.75dB/step
• Master volume from 0 dB to -78.75dB in
1.25dB/step
• Speaker attenuator for balance, range from 0dB to
-38.75dB in 1.25dB/step
• Each channel output can be muted individually.
• Low frequency loudness compensation
• Bass and Treble control, range from -14dB to
+14dB in 2dB/step
• Wide operation range (VDD = 4V to 10V)
• Low harmonic distortion, low noise
• Improved and replace PT2314 and PT2314A
APPLICATION CIRCUIT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
REF
VDD
AGND
TREB_L
TREB_R
RIN
ROUT
LOUD_R
RIN3
RIN2
RIN1
LOUD_L
LIN3
LIN2
LIN1
LIN
LOUT
BOUT_L
BIN_L
BIN_R
BOUT_R
OUT_R
OUT_L
RIN4
LIN4
DGND
SDA
SCL
2.2uF
2.2uF
22uF
VDD
27n
27n
100n
100n
100n
100n
100n
100n
5.6K
5.6K
Front Left
Front Right
10uF
10uF
Power
Amplifier
MCU
PT2314E
2.2uF
2.2uF
2.2uF
2.2uF
2.2uF
2.2uF
AUDIO 1
AUDIO 2
AUDIO 3
2.2K
2.2K
2.2K
2.2K
2.2K
2.2K
L
L
L
R
R
R
Input Surge
Protection
2.2uF
2.2uF
AUDIO 4
2.2K
2.2K
L
R


Similar Part No. - PT2314E-S

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2314E-S PTC-PT2314E-S Datasheet
177Kb / 5P
   Stereo Audio Processor for Home/TV Audio
More results

Similar Description - PT2314E-S

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2315E PTC-PT2315E_10 Datasheet
172Kb / 5P
   Stereo Audio Processor for Home TV Audio
PT2315E PTC-PT2315E Datasheet
173Kb / 5P
   Stereo Audio Processor for Home TV Audio
PT2314E PTC-PT2314E_10 Datasheet
177Kb / 5P
   Stereo Audio Processor for Home/TV Audio
logo
Rohm
BD3870FS ROHM-BD3870FS Datasheet
215Kb / 6P
   Audio Sound Processor for home audio
BD3872FS ROHM-BD3872FS Datasheet
234Kb / 6P
   Audio Sound Processor for home audio
BD3873FS ROHM-BD3873FS Datasheet
214Kb / 6P
   Audio Sound Processor for home audio
BD3871FS ROHM-BD3871FS_1 Datasheet
218Kb / 6P
   Audio Sound Processor for home audio
BD3402KS2 ROHM-BD3402KS2 Datasheet
204Kb / 6P
   Audio Sound Processor for home audio
logo
Princeton Technology Co...
PT2313E PTC-PT2313E Datasheet
198Kb / 5P
   Stereo Audio Processor for Car Audio
PT7313E PTC-PT7313E Datasheet
379Kb / 16P
   Stereo Audio Processor for Car Audio
February 2010
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com