Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC7A-T1A Datasheet(PDF) 1 Page - MICORO CRYSTAL SWITZERLAND

Part # CC7A-T1A
Description  AT Crystal 24 MHz - 30 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

CC7A-T1A Datasheet(HTML) 1 Page - MICORO CRYSTAL SWITZERLAND

  CC7A-T1A Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND CC7A-T1A Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Version 1.2/04.2009
DIMENSIONS
CC7A-T1A
AT Crystal 24 MHz – 30 MHz
0,7
0,7
3,2
1,5
1,0
1,0
Package:
Recommended Solder Pad:
All dimensions in mm typical
DESCRIPTION:
This SMD ceramic package has been specially designed for small,
implantable medical, industrial, telecom and electronic applications.
All frequencies are generated in fundamental mode.
The crystals are supplied in special trays (200 crystals per tray).
For pick-and-place equipment, the parts are available in 12 mm tapes:
7” (178 mm) reel with 3’000 crystals
13” (330 mm) reel with 14’000 crystals
Suitable for implantable medical
applications
Small SMT ceramic package
Package height 0.9 mm
Fundamental mode frequencies
SMD-package in Tape and Reel
Ind. and Ext. temperature ranges
High stability, low ageing
High shock and vibration resistance
1) Other load capacitances on request; e.g. CL: 3.0 pF / 9.0 pF / 16.0 pF
2) Tighter and wider frequency tolerances on request; e.g. +/-20 ppm
3) Tighter thermal stability on request; e.g. +/-10 ppm from 0°C to +55°C
ELECTRICAL CHARACTERISTICS
AT 25oC:
Frequency Range
FL
24–30
MHz
Load capacitance
1)
CL
20.0
pF
Frequency tolerance at 25°C
2)
ΔF/F
+/-50
ppm
Frequency versus temperature 3)
B: –40°C to + 85°C
C: –55°C to +125°C
ΔF/F0
+/-50
+/-100
ppm
Drive level typ/max
P
100/250
μW
Insulation resistance min.
Ri
500
M
Ω
Frequency [MHz]
Rs[Ω]
typ/max
C1 [fF]
typ/max
Co [pF]
typ
24 to < 30
60/100
1/3
0.7
100% leadfree, RoHS - compliant


Similar Part No. - CC7A-T1A

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
CC7A-T1A MICROCRYSTAL-CC7A-T1A Datasheet
965Kb / 2P
AT-Cut Crystal 24 MHz ??50 MHz
logo
Golledge Electronics Lt...
CC7A-T1A GOLLEDGE-CC7A-T1A Datasheet
551Kb / 4P
Fundamental mode
logo
MICORO CRYSTAL SWITZERL...
CC7A-T1A MICROCRYSTAL-CC7A-T1A_17 Datasheet
965Kb / 2P
AT-Cut Crystal 24 MHz ??50 MHz
More results

Similar Description - CC7A-T1A

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
CC1A-T1A MICROCRYSTAL-CC1A-T1A Datasheet
222Kb / 2P
AT Crystal 8 MHz - 30 MHz
CC1F-T1A MICROCRYSTAL-CC1F-T1A Datasheet
218Kb / 2P
Inverted Mesa AT Crystal 30 MHz - 250 MHz
CC6F-T1A MICROCRYSTAL-CC6F-T1A Datasheet
197Kb / 2P
Inverted Mesa AT Crystal 30 MHz - 250 MHz
CC1A-T1AH MICROCRYSTAL-CC1A-T1AH Datasheet
1Mb / 2P
AT Crystal 8 MHz -24 MHz
CC6A-T1AH MICROCRYSTAL-CC6A-T1AH Datasheet
585Kb / 2P
AT Crystal 16 MHz - 40 MHz
CC1A-T1A MICROCRYSTAL-CC1A-T1A_17 Datasheet
784Kb / 2P
AT Crystal 8 MHz ??30 MHz
CC1A-T1AH MICROCRYSTAL-CC1A-T1AH_17 Datasheet
782Kb / 2P
AT Crystal 8 MHz ??24 MHz
CC1F-T1A MICROCRYSTAL-CC1F-T1A_17 Datasheet
782Kb / 2P
Inverted Mesa AT Crystal 30 MHz ??250 MHz
CC7A-T1A MICROCRYSTAL-CC7A-T1A_17 Datasheet
965Kb / 2P
AT-Cut Crystal 24 MHz ??50 MHz
CC8A-T1A MICROCRYSTAL-CC8A-T1A_17 Datasheet
1,010Kb / 2P
AT-Cut Crystal 24 MHz ??50 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com