Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC7A-T1A Datasheet(PDF) 2 Page - MICORO CRYSTAL SWITZERLAND

Part # CC7A-T1A
Description  AT Crystal 24 MHz - 30 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

CC7A-T1A Datasheet(HTML) 2 Page - MICORO CRYSTAL SWITZERLAND

  CC7A-T1A Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND CC7A-T1A Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version 1.2/04.2009
Micro Crystal AG
Tel.
+41 32 655 82 82
Mühlestrasse 14
Fax
+41 32 655 82 83
CH-2540 Grenchen
sales@microcrystal.ch
Switzerland
www.microcrystal.com
ENVIRONMENTAL
CHARACTERISTICS:
Conditions
Max.
Dev.
[ppm]
Storage temp. range
–55 to +125°C
B - Industrial operating temp. range
–40 to +85°C
C - Extended operating temp. range
–55 to +125°C
Shock resistance
ΔF/F 5000 g, 0.3 ms, ½ sine
+/-5
Vibration resistance
ΔF/F
20 g / 10–2000 Hz
+/-5
TERMINATIONS AND
PROCESSING:
Type
Termination
Processing
CC1A-T1A
For SMD mounting
Au flashed pads
Reflow soldering
260°C / 20 s max.
CC1A-T3A
For SMD mounting
Sn/Ag/Cu plated
Reflow soldering
260°C / 20 s max.
PART NUMBER/
ORDERING INFORMATION
EXAMPLE:
Operating Temperature Range
B = -40°C to +85°C Industrial
C = -55°C to +125°C Extended
S = custom specification
Package pad form
A = Pads on both ends
Pad plating
1 = Au flashed pads
3 = Sn/Ag/Cu plated
Package type
T = For SMD mounting
C C 7 A - T 1 A 26.0 MHz 20.0 pF +/-50 ppm
B
All specifications subject to change without notice.
04.09
Crystal package
C = Crystal in ceramic
package
Package lid
C = Ceramic lid
Package size
1 = 8.0 x 3.7 x 1.75 mm
Blank
A = AT
Frequency
MHz
24.0000
25.0000
26.0000
26.5000
Other frequencies between
24 MHz and 30 MHz on request
STANDARD FREQUENCIES:
Frequency FL
Frequency
tolerance
Load capacitance CL
SCREENING:
Medical, Automotive and Avionics testing available on request


Similar Part No. - CC7A-T1A

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
CC7A-T1A MICROCRYSTAL-CC7A-T1A Datasheet
965Kb / 2P
AT-Cut Crystal 24 MHz ??50 MHz
logo
Golledge Electronics Lt...
CC7A-T1A GOLLEDGE-CC7A-T1A Datasheet
551Kb / 4P
Fundamental mode
logo
MICORO CRYSTAL SWITZERL...
CC7A-T1A MICROCRYSTAL-CC7A-T1A_17 Datasheet
965Kb / 2P
AT-Cut Crystal 24 MHz ??50 MHz
More results

Similar Description - CC7A-T1A

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
CC1A-T1A MICROCRYSTAL-CC1A-T1A Datasheet
222Kb / 2P
AT Crystal 8 MHz - 30 MHz
CC1F-T1A MICROCRYSTAL-CC1F-T1A Datasheet
218Kb / 2P
Inverted Mesa AT Crystal 30 MHz - 250 MHz
CC6F-T1A MICROCRYSTAL-CC6F-T1A Datasheet
197Kb / 2P
Inverted Mesa AT Crystal 30 MHz - 250 MHz
CC1A-T1AH MICROCRYSTAL-CC1A-T1AH Datasheet
1Mb / 2P
AT Crystal 8 MHz -24 MHz
CC6A-T1AH MICROCRYSTAL-CC6A-T1AH Datasheet
585Kb / 2P
AT Crystal 16 MHz - 40 MHz
CC1A-T1A MICROCRYSTAL-CC1A-T1A_17 Datasheet
784Kb / 2P
AT Crystal 8 MHz ??30 MHz
CC1A-T1AH MICROCRYSTAL-CC1A-T1AH_17 Datasheet
782Kb / 2P
AT Crystal 8 MHz ??24 MHz
CC1F-T1A MICROCRYSTAL-CC1F-T1A_17 Datasheet
782Kb / 2P
Inverted Mesa AT Crystal 30 MHz ??250 MHz
CC7A-T1A MICROCRYSTAL-CC7A-T1A_17 Datasheet
965Kb / 2P
AT-Cut Crystal 24 MHz ??50 MHz
CC8A-T1A MICROCRYSTAL-CC8A-T1A_17 Datasheet
1,010Kb / 2P
AT-Cut Crystal 24 MHz ??50 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com