Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBD52RC8AKFA Datasheet(PDF) 7 Page - Elpida Memory

Part # EBD52RC8AKFA
Description  512MB Registered DDR SDRAM DIMM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBD52RC8AKFA Datasheet(HTML) 7 Page - Elpida Memory

Back Button EBD52RC8AKFA Datasheet HTML 3Page - Elpida Memory EBD52RC8AKFA Datasheet HTML 4Page - Elpida Memory EBD52RC8AKFA Datasheet HTML 5Page - Elpida Memory EBD52RC8AKFA Datasheet HTML 6Page - Elpida Memory EBD52RC8AKFA Datasheet HTML 7Page - Elpida Memory EBD52RC8AKFA Datasheet HTML 8Page - Elpida Memory EBD52RC8AKFA Datasheet HTML 9Page - Elpida Memory EBD52RC8AKFA Datasheet HTML 10Page - Elpida Memory EBD52RC8AKFA Datasheet HTML 11Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
EBD52RC8AKFA
Preliminary Data Sheet E0375E10 (Ver. 1.0)
7
Block Diagram
DM0/DQS9
RS
DQS0
RS
DQ0 to DQ7
8
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
VDD
D0 to D17
D0 to D17
D0 to D17
VSS
VREF
VDDID
open
/CS0
/CS1
BA0 to BA1
A0 to A12
/RAS
/CAS
CKE0
CKE1
/WE
/RCS0 -> /CS: SDRAMs D0 to D8
/RCS1 -> /CS: SDRAMs D9 to D17
RBA0 to RBA1 -> BA0 to BA1: SDRAMs D0 to D17
RA0 to RA12 -> A0 to A12: SDRAMs D0 to D17
/RRAS -> /RAS: SDRAMs D0 to D17
/RCAS -> /CAS: SDRAMs D0 to D17
RCKE0 -> CKE: SDRAMs D0 to D8
RCKE1 -> CKE: SDRAMs D9 to D17
/RWE -> /WE: SDRAMs D0 to D17
R
E
G
I
S
T
E
R
PCK
/PCK
CK0, /CK0
PLL*
/RESET
Note: Wire per Clock loading table/Wiring diagrams.
DM
DQS
I/O0 to
I/O7
/CS
D0
DM
DQS
I/O0 to
I/O7
/CS
D9
DM1/DQS10
RS
DQS1
RS
DQ8 to DQ15
8
RS
DM
DQS
I/O0 to
I/O7
/CS
D1
DM
DQS
I/O0 to
I/O7
/CS
D10
DM2/DQS11
RS
DQS2
RS
DQ16 to DQ23
8
RS
DM
DQS
I/O0 to
I/O7
/CS
D2
DM
DQS
I/O0 to
I/O7
/CS
D11
DM3/DQS12
RS
DQS3
RS
DQ24 to DQ31
8
RS
DM
DQS
I/O0 to
I/O7
/CS
D3
DM
DQS
I/O0 to
I/O7
/CS
D12
DM4/DQS13
RS
DQS4
RS
DQ32 to DQ39
8
RS
DM
DQS
I/O0 to
I/O7
/CS
D4
DM
DQS
I/O0 to
I/O7
/CS
D13
DM5/DQS14
RS
DQS5
RS
DQ40 to DQ47
8
RS
DM
DQS
I/O0 to
I/O7
/CS
D5
DM
DQS
I/O0 to
I/O7
/CS
D14
DM6/DQS15
RS
DQS6
RS
DQ48 to DQ55
8
RS
DM
DQS
I/O0 to
I/O7
/CS
D6
DM
DQS
I/O0 to
I/O7
/CS
D15
DM7/DQS16
RS
DQS7
RS
DQ56 to DQ63
8
RS
DM
DQS
I/O0 to
I/O7
/CS
D7
DM
DQS
I/O0 to
I/O7
/CS
D16
DM8/DQS17
RS
DQS8
RS
CB0 to CB7
8
RS
DM
DQS
I/O0 to
I/O7
/CS
D8
DM
DQS
I/O0 to
I/O7
/CS
D17
/RCS0
/RCS1
* D0 to D17: 256M bits DDR SDRAM
U0: 2k bits EEPROM
RS: 22Ω
PLL: CDCV857
Register: SSTV16857
Serial PD
SDA
A0
A1
A2
SA0
SA1
SA2
SCL
SCL
U0
SDA
Notes:
1. The SDA pull-up resistor is required due to
the open-drain/open-collector output.
2. The SCL pull-up resistor is recommended
because of the normal SCL line inacitve
"high" state.


Similar Part No. - EBD52RC8AKFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD52EC8AAFA ELPIDA-EBD52EC8AAFA Datasheet
187Kb / 18P
512MB Unbuffered DDR SDRAM DIMM
EBD52EC8AAFA-6B ELPIDA-EBD52EC8AAFA-6B Datasheet
185Kb / 17P
512MB Unbuffered DDR SDRAM DIMM
EBD52EC8AAFA-7B ELPIDA-EBD52EC8AAFA-7B Datasheet
187Kb / 18P
512MB Unbuffered DDR SDRAM DIMM
EBD52EC8AJFA ELPIDA-EBD52EC8AJFA Datasheet
197Kb / 19P
512MB Unbuffered DDR SDRAM
EBD52EC8AJFA-6B ELPIDA-EBD52EC8AJFA-6B Datasheet
197Kb / 19P
512MB Unbuffered DDR SDRAM
More results

Similar Description - EBD52RC8AKFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB54A5129F1U-B75B ELPIDA-HB54A5129F1U-B75B Datasheet
189Kb / 16P
512MB Registered DDR SDRAM DIMM
HB54A5129F1 ELPIDA-HB54A5129F1 Datasheet
165Kb / 16P
512MB Registered DDR SDRAM DIMM
EBD51RC4AAFA ELPIDA-EBD51RC4AAFA Datasheet
197Kb / 17P
512MB Registered DDR SDRAM DIMM
HB54A5129F1U ELPIDA-HB54A5129F1U Datasheet
186Kb / 16P
512MB Registered DDR SDRAM DIMM
HB54A5129F1-B75B ELPIDA-HB54A5129F1-B75B Datasheet
179Kb / 16P
512MB Registered DDR SDRAM DIMM
EBD51RD8ABFA ELPIDA-EBD51RD8ABFA Datasheet
196Kb / 19P
512MB Registered DDR SDRAM DIMM
HB54A2569F1U ELPIDA-HB54A2569F1U Datasheet
200Kb / 17P
256MB, 512MB Registered DDR SDRAM DIMM
HB54A2569F1 ELPIDA-HB54A2569F1 Datasheet
190Kb / 17P
256MB, 512MB Registered DDR SDRAM DIMM
EBS51RC4ACFC ELPIDA-EBS51RC4ACFC Datasheet
143Kb / 15P
512MB Registered SDRAM DIMM
logo
List of Unclassifed Man...
SDU06464B5B61MT-50R ETC2-SDU06464B5B61MT-50R Datasheet
206Kb / 12P
512MB DDR ??SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com