Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBD52RC8AKFA Datasheet(PDF) 5 Page - Elpida Memory

Part # EBD52RC8AKFA
Description  512MB Registered DDR SDRAM DIMM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBD52RC8AKFA Datasheet(HTML) 5 Page - Elpida Memory

  EBD52RC8AKFA Datasheet HTML 1Page - Elpida Memory EBD52RC8AKFA Datasheet HTML 2Page - Elpida Memory EBD52RC8AKFA Datasheet HTML 3Page - Elpida Memory EBD52RC8AKFA Datasheet HTML 4Page - Elpida Memory EBD52RC8AKFA Datasheet HTML 5Page - Elpida Memory EBD52RC8AKFA Datasheet HTML 6Page - Elpida Memory EBD52RC8AKFA Datasheet HTML 7Page - Elpida Memory EBD52RC8AKFA Datasheet HTML 8Page - Elpida Memory EBD52RC8AKFA Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
EBD52RC8AKFA
Preliminary Data Sheet E0375E10 (Ver. 1.0)
5
Serial PD Matrix*
1
Byte No.
Function described
Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 Hex value
Comments
0
Number of bytes utilized by module
manufacturer
1
0
0
0
0
0
0
0
80H
128
1
Total number of bytes in serial PD
device
0
0
0
0
1
0
0
0
08H
256 byte
2
Memory type
0
0
0
0
0
1
1
1
07H
SDRAM DDR
3
Number of row address
0
0
0
0
1
1
0
1
0DH
13
4
Number of column address
0
0
0
0
1
0
1
0
0AH
10
5
Number of DIMM ranks
0
0
0
0
0
0
1
0
02H
2
6
Module data width
0
1
0
0
1
0
0
0
48H
72 bits
7
Module data width continuation
0
0
0
0
0
0
0
0
00H
0 (+)
8
Voltage interface level of this assembly 0
0
0
0
0
1
0
0
04H
SSTL 2.5V
9
DDR SDRAM cycle time, CL = X
0
1
1
0
0
0
0
0
60H
CL = 2.5*
3
10
SDRAM access from clock (tAC)
0
1
1
1
0
0
0
0
70H
0.70ns*
3
11
DIMM configuration type
0
0
0
0
0
0
1
0
02H
ECC
12
Refresh rate/type
1
0
0
0
0
0
1
0
82H
7.8 µs
Self refresh
13
Primary SDRAM width
0
0
0
0
1
0
0
0
08H
× 8
14
Error checking SDRAM width
0
0
0
0
1
0
0
0
08H
× 8
15
SDRAM device attributes:
Minimum clock delay back-to-back
column access
0
0
0
0
0
0
0
1
01H
1 CLK
16
SDRAM device attributes:
Burst length supported
0
0
0
0
1
1
1
0
0EH
2, 4, 8
17
SDRAM device attributes: Number of
banks on SDRAM device
0
0
0
0
0
1
0
0
04H
4
18
SDRAM device attributes:
/CAS latency
0
0
0
0
1
1
0
0
0CH
2, 2.5
19
SDRAM device attributes:
/CS latency
0
0
0
0
0
0
0
1
01H
0
20
SDRAM device attributes:
/WE latency
0
0
0
0
0
0
1
0
02H
1
21
SDRAM module attributes
0
0
1
0
0
1
1
0
26H
Registered
22
SDRAM device attributes: General
1
1
0
0
0
0
0
0
C0H
± 0.2V
23
Minimum clock cycle time at CLX - 0.5 0
1
1
1
0
1
0
1
75H
CL = 2*
3
24
Maximum data access time (tAC) from
clock at CLX - 0.5
0
1
1
1
0
0
0
0
70H
0.70ns*
3
25
Minimum clock cycle time at CLX - 1
0
0
0
0
0
0
0
0
00H
26
Maximum data access time (tAC) from
clock at CLX - 1
0
0
0
0
0
0
0
0
00H
27
Minimum row precharge time (tRP)
-6B
0
1
0
0
1
0
0
0
48H
18ns
28
Minimum row active to row active
delay (tRRD)
0
0
1
1
0
0
0
0
30H
12ns
29
Minimum /RAS to /CAS delay (tRCD)
0
1
0
0
1
0
0
0
48H
18ns
30
Minimum active to precharge time
(tRAS)
0
0
1
0
1
0
1
0
2AH
42ns
31
Module rank density
0
1
0
0
0
0
0
0
40H
2 ranks
256MB
32
Address and command setup time
before clock (tIS)
0
1
1
1
0
1
0
1
75H
0.75ns*
3
33
Address and command hold time after
clock (tIH)
0
1
1
1
0
1
0
1
75H
0.75ns*
3


Similar Part No. - EBD52RC8AKFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD52EC8AAFA ELPIDA-EBD52EC8AAFA Datasheet
187Kb / 18P
   512MB Unbuffered DDR SDRAM DIMM
EBD52EC8AAFA-6B ELPIDA-EBD52EC8AAFA-6B Datasheet
185Kb / 17P
   512MB Unbuffered DDR SDRAM DIMM
EBD52EC8AAFA-7B ELPIDA-EBD52EC8AAFA-7B Datasheet
187Kb / 18P
   512MB Unbuffered DDR SDRAM DIMM
EBD52EC8AJFA ELPIDA-EBD52EC8AJFA Datasheet
197Kb / 19P
   512MB Unbuffered DDR SDRAM
EBD52EC8AJFA-6B ELPIDA-EBD52EC8AJFA-6B Datasheet
197Kb / 19P
   512MB Unbuffered DDR SDRAM
More results

Similar Description - EBD52RC8AKFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB54A5129F1U-B75B ELPIDA-HB54A5129F1U-B75B Datasheet
189Kb / 16P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1 ELPIDA-HB54A5129F1 Datasheet
165Kb / 16P
   512MB Registered DDR SDRAM DIMM
EBD51RC4AAFA ELPIDA-EBD51RC4AAFA Datasheet
197Kb / 17P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1U ELPIDA-HB54A5129F1U Datasheet
186Kb / 16P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1-B75B ELPIDA-HB54A5129F1-B75B Datasheet
179Kb / 16P
   512MB Registered DDR SDRAM DIMM
EBD51RD8ABFA ELPIDA-EBD51RD8ABFA Datasheet
196Kb / 19P
   512MB Registered DDR SDRAM DIMM
HB54A2569F1U ELPIDA-HB54A2569F1U Datasheet
200Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
HB54A2569F1 ELPIDA-HB54A2569F1 Datasheet
190Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
EBS51RC4ACFC ELPIDA-EBS51RC4ACFC Datasheet
143Kb / 15P
   512MB Registered SDRAM DIMM
logo
List of Unclassifed Man...
SDU06464B5B61MT-50R ETC2-SDU06464B5B61MT-50R Datasheet
206Kb / 12P
   512MB DDR ??SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com