Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBD51RC4AAFA Datasheet(PDF) 14 Page - Elpida Memory

Part # EBD51RC4AAFA
Description  512MB Registered DDR SDRAM DIMM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBD51RC4AAFA Datasheet(HTML) 14 Page - Elpida Memory

Back Button EBD51RC4AAFA Datasheet HTML 9Page - Elpida Memory EBD51RC4AAFA Datasheet HTML 10Page - Elpida Memory EBD51RC4AAFA Datasheet HTML 11Page - Elpida Memory EBD51RC4AAFA Datasheet HTML 12Page - Elpida Memory EBD51RC4AAFA Datasheet HTML 13Page - Elpida Memory EBD51RC4AAFA Datasheet HTML 14Page - Elpida Memory EBD51RC4AAFA Datasheet HTML 15Page - Elpida Memory EBD51RC4AAFA Datasheet HTML 16Page - Elpida Memory EBD51RC4AAFA Datasheet HTML 17Page - Elpida Memory  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
EBD10RD4ABFA
Preliminary Data Sheet E0274E40 (Ver. 4.0)
14
Timing Parameter Measured in Clock Cycle for Registered DIMM
Number of clock cycle
tCK
6ns
7.5ns
Parameter
Symbol
min.
max.
min.
max.
Unit
Write to pre-charge command delay
(same bank)
tWPD
4 + BL/2
3 + BL/2
tCK
Read to pre-charge command delay
(same bank)
tRPD
BL/2
BL/2
tCK
Write to read command delay
(to input all data)
tWRD
2 + BL/2
2 + BL/2
tCK
Burst stop command to write command delay
(CL = 3)
tBSTW
2
tCK
(CL = 3.5)
tBSTW
3
3
tCK
Burst stop command to DQ High-Z
(CL = 3)
tBSTZ
3
3
tCK
(CL = 3.5)
tBSTZ
3.5
3.5
3.5
3.5
tCK
Read command to write command delay
(to output all data)
(CL = 3)
tRWD
2 + BL/2
tCK
(CL = 3.5)
tRWD
3 + BL/2
3 + BL/2
tCK
Pre-charge command to High-Z
(CL = 3)
tHZP
3
3
tCK
(CL = 3.5)
tHZP
3.5
3.5
3.5
3.5
tCK
Write command to data in latency
tWCD
2
2
2
tCK
Write recovery
tWR
2
1
tCK
Register set command to active or register
set command
tMRD
2
2
tCK
Self refresh exit to non-read command
tSNR
12
10
tCK
Self refresh exit to read command
tSRD
200
200
tCK
Power down entry
tPDEN
1
1
1
1
tCK
Power down exit to command input
tPDEX
1
1
tCK


Similar Part No. - EBD51RC4AAFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD51RC4AKFA ELPIDA-EBD51RC4AKFA Datasheet
198Kb / 19P
   512MB Registered DDR SDRAM DIMM (64M words X 72 bits, 1 Rank)
EBD51RC4AKFA-6B ELPIDA-EBD51RC4AKFA-6B Datasheet
198Kb / 19P
   512MB Registered DDR SDRAM DIMM (64M words X 72 bits, 1 Rank)
EBD51RC4AKFA-6B-E ELPIDA-EBD51RC4AKFA-6B-E Datasheet
209Kb / 19P
   512MB Registered DDR SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBD51RC4AKFA-7A ELPIDA-EBD51RC4AKFA-7A Datasheet
198Kb / 19P
   512MB Registered DDR SDRAM DIMM (64M words X 72 bits, 1 Rank)
EBD51RC4AKFA-7A-E ELPIDA-EBD51RC4AKFA-7A-E Datasheet
209Kb / 19P
   512MB Registered DDR SDRAM DIMM (64M words x 72 bits, 1 Rank)
More results

Similar Description - EBD51RC4AAFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD52RC8AKFA ELPIDA-EBD52RC8AKFA Datasheet
184Kb / 18P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1U-B75B ELPIDA-HB54A5129F1U-B75B Datasheet
189Kb / 16P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1 ELPIDA-HB54A5129F1 Datasheet
165Kb / 16P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1U ELPIDA-HB54A5129F1U Datasheet
186Kb / 16P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1-B75B ELPIDA-HB54A5129F1-B75B Datasheet
179Kb / 16P
   512MB Registered DDR SDRAM DIMM
EBD51RD8ABFA ELPIDA-EBD51RD8ABFA Datasheet
196Kb / 19P
   512MB Registered DDR SDRAM DIMM
HB54A2569F1U ELPIDA-HB54A2569F1U Datasheet
200Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
HB54A2569F1 ELPIDA-HB54A2569F1 Datasheet
190Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
EBS51RC4ACFC ELPIDA-EBS51RC4ACFC Datasheet
143Kb / 15P
   512MB Registered SDRAM DIMM
logo
List of Unclassifed Man...
SDU06464B5B61MT-50R ETC2-SDU06464B5B61MT-50R Datasheet
206Kb / 12P
   512MB DDR ??SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com