Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS1232ECBH-9ATT Datasheet(PDF) 4 Page - Elpida Memory

Part # EDS1232ECBH-9ATT
Description  128M bits SDRAM 128M bits SDRAM
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS1232ECBH-9ATT Datasheet(HTML) 4 Page - Elpida Memory

  EDS1232ECBH-9ATT Datasheet HTML 1Page - Elpida Memory EDS1232ECBH-9ATT Datasheet HTML 2Page - Elpida Memory EDS1232ECBH-9ATT Datasheet HTML 3Page - Elpida Memory EDS1232ECBH-9ATT Datasheet HTML 4Page - Elpida Memory EDS1232ECBH-9ATT Datasheet HTML 5Page - Elpida Memory EDS1232ECBH-9ATT Datasheet HTML 6Page - Elpida Memory EDS1232ECBH-9ATT Datasheet HTML 7Page - Elpida Memory EDS1232ECBH-9ATT Datasheet HTML 8Page - Elpida Memory EDS1232ECBH-9ATT Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
EDS1232ECBH-9ATT
Preliminary Data Sheet E0878E10 (Ver. 1.0)
4
Electrical Specifications
• All voltages are referenced to VSS (GND).
• After power up, execute power up sequence and initialization sequence before proper device operation is achieved
(refer to the Power up sequence).
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Note
Voltage on any pin relative to VSS
VT
–0.5 to VDD +0.3 (≤ 2.4 max.)
V
Supply voltage relative to VSS
VDD
–0.5 to +2.4
V
Short circuit output current
IOS
50
mA
Power dissipation
PD
1.0
W
Operating ambient temperature
TA
–20 to +85
°C
Storage temperature
Tstg
–55 to +125
°C
Caution
Exposing the device to stress above those listed in Absolute Maximum Ratings could cause
permanent damage. The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
Recommended DC Operating Conditions (TA = –20
°C to +85°C)
Parameter
Symbol
min.
max.
Unit
Notes
Supply voltage
VDD, VDDQ
1.7
1.9
V
1
VSS, VSSQ
0
0
V
2
Input high voltage
VIH
0.8
× VDD
VDD + 0.3
V
3
Input low voltage
VIL
–0.3
0.3
V
4
Notes: 1. The supply voltage with all VDD and VDDQ pins must be on the same level.
2. The supply voltage with all VSS and VSSQ pins must be on the same level.
3. The peak of VIH = VDD + 0.5V (pulse width at VIH (max.) ≤ 3ns).
4. The bottom of VIL = VSS – 1.0V (pulse width at VIL (min.) ≤ 3ns).


Similar Part No. - EDS1232ECBH-9ATT

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1232ECBH-9A ELPIDA-EDS1232ECBH-9A Datasheet
739Kb / 50P
   128M bits SDRAM
EDS1232ECBH-9A-E ELPIDA-EDS1232ECBH-9A-E Datasheet
739Kb / 50P
   128M bits SDRAM
More results

Similar Description - EDS1232ECBH-9ATT

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1216AHTA ELPIDA-EDS1216AHTA Datasheet
619Kb / 50P
   128M bits SDRAM
EDS1232AATA ELPIDA-EDS1232AATA Datasheet
644Kb / 53P
   128M bits SDRAM
EDS1232AABB ELPIDA-EDS1232AABB Datasheet
566Kb / 55P
   128M bits SDRAM
EDS1208AATA ELPIDA-EDS1208AATA Datasheet
723Kb / 49P
   128M bits SDRAM
EDS1232ECBH-75 ELPIDA-EDS1232ECBH-75 Datasheet
739Kb / 50P
   128M bits SDRAM
EDS1232JCBH-6B ELPIDA-EDS1232JCBH-6B Datasheet
738Kb / 50P
   128M bits SDRAM
EDS1232AHTA ELPIDA-EDS1232AHTA Datasheet
628Kb / 50P
   128M bits SDRAM
EDS1232ECBH-9A ELPIDA-EDS1232ECBH-9A Datasheet
739Kb / 50P
   128M bits SDRAM
EDS1232JHTA ELPIDA-EDS1232JHTA Datasheet
743Kb / 50P
   128M bits SDRAM
EDS1216AATA ELPIDA-EDS1216AATA Datasheet
702Kb / 49P
   128M bits SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com