![]() |
Electronic Components Datasheet Search |
|
EDS1232ECBH-9ATT Datasheet(PDF) 26 Page - Elpida Memory |
|
|
EDS1232ECBH-9ATT Datasheet(HTML) 26 Page - Elpida Memory |
26 / 50 page ![]() EDS1232ECBH-9ATT Preliminary Data Sheet E0878E10 (Ver. 1.0) 26 Write operation Burst write or single write mode is selected by the OPCODE of the mode register. 1. Burst write: A burst write operation is enabled by setting OPCODE (A9, A8) to (0, 0). A burst write starts in the same clock as a write command set. (The latency of data input is 0 clock.) The burst length can be set to 1, 2, 4 and 8, like burst read operations. The write start address is specified by the column address and the bank select address at the write command set cycle. WRIT CLK Command DQ ACT Row Column in 0 in 6 in 7 Address in 1 in 4 in 5 in 3 BL = 1 BL = 2 BL = 4 BL = 8 tRCD in 0 in 0 in 0 in 1 in 1 in 2 in 2 in 3 CL = 2, 3 Burst write 2. Single write: A single write operation is enabled by setting OPCODE (A9, A8) to (1, 0). In a single write operation, data is only written to the column address and the bank select address specified by the write command set cycle without regard to the burst length setting. (The latency of data input is 0 clock). WRIT CLK Command DQ ACT Row Column in 0 Address tRCD Single write |
Similar Part No. - EDS1232ECBH-9ATT |
|
Similar Description - EDS1232ECBH-9ATT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |