Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS1232ECBH-9ATT Datasheet(PDF) 2 Page - Elpida Memory

Part # EDS1232ECBH-9ATT
Description  128M bits SDRAM 128M bits SDRAM
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS1232ECBH-9ATT Datasheet(HTML) 2 Page - Elpida Memory

  EDS1232ECBH-9ATT Datasheet HTML 1Page - Elpida Memory EDS1232ECBH-9ATT Datasheet HTML 2Page - Elpida Memory EDS1232ECBH-9ATT Datasheet HTML 3Page - Elpida Memory EDS1232ECBH-9ATT Datasheet HTML 4Page - Elpida Memory EDS1232ECBH-9ATT Datasheet HTML 5Page - Elpida Memory EDS1232ECBH-9ATT Datasheet HTML 6Page - Elpida Memory EDS1232ECBH-9ATT Datasheet HTML 7Page - Elpida Memory EDS1232ECBH-9ATT Datasheet HTML 8Page - Elpida Memory EDS1232ECBH-9ATT Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
EDS1232ECBH-9ATT
Preliminary Data Sheet E0878E10 (Ver. 1.0)
2
Ordering Information
Part number
Supply
voltage
Organization
(words
× bits) Internal Banks
Clock frequency
MHz (max.)
/CAS latency
Package
EDS1232ECBH-9ATT-E 1.8V
4M
× 32
4
111
2, 3
90-ball FBGA
Part Number
Environment Code
E: Lead Free
Elpida Memory
Density / Bank
12: 128M/4-bank
Organization
32: x32
Power Supply Interface
E: 1.8V, LVCMOS
Die Rev.
Package
BH: FBGA (Board Type)
Speed
9A: 111MHz/CL2, CL3
Product Family
S: SDRAM
Type
D: Monolithic Device
E D S 12 32 E C BH - 9A TT - E
Spec. Detail
TT: WTR (
−20 to +85˚C)


Similar Part No. - EDS1232ECBH-9ATT

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1232ECBH-9A ELPIDA-EDS1232ECBH-9A Datasheet
739Kb / 50P
   128M bits SDRAM
EDS1232ECBH-9A-E ELPIDA-EDS1232ECBH-9A-E Datasheet
739Kb / 50P
   128M bits SDRAM
More results

Similar Description - EDS1232ECBH-9ATT

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1216AHTA ELPIDA-EDS1216AHTA Datasheet
619Kb / 50P
   128M bits SDRAM
EDS1232AATA ELPIDA-EDS1232AATA Datasheet
644Kb / 53P
   128M bits SDRAM
EDS1232AABB ELPIDA-EDS1232AABB Datasheet
566Kb / 55P
   128M bits SDRAM
EDS1208AATA ELPIDA-EDS1208AATA Datasheet
723Kb / 49P
   128M bits SDRAM
EDS1232ECBH-75 ELPIDA-EDS1232ECBH-75 Datasheet
739Kb / 50P
   128M bits SDRAM
EDS1232JCBH-6B ELPIDA-EDS1232JCBH-6B Datasheet
738Kb / 50P
   128M bits SDRAM
EDS1232AHTA ELPIDA-EDS1232AHTA Datasheet
628Kb / 50P
   128M bits SDRAM
EDS1232ECBH-9A ELPIDA-EDS1232ECBH-9A Datasheet
739Kb / 50P
   128M bits SDRAM
EDS1232JHTA ELPIDA-EDS1232JHTA Datasheet
743Kb / 50P
   128M bits SDRAM
EDS1216AATA ELPIDA-EDS1216AATA Datasheet
702Kb / 49P
   128M bits SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com