Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS1232ECBH-9ATT Datasheet(PDF) 8 Page - Elpida Memory

Part # EDS1232ECBH-9ATT
Description  128M bits SDRAM 128M bits SDRAM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS1232ECBH-9ATT Datasheet(HTML) 8 Page - Elpida Memory

Back Button EDS1232ECBH-9ATT Datasheet HTML 4Page - Elpida Memory EDS1232ECBH-9ATT Datasheet HTML 5Page - Elpida Memory EDS1232ECBH-9ATT Datasheet HTML 6Page - Elpida Memory EDS1232ECBH-9ATT Datasheet HTML 7Page - Elpida Memory EDS1232ECBH-9ATT Datasheet HTML 8Page - Elpida Memory EDS1232ECBH-9ATT Datasheet HTML 9Page - Elpida Memory EDS1232ECBH-9ATT Datasheet HTML 10Page - Elpida Memory EDS1232ECBH-9ATT Datasheet HTML 11Page - Elpida Memory EDS1232ECBH-9ATT Datasheet HTML 12Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
EDS1232ECBH-9ATT
Preliminary Data Sheet E0878E10 (Ver. 1.0)
8
Test Conditions
• Input and output timing reference levels: VDDQ × 0.5
• Input waveform and output load: See following figures
tT
1.6V
1.4V
0.3V
0.2V
input
tT
I/O
CL
Output load
Relationship Between Frequency and Minimum Latency
Parameter
-9A
Frequency (MHz)
111
tCK (ns)
Symbol
9
Unit
Notes
Active command to column command
(same bank)
lRCD
2
tCK
1
Active command to active command
(same bank)
lRC
8
tCK
1
Active command to precharge command
(same bank)
lRAS
6
tCK
1
Precharge command to active command
(same bank)
lRP
2
tCK
1
Write recovery or data-in to precharge command
(same bank)
lDPL
2
tCK
1
Active command to active command
(different bank)
lRRD
2
tCK
1
Self refresh exit time
lSREX
1
tCK
2
Last data in to active command
(Auto precharge, same bank)
lDAL
4
tCK
= [lDPL + lRP]
Self refresh exit to command input
lSEC
8
tCK
= [lRC]
3
Precharge command to high impedance
(CL = 2)
lHZP
2
tCK
(CL = 3)
lHZP
3
tCK
Last data out to active command
(Auto precharge, same bank)
lAPR
1
tCK
Last data out to precharge (early precharge)
(CL = 2)
lEP
–1
tCK
(CL = 3)
lEP
–2
tCK
Column command to column command
lCCD
1
tCK
Write command to data in latency
lWCD
0
tCK
DQM to data in
lDID
0
tCK
DQM to data out
lDOD
2
tCK
CKE to CLK disable
lCLE
1
tCK
Mode register set to active command
lMRD
2
tCK
/CS to command disable
lCDD
0
tCK
Power down exit to command input
lPEC
1
tCK
Notes: 1. lRCD to lRRD are recommended value.
2. Be valid [DESL] or [NOP] at next command of self refresh exit.
3. Except [DESL] and [NOP]


Similar Part No. - EDS1232ECBH-9ATT

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1232ECBH-9A ELPIDA-EDS1232ECBH-9A Datasheet
739Kb / 50P
128M bits SDRAM
EDS1232ECBH-9A-E ELPIDA-EDS1232ECBH-9A-E Datasheet
739Kb / 50P
128M bits SDRAM
More results

Similar Description - EDS1232ECBH-9ATT

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1232AABB ELPIDA-EDS1232AABB Datasheet
566Kb / 55P
128M bits SDRAM
EDS1216AATA ELPIDA-EDS1216AATA Datasheet
702Kb / 49P
128M bits SDRAM
EDS1216AHTA ELPIDA-EDS1216AHTA Datasheet
619Kb / 50P
128M bits SDRAM
EDS1232AHTA ELPIDA-EDS1232AHTA Datasheet
628Kb / 50P
128M bits SDRAM
EDS1232ECBH-75 ELPIDA-EDS1232ECBH-75 Datasheet
739Kb / 50P
128M bits SDRAM
EDS1232JCBH-6B ELPIDA-EDS1232JCBH-6B Datasheet
738Kb / 50P
128M bits SDRAM
EDS1232ECBH-9A ELPIDA-EDS1232ECBH-9A Datasheet
739Kb / 50P
128M bits SDRAM
EDS1208AATA ELPIDA-EDS1208AATA Datasheet
723Kb / 49P
128M bits SDRAM
EDS1232AATA ELPIDA-EDS1232AATA Datasheet
644Kb / 53P
128M bits SDRAM
EDS1232JHTA ELPIDA-EDS1232JHTA Datasheet
743Kb / 50P
128M bits SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com