Electronic Components Datasheet Search |
|
EDS1232ECBH-9ATT Datasheet(PDF) 5 Page - Elpida Memory |
|
EDS1232ECBH-9ATT Datasheet(HTML) 5 Page - Elpida Memory |
5 / 50 page EDS1232ECBH-9ATT Preliminary Data Sheet E0878E10 (Ver. 1.0) 5 DC Characteristics 1 (TA = –20 °C to +85°C, VDD, VDDQ = 1.8V ± 0.1V, VSS, VSSQ = 0V) Parameter /CAS latency Symbol Grade max. Unit Test condition Notes Operating current IDD1 60 mA Burst length = 1 tRC = tRC (min.) VIL ≤ 0.3V, VIH ≥ 0.8V × VDD 1, 2, 3 Standby current in power down IDD2P 2 mA CKE ≤ 0.3V, tCK = tCK (min.) VIL ≤ 0.3V, VIH ≥ 0.8V × VDD 6 Standby current in power down (input signal stable) IDD2PS 2 mA CKE ≤ 0.3V, tCK = ∞ VIL ≤ 0.3V, VIH ≥ 0.8V × VDD 7 Standby current in non power down IDD2N 15 mA CKE, /CS = VIH, tCK = tCK (min.) VIL ≤ 0.3V, VIH ≥ 0.8V × VDD 4 Standby current in non power down (input signal stable) IDD2NS 7 mA CKE = VIH, tCK = ∞, VIL ≤ 0.3V, VIH ≥ 0.8V × VDD 8 Active standby current in power down IDD3P 4 mA CKE ≤ VIL, tCK = tCK (min.) VIL ≤ 0.3V, VIH ≥ 0.8V × VDD 1, 2, 6 Active standby current in power down (input signal stable) IDD3PS 3 mA CKE ≤ VIL, tCK = ∞ VIL ≤ 0.3V, VIH ≥ 0.8V × VDD 2, 7 Active standby current in non power down IDD3N 20 mA CKE, /CS = VIH, tCK = tCK (min.) VIL ≤ 0.3V, VIH ≥ 0.8V × VDD 1, 2, 4 Active standby current in non power down (input signal stable) IDD3NS 10 mA CKE = VIH, tCK = ∞, VIL ≤ 0.3V, VIH ≥ 0.8V × VDD 2, 8 Burst operating current IDD4 75 mA tCK = tCK (min.), BL = 4 VIL ≤ 0.3V, VIH ≥ 0.8V × VDD 1, 2, 5 Refresh current IDD5 140 mA tRC = tRC (min.) VIL ≤ 0.3V, VIH ≥ 0.8V × VDD 3 Self refresh current IDD6 3 mA VIL ≤ 0.3V, VIH ≥ 0.8V × VDD Notes: 1. IDD depends on output load condition when the device is selected. IDD (max.) is specified at the output open condition. 2. One bank operation. 3. Input signals are changed once per one clock. 4. Input signals are changed once per two clocks. 5. Input signals are changed once per four clocks. 6. After power down mode, CLK operating current. 7. After power down mode, no CLK operating current. 8. Input signals are VIH or VIL fixed. |
Similar Part No. - EDS1232ECBH-9ATT |
|
Similar Description - EDS1232ECBH-9ATT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |