Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBE51RD8AEFA-6E-E Datasheet(PDF) 2 Page - Elpida Memory

Part # EBE51RD8AEFA-6E-E
Description  512MB Registered DDR2 SDRAM DIMM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE51RD8AEFA-6E-E Datasheet(HTML) 2 Page - Elpida Memory

  EBE51RD8AEFA-6E-E Datasheet HTML 1Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 2Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 3Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 4Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 5Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 6Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 7Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 8Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
EBE51RD8AEFA-6
Data Sheet E0789E11 (Ver. 1.1)
2
Ordering Information
Part number
Data rate
Mbps (max.)
Component
JEDEC speed bin*
1
(CL-tRCD-tRP)
Package
Contact
pad
Mounted devices
EBE51RD8AEFA-6E-E
667
DDR2-667 (5-5-5)
240-pin DIMM
(lead-free)
Gold
EDE5108AESK-6E-E
Note: 1. Module /CAS latency = component CL + 1
Pin Configurations
1 pin
Front side
Back side
64 pin 65 pin
120 pin
121 pin
184 pin 185 pin
240 pin
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
1
VREF
61
A4
121
VSS
181
VDD
2
VSS
62
VDD
122
DQ4
182
A3
3
DQ0
63
A2
123
DQ5
183
A1
4
DQ1
64
VDD
124
VSS
184
VDD
5
VSS
65
VSS
125
DM0/DQS9
185
CK0
6
/DQS0
66
VSS
126
NU/ /DQS9
186
/CK0
7
DQS0
67
VDD
127
VSS
187
VDD
8
VSS
68
NC/Par
_In
128
DQ6
188
A0
9
DQ2
69
VDD
129
DQ7
189
VDD
10
DQ3
70
A10
130
VSS
190
BA1
11
VSS
71
BA0
131
DQ12
191
VDD
12
DQ8
72
VDD
132
DQ13
192
/RAS
13
DQ9
73
/WE
133
VSS
193
/CS0
14
VSS
74
/CAS
134
DM1/DQS10
194
VDD
15
/DQS1
75
VDD
135
NU/ /DQS10
195
ODT0
16
DQS1
76
NC
136
VSS
196
A13
17
VSS
77
NC
137
NC
197
VDD
18
/RESET
78
VDD
138
NC
198
VSS
19
NC
79
VSS
139
VSS
199
DQ36
20
VSS
80
DQ32
140
DQ14
200
DQ37
21
DQ10
81
DQ33
141
DQ15
201
VSS
22
DQ11
82
VSS
142
VSS
202
DM4/DQS13
23
VSS
83
/DQS4
143
DQ20
203
NU/ /DQS13
24
DQ16
84
DQS4
144
DQ21
204
VSS
25
DQ17
85
VSS
145
VSS
205
DQ38
26
VSS
86
DQ34
146
DM2/DQS11
206
DQ39
27
/DQS2
87
DQ35
147
NU/ /DQS11
207
VSS
28
DQS2
88
VSS
148
VSS
208
DQ44
29
VSS
89
DQ40
149
DQ22
209
DQ45


Similar Part No. - EBE51RD8AEFA-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE51RD8AEFA-4A-E ELPIDA-EBE51RD8AEFA-4A-E Datasheet
190Kb / 22P
512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8AEFA-5C-E ELPIDA-EBE51RD8AEFA-5C-E Datasheet
190Kb / 22P
512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
More results

Similar Description - EBE51RD8AEFA-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBS51RC4ACFC ELPIDA-EBS51RC4ACFC Datasheet
143Kb / 15P
512MB Registered SDRAM DIMM
logo
Hynix Semiconductor
HYMP512R72L HYNIX-HYMP512R72L Datasheet
232Kb / 18P
DDR2 SDRAM Registered DIMM
logo
White Electronic Design...
WV3HG64M72EER-D6 WEDC-WV3HG64M72EER-D6 Datasheet
179Kb / 11P
512MB - 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
WV3HG64M72EER-PD4 WEDC-WV3HG64M72EER-PD4 Datasheet
195Kb / 11P
512MB - 64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
logo
Elpida Memory
EBE51RD8AJFA ELPIDA-EBE51RD8AJFA Datasheet
259Kb / 30P
512MB Registered DDR2 SDRAM DIMM
EBE51AD8AJFA ELPIDA-EBE51AD8AJFA Datasheet
242Kb / 28P
512MB Registered DDR2 SDRAM DIMM
EBE51AD8AGFA ELPIDA-EBE51AD8AGFA Datasheet
212Kb / 23P
512MB Registered DDR2 SDRAM DIMM
EBE51RC4AAFA ELPIDA-EBE51RC4AAFA Datasheet
203Kb / 22P
512MB Registered DDR2 SDRAM DIMM
logo
List of Unclassifed Man...
SEU06464H1CF1SA-30R ETC2-SEU06464H1CF1SA-30R Datasheet
616Kb / 14P
512MB DDR2 ??SDRAM DIMM
SEU06464H1CH1MT-25[W]R ETC2-SEU06464H1CH1MT-25[W]R Datasheet
582Kb / 14P
512MB DDR2 ??SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com