Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBE51RD8AEFA-6E-E Datasheet(PDF) 16 Page - Elpida Memory

Part # EBE51RD8AEFA-6E-E
Description  512MB Registered DDR2 SDRAM DIMM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE51RD8AEFA-6E-E Datasheet(HTML) 16 Page - Elpida Memory

Back Button EBE51RD8AEFA-6E-E Datasheet HTML 12Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 13Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 14Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 15Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 16Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 17Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 18Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 19Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 20Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
EBE51RD8AEFA-6
Data Sheet E0789E11 (Ver. 1.1)
16
-6E
Frequency (Mbps)
667
Parameter
Symbol
min.
max.
Unit
Notes
Exit self refresh to a non-read command
tXSNR
tRFC + 10
ns
Exit self refresh to a read command
tXSRD
200
tCK
Exit precharge power down to any non-read
command
tXP
2
tCK
Exit active power down to read command
tXARD
2
tCK
3
Exit active power down to read command
(slow exit/low power mode)
tXARDS
7
− AL
tCK
2, 3
CKE minimum pulse width (high and low pulse width) tCKE
3
tCK
Output impedance test driver delay
tOIT
0
12
ns
Auto refresh to active/auto refresh command time
tRFC
105
ns
Average periodic refresh interval
(0
°C ≤ TC ≤ +85°C)
tREFI
7.8
µs
(+85
°C < TC ≤ +95°C)
tREFI
3.9
µs
Minimum time clocks remains ON after CKE
asynchronously drops low
tDELAY
tIS + tCK + tIH
ns
Notes: 1. For each of the terms above, if not already an integer, round to the next higher integer.
2. AL: Additive Latency.
3. MRS A12 bit defines which active power down exit timing to be applied.
4. The figures of Input Waveform Timing 1 and 2 are referenced from the input signal crossing at the
VIH(AC) level for a rising signal and VIL(AC) for a falling signal applied to the device under test.
5. The figures of Input Waveform Timing 1 and 2 are referenced from the input signal crossing at the
VIH(DC) level for a rising signal and VIL(DC) for a falling signal applied to the device under test.
DQS
/DQS
tDS
tDH
tDS
tDH
VDDQ
VIH (AC)(min.)
VIH (DC)(min.)
VIL (DC)(max.)
VIL (AC)(max.)
VSS
VREF
CK
/CK
tIS
tIH
tIS
tIH
VDDQ
VIH (AC)(min.)
VIH (DC)(min.)
VIL (DC)(max.)
VIL (AC)(max.)
VSS
VREF
Input Waveform Timing 1 (tDS, tDH)
Input Waveform Timing 2 (tIS, tIH)


Similar Part No. - EBE51RD8AEFA-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE51RD8AEFA-4A-E ELPIDA-EBE51RD8AEFA-4A-E Datasheet
190Kb / 22P
512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8AEFA-5C-E ELPIDA-EBE51RD8AEFA-5C-E Datasheet
190Kb / 22P
512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
More results

Similar Description - EBE51RD8AEFA-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBS51RC4ACFC ELPIDA-EBS51RC4ACFC Datasheet
143Kb / 15P
512MB Registered SDRAM DIMM
logo
Hynix Semiconductor
HYMP512R72L HYNIX-HYMP512R72L Datasheet
232Kb / 18P
DDR2 SDRAM Registered DIMM
logo
White Electronic Design...
WV3HG64M72EER-D6 WEDC-WV3HG64M72EER-D6 Datasheet
179Kb / 11P
512MB - 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
WV3HG64M72EER-PD4 WEDC-WV3HG64M72EER-PD4 Datasheet
195Kb / 11P
512MB - 64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
logo
Elpida Memory
EBE51RD8AJFA ELPIDA-EBE51RD8AJFA Datasheet
259Kb / 30P
512MB Registered DDR2 SDRAM DIMM
EBE51AD8AJFA ELPIDA-EBE51AD8AJFA Datasheet
242Kb / 28P
512MB Registered DDR2 SDRAM DIMM
EBE51AD8AGFA ELPIDA-EBE51AD8AGFA Datasheet
212Kb / 23P
512MB Registered DDR2 SDRAM DIMM
EBE51RC4AAFA ELPIDA-EBE51RC4AAFA Datasheet
203Kb / 22P
512MB Registered DDR2 SDRAM DIMM
logo
List of Unclassifed Man...
SEU06464H1CF1SA-30R ETC2-SEU06464H1CF1SA-30R Datasheet
616Kb / 14P
512MB DDR2 ??SDRAM DIMM
SEU06464H1CH1MT-25[W]R ETC2-SEU06464H1CH1MT-25[W]R Datasheet
582Kb / 14P
512MB DDR2 ??SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com