Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBE51RD8AEFA-6E-E Datasheet(PDF) 13 Page - Elpida Memory

Part # EBE51RD8AEFA-6E-E
Description  512MB Registered DDR2 SDRAM DIMM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE51RD8AEFA-6E-E Datasheet(HTML) 13 Page - Elpida Memory

Back Button EBE51RD8AEFA-6E-E Datasheet HTML 9Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 10Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 11Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 12Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 13Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 14Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 15Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 16Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 17Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
EBE51RD8AEFA-6
Data Sheet E0789E11 (Ver. 1.1)
13
DC Characteristics 2 (TC = 0°C to +85°C, VDD, VDDQ = 1.8V ± 0.1V)
(DDR2 SDRAM Component Specification)
Parameter
Symbol
Value
Unit
Notes
Input leakage current
ILI
2
µA
VDD
≥ VIN ≥ VSS
Output leakage current
ILO
5
µA
VDDQ
≥ VOUT ≥ VSS
Minimum required output pull-up under AC
test load
VOH
VTT + 0.603
V
5
Maximum required output pull-down under
AC test load
VOL
VTT
− 0.603
V
5
Output timing measurement reference level VOTR
0.5
× VDDQ
V
1
Output minimum sink DC current
IOL
+13.4
mA
3, 4, 5
Output minimum source DC current
IOH
−13.4
mA
2, 4, 5
Notes: 1. The VDDQ of the device under test is referenced.
2. VDDQ = 1.7V; VOUT = 1.42V.
3. VDDQ = 1.7V; VOUT = 0.28V.
4. The DC value of VREF applied to the receiving device is expected to be set to VTT.
5. After OCD calibration to 18
Ω at TC = 25°C, VDD = VDDQ = 1.8V.
DC Characteristics 3 (TC = 0°C to +85
°C, VDD, VDDQ = 1.8V ± 0.1V)
(DDR2 SDRAM Component Specification)
Parameter
Symbol
min.
max.
Unit
Notes
AC differential input voltage
VID (AC)
0.5
VDDQ
+ 0.6
V
1, 2
AC differential cross point voltage
VIX (AC)
0.5
× VDDQ − 0.175
0.5
× VDDQ + 0.175
V
2
AC differential cross point voltage
VOX (AC)
0.5
× VDDQ − 0.125
0.5
× VDDQ + 0.125
V
3
Notes: 1. VID(AC) specifies the input differential voltage |VTR -VCP| required for switching, where VTR is the true
input signal (such as CK, DQS, LDQS or UDQS) and VCP is the complementary input signal (such as
/CK, /DQS, /LDQS or /UDQS). The minimum value is equal to VIH(AC)
− VIL(AC).
2. The typical value of VIX(AC) is expected to be about 0.5
× VDDQ of the transmitting device and VIX(AC)
is expected to track variations in VDDQ . VIX(AC) indicates the voltage at which differential input signals
must cross.
3. The typical value of VOX(AC) is expected to be about 0.5
× VDDQ of the transmitting device and
VOX(AC) is expected to track variations in VDDQ . VOX(AC) indicates the voltage at which differential
output signals must cross.
Crossing point
VSSQ
VTR
VCP
VID
VIX or VOX
VDDQ
Differential Signal Levels*
1, 2


Similar Part No. - EBE51RD8AEFA-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE51RD8AEFA-4A-E ELPIDA-EBE51RD8AEFA-4A-E Datasheet
190Kb / 22P
512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8AEFA-5C-E ELPIDA-EBE51RD8AEFA-5C-E Datasheet
190Kb / 22P
512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
More results

Similar Description - EBE51RD8AEFA-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBS51RC4ACFC ELPIDA-EBS51RC4ACFC Datasheet
143Kb / 15P
512MB Registered SDRAM DIMM
logo
Hynix Semiconductor
HYMP512R72L HYNIX-HYMP512R72L Datasheet
232Kb / 18P
DDR2 SDRAM Registered DIMM
logo
White Electronic Design...
WV3HG64M72EER-D6 WEDC-WV3HG64M72EER-D6 Datasheet
179Kb / 11P
512MB - 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
WV3HG64M72EER-PD4 WEDC-WV3HG64M72EER-PD4 Datasheet
195Kb / 11P
512MB - 64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
logo
Elpida Memory
EBE51RD8AJFA ELPIDA-EBE51RD8AJFA Datasheet
259Kb / 30P
512MB Registered DDR2 SDRAM DIMM
EBE51AD8AJFA ELPIDA-EBE51AD8AJFA Datasheet
242Kb / 28P
512MB Registered DDR2 SDRAM DIMM
EBE51AD8AGFA ELPIDA-EBE51AD8AGFA Datasheet
212Kb / 23P
512MB Registered DDR2 SDRAM DIMM
EBE51RC4AAFA ELPIDA-EBE51RC4AAFA Datasheet
203Kb / 22P
512MB Registered DDR2 SDRAM DIMM
logo
List of Unclassifed Man...
SEU06464H1CF1SA-30R ETC2-SEU06464H1CF1SA-30R Datasheet
616Kb / 14P
512MB DDR2 ??SDRAM DIMM
SEU06464H1CH1MT-25[W]R ETC2-SEU06464H1CH1MT-25[W]R Datasheet
582Kb / 14P
512MB DDR2 ??SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com