Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBE51RD8AEFA-6E-E Datasheet(PDF) 12 Page - Elpida Memory

Part # EBE51RD8AEFA-6E-E
Description  512MB Registered DDR2 SDRAM DIMM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE51RD8AEFA-6E-E Datasheet(HTML) 12 Page - Elpida Memory

Back Button EBE51RD8AEFA-6E-E Datasheet HTML 8Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 9Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 10Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 11Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 12Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 13Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 14Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 15Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 16Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
EBE51RD8AEFA-6
Data Sheet E0789E11 (Ver. 1.1)
12
Parameter
Symbol
Grade
max.
Unit
Test condition
Auto-refresh current
IDD5
2950
mA
tCK = tCK (IDD);
Refresh command at every tRFC (IDD) interval;
CKE is H, /CS is H between valid commands;
Other control and address bus inputs are SWITCHING;
Data bus inputs are SWITCHING
Self-refresh current
IDD6
80
mA
Self Refresh Mode;
CK and /CK at 0V;
CKE
≤ 0.2V;
Other control and address bus inputs are FLOATING;
Data bus inputs are FLOATING
Operating current
(Bank interleaving)
IDD7
3720
mA
all bank interleaving reads, IOUT = 0mA;
BL = 4, CL = CL(IDD), AL = tRCD (IDD)
−1
× tCK (IDD);
tCK = tCK (IDD), tRC = tRC (IDD), tRRD = tRRD(IDD),
tRCD = 1
× tCK (IDD);
CKE is H, CS is H between valid commands;
Address bus inputs are STABLE during DESELECTs;
Data pattern is same as IDD4W;
Notes: 1. IDD specifications are tested after the device is properly initialized.
2. Input slew rate is specified by AC Input Test Condition.
3. IDD parameters are specified with ODT disabled.
4. Data bus consists of DQ, DM, DQS, /DQS, RDQS, /RDQS, LDQS, /LDQS, UDQS, and /UDQS. IDD
values must be met with all combinations of EMRS bits 10 and 11.
5. Definitions for IDD
L is defined as VIN
≤ VIL (AC) (max.)
H is defined as VIN
≥ VIH (AC) (min.)
STABLE is defined as inputs stable at an H or L level
FLOATING is defined as inputs at VREF = VDDQ/2
SWITCHING is defined as:
inputs changing between H and L every other clock cycle (once per two clocks) for address and control
signals, and inputs changing between H and L every other data transfer (once per clock) for DQ signals
not including masks or strobes.
6. Refer to AC Timing for IDD Test Conditions.
AC Timing for IDD Test Conditions
For purposes of IDD testing, the following parameters are to be utilized.
DDR2-667
Parameter
5-5-5
Unit
CL(IDD)
5
tCK
tRCD(IDD)
15
ns
tRC(IDD)
60
ns
tRRD(IDD)
7.5
ns
tCK(IDD)
3
ns
tRAS(min.)(IDD)
45
ns
tRAS(max.)(IDD)
70000
ns
tRP(IDD)
15
ns
tRFC(IDD)
105
ns


Similar Part No. - EBE51RD8AEFA-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE51RD8AEFA-4A-E ELPIDA-EBE51RD8AEFA-4A-E Datasheet
190Kb / 22P
512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8AEFA-5C-E ELPIDA-EBE51RD8AEFA-5C-E Datasheet
190Kb / 22P
512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
More results

Similar Description - EBE51RD8AEFA-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE51AD8AGFA ELPIDA-EBE51AD8AGFA Datasheet
212Kb / 23P
512MB Registered DDR2 SDRAM DIMM
EBE51RC4AAFA ELPIDA-EBE51RC4AAFA Datasheet
203Kb / 22P
512MB Registered DDR2 SDRAM DIMM
EBE51RD8AJFA ELPIDA-EBE51RD8AJFA Datasheet
259Kb / 30P
512MB Registered DDR2 SDRAM DIMM
EBE51AD8AJFA ELPIDA-EBE51AD8AJFA Datasheet
242Kb / 28P
512MB Registered DDR2 SDRAM DIMM
logo
List of Unclassifed Man...
SEU06464H1CH1MT-25[W]R ETC2-SEU06464H1CH1MT-25[W]R Datasheet
582Kb / 14P
512MB DDR2 ??SDRAM DIMM
SEU06464H1CF1SA-30R ETC2-SEU06464H1CF1SA-30R Datasheet
616Kb / 14P
512MB DDR2 ??SDRAM DIMM
logo
White Electronic Design...
WV3HG64M72EER-D6 WEDC-WV3HG64M72EER-D6 Datasheet
179Kb / 11P
512MB - 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
logo
Elpida Memory
EBS51RC4ACFC ELPIDA-EBS51RC4ACFC Datasheet
143Kb / 15P
512MB Registered SDRAM DIMM
logo
White Electronic Design...
WV3HG64M72EER-PD4 WEDC-WV3HG64M72EER-PD4 Datasheet
195Kb / 11P
512MB - 64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
logo
Hynix Semiconductor
HYMP512R72L HYNIX-HYMP512R72L Datasheet
232Kb / 18P
DDR2 SDRAM Registered DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com