Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBE51RD8AEFA-6E-E Datasheet(PDF) 10 Page - Elpida Memory

Part # EBE51RD8AEFA-6E-E
Description  512MB Registered DDR2 SDRAM DIMM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE51RD8AEFA-6E-E Datasheet(HTML) 10 Page - Elpida Memory

Back Button EBE51RD8AEFA-6E-E Datasheet HTML 6Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 7Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 8Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 9Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 10Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 11Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 12Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 13Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 14Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
EBE51RD8AEFA-6
Data Sheet E0789E11 (Ver. 1.1)
10
Electrical Specifications
• All voltages are referenced to VSS (GND).
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Note
Voltage on any pin relative to VSS
VT
–0.5 to +2.3
V
1
Supply voltage relative to VSS
VDD
–0.5 to +2.3
V
Short circuit output current
IOS
50
mA
1
Power dissipation
PD
9
W
Operating case temperature
TC
0 to +95
°C
1, 2
Storage temperature
Tstg
–55 to +100
°C
1
Note: 1. DDR2 SDRAM component specification.
2. Supporting 0
°C to +85°C and being able to extend to +95°C with doubling auto-refresh commands in
frequency to a 32ms period (tREFI = 3.9
µs) and higher temperature self-refresh entry via the control of
EMRS (2) bit A7 is required.
Caution
Exposing the device to stress above those listed in Absolute Maximum Ratings could cause
permanent damage. The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
DC Operating Conditions (TC = 0°C to +85°C) (DDR2 SDRAM Component Specification)
Parameter
Symbol
min.
typ.
max.
Unit
Notes
Supply voltage
VDD, VDDQ
1.7
1.8
1.9
V
4
VSS
0
0
0
V
VDDSPD
1.7
3.6
V
Input reference voltage
VREF
0.49
× VDDQ
0.50
× VDDQ 0.51 × VDDQ
V
1, 2
Termination voltage
VTT
VREF
− 0.04
VREF
VREF + 0.04
V
3
DC input logic high
VIH (DC)
VREF + 0.125
VDDQ + 0.3
V
DC input low
VIL (DC)
−0.3
VREF – 0.125
V
AC input logic high
VIH (AC)
VREF + 0.200
V
AC input low
VIL (AC)
VREF – 0.200
V
Notes: 1. The value of VREF may be selected by the user to provide optimum noise margin in the system. Typically
the value of VREF is expected to be about 0.5
× VDDQ of the transmitting device and VREF are expected
to track variations in VDDQ.
2. Peak to peak AC noise on VREF may not exceed
±2% VREF (DC).
3. VTT of transmitting device must track VREF of receiving device.
4. VDDQ must be equal to VDD.


Similar Part No. - EBE51RD8AEFA-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE51RD8AEFA-4A-E ELPIDA-EBE51RD8AEFA-4A-E Datasheet
190Kb / 22P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8AEFA-5C-E ELPIDA-EBE51RD8AEFA-5C-E Datasheet
190Kb / 22P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
More results

Similar Description - EBE51RD8AEFA-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE51AD8AGFA ELPIDA-EBE51AD8AGFA Datasheet
212Kb / 23P
   512MB Registered DDR2 SDRAM DIMM
EBE51RC4AAFA ELPIDA-EBE51RC4AAFA Datasheet
203Kb / 22P
   512MB Registered DDR2 SDRAM DIMM
EBE51RD8AJFA ELPIDA-EBE51RD8AJFA Datasheet
259Kb / 30P
   512MB Registered DDR2 SDRAM DIMM
EBE51AD8AJFA ELPIDA-EBE51AD8AJFA Datasheet
242Kb / 28P
   512MB Registered DDR2 SDRAM DIMM
logo
List of Unclassifed Man...
SEU06464H1CH1MT-25[W]R ETC2-SEU06464H1CH1MT-25[W]R Datasheet
582Kb / 14P
   512MB DDR2 ??SDRAM DIMM
SEU06464H1CF1SA-30R ETC2-SEU06464H1CF1SA-30R Datasheet
616Kb / 14P
   512MB DDR2 ??SDRAM DIMM
logo
White Electronic Design...
WV3HG64M72EER-D6 WEDC-WV3HG64M72EER-D6 Datasheet
179Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
logo
Elpida Memory
EBS51RC4ACFC ELPIDA-EBS51RC4ACFC Datasheet
143Kb / 15P
   512MB Registered SDRAM DIMM
logo
White Electronic Design...
WV3HG64M72EER-PD4 WEDC-WV3HG64M72EER-PD4 Datasheet
195Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
logo
Hynix Semiconductor
HYMP512R72L HYNIX-HYMP512R72L Datasheet
232Kb / 18P
   DDR2 SDRAM Registered DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com