Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBE51RD8AEFA-6E-E Datasheet(PDF) 1 Page - Elpida Memory

Part # EBE51RD8AEFA-6E-E
Description  512MB Registered DDR2 SDRAM DIMM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE51RD8AEFA-6E-E Datasheet(HTML) 1 Page - Elpida Memory

  EBE51RD8AEFA-6E-E Datasheet HTML 1Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 2Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 3Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 4Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 5Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 6Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 7Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 8Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Document No. E0789E11 (Ver. 1.1)
Date Published February 2006 (K) Japan
Printed in Japan
URL: http://www.elpida.com
Elpida Memory, Inc. 2005-2006
DATA SHEET
512MB Registered DDR2 SDRAM DIMM
EBE51RD8AEFA-6 (64M words
× 72 bits, 1 Rank)
Description
The EBE51RD8AEFA is a 64M words
× 72 bits, 1 rank
DDR2 SDRAM Module, mounting 9 pieces of DDR2
SDRAM sealed in FBGA package.
Read and write
operations are performed at the cross points of the CK
and the /CK. This high-speed data transfer is realized
by the 4bits prefetch-pipelined architecture.
Data
strobe (DQS and /DQS) both for read and write are
available for high speed and reliable data bus design.
By setting extended mode register, the on-chip Delay
Locked Loop (DLL) can be set enable or disable. This
module provides high density mounting without utilizing
surface mount technology. Decoupling capacitors are
mounted beside each FBGA on the module board.
Note: Do not push the components or drop the
modules in order to avoid mechanical defects,
which may result in electrical defects.
Features
• 240-pin socket type dual in line memory module
(DIMM)
 PCB height: 30.0mm
 Lead pitch: 1.0mm
 Lead-free (RoHS compliant)
• Power supply: VDD = 1.8V ± 0.1V
• Data rate: 667Mbps (max.)
• SSTL_18 compatible I/O
• Double-data-rate architecture: two data transfers per
clock cycle
• Bi-directional, data strobe (DQS and /DQS) is
transmitted /received with data, to be used in
capturing data at the receiver
• DQS is edge aligned with data for READs; center
aligned with data for WRITEs
• Differential clock inputs (CK and /CK)
• DLL aligns DQ and DQS transitions with CK
transitions
• Commands entered on each positive CK edge; data
referenced to both edges of DQS
• Four internal banks for concurrent operation
(components)
• Data mask (DM) for write data
• Burst length: 4, 8
• /CAS latency (CL): 3, 4, 5
• Auto precharge option for each burst access
• Auto refresh and self refresh modes
• Average refresh period
 7.8µs at 0°C ≤ TC ≤ +85°C
 3.9µs at +85°C < TC ≤ +95°C
• Posted CAS by programmable additive latency for
better command and data bus efficiency
• Off-Chip-Driver Impedance Adjustment and On-Die-
Termination for better signal quality
• /DQS can be disabled for single-ended Data Strobe
operation
• 1 piece of PLL clock driver, 1 pieces of register driver
and 1 piece of serial EEPROM (2k bits EEPROM) for
Presence Detect (PD)
This Product became EOL in November, 2006.


Similar Part No. - EBE51RD8AEFA-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE51RD8AEFA-4A-E ELPIDA-EBE51RD8AEFA-4A-E Datasheet
190Kb / 22P
512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8AEFA-5C-E ELPIDA-EBE51RD8AEFA-5C-E Datasheet
190Kb / 22P
512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
More results

Similar Description - EBE51RD8AEFA-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBS51RC4ACFC ELPIDA-EBS51RC4ACFC Datasheet
143Kb / 15P
512MB Registered SDRAM DIMM
logo
Hynix Semiconductor
HYMP512R72L HYNIX-HYMP512R72L Datasheet
232Kb / 18P
DDR2 SDRAM Registered DIMM
logo
White Electronic Design...
WV3HG64M72EER-D6 WEDC-WV3HG64M72EER-D6 Datasheet
179Kb / 11P
512MB - 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
WV3HG64M72EER-PD4 WEDC-WV3HG64M72EER-PD4 Datasheet
195Kb / 11P
512MB - 64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
logo
Elpida Memory
EBE51RD8AJFA ELPIDA-EBE51RD8AJFA Datasheet
259Kb / 30P
512MB Registered DDR2 SDRAM DIMM
EBE51AD8AJFA ELPIDA-EBE51AD8AJFA Datasheet
242Kb / 28P
512MB Registered DDR2 SDRAM DIMM
EBE51AD8AGFA ELPIDA-EBE51AD8AGFA Datasheet
212Kb / 23P
512MB Registered DDR2 SDRAM DIMM
EBE51RC4AAFA ELPIDA-EBE51RC4AAFA Datasheet
203Kb / 22P
512MB Registered DDR2 SDRAM DIMM
logo
List of Unclassifed Man...
SEU06464H1CF1SA-30R ETC2-SEU06464H1CF1SA-30R Datasheet
616Kb / 14P
512MB DDR2 ??SDRAM DIMM
SEU06464H1CH1MT-25[W]R ETC2-SEU06464H1CH1MT-25[W]R Datasheet
582Kb / 14P
512MB DDR2 ??SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com