Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBE51RD8AEFA-6E-E Datasheet(PDF) 5 Page - Elpida Memory

Part # EBE51RD8AEFA-6E-E
Description  512MB Registered DDR2 SDRAM DIMM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE51RD8AEFA-6E-E Datasheet(HTML) 5 Page - Elpida Memory

  EBE51RD8AEFA-6E-E Datasheet HTML 1Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 2Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 3Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 4Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 5Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 6Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 7Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 8Page - Elpida Memory EBE51RD8AEFA-6E-E Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
EBE51RD8AEFA-6
Data Sheet E0789E11 (Ver. 1.1)
5
Serial PD Matrix*
1
Byte No.
Function described
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Hex value
Comments
0
Number of bytes utilized by module
manufacturer
1
0
0
0
0
0
0
0
80H
128 bytes
1
Total number of bytes in serial PD
device
0
0
0
0
1
0
0
0
08H
256 bytes
2
Memory type
0
0
0
0
1
0
0
0
08H
DDR2 SDRAM
3
Number of row address
0
0
0
0
1
1
1
0
0EH
14
4
Number of column address
0
0
0
0
1
0
1
0
0AH
10
5
Number of DIMM ranks
0
1
1
0
0
0
0
0
60H
1
6
Module data width
0
1
0
0
1
0
0
0
48H
72
7
Module data width continuation
0
0
0
0
0
0
0
0
00H
0
8
Voltage interface level of this assembly 0
0
0
0
0
1
0
1
05H
SSTL 1.8V
9
DDR SDRAM cycle time, CL = 5
0
0
1
1
0
0
0
0
30H
3.0ns*
1
10
SDRAM access from clock (tAC)
0
1
0
0
0
1
0
1
45H
0.45ns*
1
11
DIMM configuration type
0
0
0
0
0
0
1
0
02H
ECC
12
Refresh rate/type
1
0
0
0
0
0
1
0
82H
7.8
µs
13
Primary SDRAM width
0
0
0
0
1
0
0
0
08H
× 8
14
Error checking SDRAM width
0
0
0
0
1
0
0
0
08H
× 8
15
Reserved
0
0
0
0
0
0
0
0
00H
0
16
SDRAM device attributes:
Burst length supported
0
0
0
0
1
1
0
0
0CH
4,8
17
SDRAM device attributes: Number of
banks on SDRAM device
0
0
0
0
0
1
0
0
04H
4
18
SDRAM device attributes:
/CAS latency
0
0
1
1
1
0
0
0
38H
3, 4, 5
19
DIMM Mechanical Characteristics
0
0
0
0
0
0
0
1
01H
4.00mm max.
20
DIMM type information
0
0
0
0
0
0
0
1
01H
Registered
21
SDRAM module attributes
0
0
0
0
0
0
0
0
00H
Normal
22
SDRAM device attributes: General
0
0
0
0
0
0
1
1
03H
Weak Driver
50
Ω ODT
Support
23
Minimum clock cycle time at CL = 4
0
0
1
1
1
1
0
1
3DH
3.75ns*
1
24
Maximum data access time (tAC) from
clock at CL = 4
0
1
0
1
0
0
0
0
50H
0.5ns*
1
25
Minimum clock cycle time at CL = 3
0
1
0
1
0
0
0
0
50H
5.0ns*
1
26
Maximum data access time (tAC) from
clock at CL = 3
0
1
1
0
0
0
0
0
60H
0.6ns*
1
27
Minimum row precharge time (tRP)
0
0
1
1
1
1
0
0
3CH
15ns
28
Minimum row active to row active
delay (tRRD)
0
0
0
1
1
1
1
0
1EH
7.5ns
29
Minimum /RAS to /CAS delay (tRCD)
0
0
1
1
1
1
0
0
3CH
15ns
30
Minimum active to precharge time
(tRAS)
0
0
1
0
1
1
0
1
2DH
45ns
31
Module rank density
1
0
0
0
0
0
0
0
80H
512M byte
32
Address and command setup time
before clock (tIS)
0
0
1
0
0
0
0
0
20H
0.20ns*
1
33
Address and command hold time after
clock (tIH)
0
0
1
0
1
0
0
0
28H
0.28ns*
1
34
Data input setup time before clock
(tDS)
0
0
0
1
0
0
0
0
10H
0.10ns*
1


Similar Part No. - EBE51RD8AEFA-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE51RD8AEFA-4A-E ELPIDA-EBE51RD8AEFA-4A-E Datasheet
190Kb / 22P
512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8AEFA-5C-E ELPIDA-EBE51RD8AEFA-5C-E Datasheet
190Kb / 22P
512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
More results

Similar Description - EBE51RD8AEFA-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE51AD8AGFA ELPIDA-EBE51AD8AGFA Datasheet
212Kb / 23P
512MB Registered DDR2 SDRAM DIMM
EBE51RC4AAFA ELPIDA-EBE51RC4AAFA Datasheet
203Kb / 22P
512MB Registered DDR2 SDRAM DIMM
EBE51RD8AJFA ELPIDA-EBE51RD8AJFA Datasheet
259Kb / 30P
512MB Registered DDR2 SDRAM DIMM
EBE51AD8AJFA ELPIDA-EBE51AD8AJFA Datasheet
242Kb / 28P
512MB Registered DDR2 SDRAM DIMM
logo
List of Unclassifed Man...
SEU06464H1CH1MT-25[W]R ETC2-SEU06464H1CH1MT-25[W]R Datasheet
582Kb / 14P
512MB DDR2 ??SDRAM DIMM
SEU06464H1CF1SA-30R ETC2-SEU06464H1CF1SA-30R Datasheet
616Kb / 14P
512MB DDR2 ??SDRAM DIMM
logo
White Electronic Design...
WV3HG64M72EER-D6 WEDC-WV3HG64M72EER-D6 Datasheet
179Kb / 11P
512MB - 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
logo
Elpida Memory
EBS51RC4ACFC ELPIDA-EBS51RC4ACFC Datasheet
143Kb / 15P
512MB Registered SDRAM DIMM
logo
White Electronic Design...
WV3HG64M72EER-PD4 WEDC-WV3HG64M72EER-PD4 Datasheet
195Kb / 11P
512MB - 64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
logo
Hynix Semiconductor
HYMP512R72L HYNIX-HYMP512R72L Datasheet
232Kb / 18P
DDR2 SDRAM Registered DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com