Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6850 Datasheet(PDF) 2 Page - Pomona Electronics

Part # 6850
Description  3-Pin XLR (F), Gold Contacts, Black Nickel Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

6850 Datasheet(HTML) 2 Page - Pomona Electronics

  6850 Datasheet HTML 1Page - Pomona Electronics 6850 Datasheet HTML 2Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Models 6850
3-Pin XLR (F), Gold Contacts, Black Nickel Plating
Cable Assembly Instructions
2060 Fax: 888-403-3360
Europe:
31-(0) 40 2675 150
International
: 425-446-5500
e-mail:
technicalsupport@pomonatest.com
Where to Buy:
www.pomonaelectronics.com
.xxx = ± .005” (,127 mm). All specifications are to the latest revisions.
Specifications are subject to change without notice. Registered trademarks
are the property of their respective companies.
Copyright © 2004 11/2004 2414872 D-ENG-N Rev A
Page 2 of 2
USA:
Sales: 800-490-2361 Technical Support: 800-241-
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm),


Similar Part No. - 6850

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
68506-0414 MOLEX8-68506-0414 Datasheet
108Kb / 2P
   6.35mm (.250") Tab Micro Relay Socket, Female, 4 Circuits
68506-0511 MOLEX8-68506-0511 Datasheet
110Kb / 2P
   6.35mm (.250") Tab Micro Relay Socket, Female, 5 Circuits
68506-0593 MOLEX8-68506-0593 Datasheet
110Kb / 2P
   6.35mm (.250") Tab Micro Relay Socket, Female, 5 Circuits
68507-0811 MOLEX8-68507-0811 Datasheet
477Kb / 7P
   1.02mm (.040") Tab, Wire-to-Wire Housing, Male, 8 Circuits, Screw Type
68507-0811 MOLEX11-68507-0811 Datasheet
40Kb / 1P
   1.02mm Tab, Wire-to-Wire Housing, Male, 8 Circuits, Screw Type
More results

Similar Description - 6850

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6852 POMONA-6852 Datasheet
229Kb / 2P
   3-Pin XLR (F), Gold Contacts, Black Nickel Shell
6851 POMONA-6851 Datasheet
196Kb / 2P
   3-Pin XLR (M), Gold Contacts, Black Nickel Plating
6853 POMONA-6853 Datasheet
219Kb / 2P
   3-Pin XLR (M), Gold Contacts, Black Nickel Shell
5125A POMONA-5125A Datasheet
190Kb / 2P
   5-Pin XLR (F), Bronze Contacts, Nickel Shell
7283 POMONA-7283 Datasheet
123Kb / 1P
   3-Pin In-Line XLR, Silver Contacts, Nickel Finish
5126A POMONA-5126A Datasheet
186Kb / 2P
   5-Pin XLR (M), Bronze Contacts, Nickel Shell
5113A POMONA-5113A Datasheet
134Kb / 1P
   XLR (F) 3-Pin Rectangular Flanged Panel Mount
6856 POMONA-6856 Datasheet
121Kb / 1P
   XLR (F/F), XLR (M/M)
logo
E-SWITCH
06-DR3M16RTR E-SWITCH-06-DR3M16RTR Datasheet
72Kb / 1P
   Gold Over Nickel Plating
06-DR75AMP10RB E-SWITCH-06-DR75AMP10RB Datasheet
68Kb / 1P
   Gold Over Nickel Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com