Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS232F Datasheet(PDF) 9 Page - Silicon Touch Technology Inc.

Part # PS232F
Description  6-Channel Secondary Monitoring IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

PS232F Datasheet(HTML) 9 Page - Silicon Touch Technology Inc.

Back Button PS232F Datasheet HTML 3Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 4Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 5Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 6Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 7Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 8Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 9Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 10Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 11Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
6-Channel Secondary Monitoring IC
Version
:A.001
-8-
PS232F
Package Specification
0.0
0.5
1.0
inch
0
10
25
mm
15
5
20
( 20-pin DIP )
Dimension in mm
Symbol
Dimension in inch
NOTE
A1
0.381
0.015
A2
3.175
3.302
3.429
0.125
0.13
0.135
b1
0.400
0.560
0.016
0.022
D
26.416
1.040
E1
6.223
7.000
0.245
0.276
e
2.286
2.794
0.090
0.110
L
2.540
3.556
0.100
0.132
S
1.905
0.075
A
5.334
0.210
E
7.620
0.300
EB
8.509
9.017
9.525
0.335
0.355
0.375
b
1.626
0.064
θ°
0
15
0
15
Min
Normal
Max
Min
Normal
Max
E1
E
b1
A1
e
A
S
A2
θ°
L
Seating Plane
b
eB
D


Similar Part No. - PS232F

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
PS232S SITI-PS232S Datasheet
186Kb / 11P
6-Channel Secondary Monitoring IC
More results

Similar Description - PS232F

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L784R WINBOND-W83L784R Datasheet
1Mb / 56P
Monitoring IC
logo
List of Unclassifed Man...
PS222S ETC2-PS222S Datasheet
143Kb / 13P
3-Channel Secondary Monitoring IC With Over-Current Protection And an Additional 12V OCP Channel
logo
Silicon Touch Technolog...
PS236 SITI-PS236 Datasheet
140Kb / 13P
3-Channel Secondary Monitoring IC With an Additional OCP Channel
PS238 SITI-PS238 Datasheet
206Kb / 11P
8-Channel Secondary Monitoring IC
PS113 SITI-PS113 Datasheet
150Kb / 10P
3-Channel Secondary Monitoring IC
PS113A SITI-PS113A Datasheet
134Kb / 10P
3-Channel Secondary Monitoring IC
PS222S SITI-PS222S Datasheet
165Kb / 13P
3-Channel Secondary Monitoring IC With Over-Current Protection And an Additional 12V OCP Channel
PS223 SITI-PS223 Datasheet
139Kb / 11P
4-Channel Secondary Monitoring IC With 4-Channel OCP And an Additional OTP
PS231S SITI-PS231S Datasheet
174Kb / 11P
5-Channel Secondary Monitoring IC
PS232S SITI-PS232S Datasheet
186Kb / 11P
6-Channel Secondary Monitoring IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com