Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS232F Datasheet(PDF) 10 Page - Silicon Touch Technology Inc.

Part # PS232F
Description  6-Channel Secondary Monitoring IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

PS232F Datasheet(HTML) 10 Page - Silicon Touch Technology Inc.

Back Button PS232F Datasheet HTML 3Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 4Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 5Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 6Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 7Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 8Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 9Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 10Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 11Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
6-Channel Secondary Monitoring IC
Version
:A.001
-9-
PS232F
Package Specification
( 20-pin SOP )
A
θ
0.020(inch) x45˚
L
D
E
H
A1
0.004
e
b
Dimension in mm
Symbol
Dimension in inch
MIN.
MAX.
MIN.
MAX.
A
2.362
2.642
0.093
0.104
A1
0.102
0.305
0.004
0.012
e
1.270BSC
0.050BSC
D
12.598
12.903
0.496
0.508
H
10.008
10.643
0.394
0.419
E
7.391
7.595
0.291
0.299
L
0.406
1.270
0.016
0.050
NOTE
θ
b
0.406BSC
0.016BSC


Similar Part No. - PS232F

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
PS232S SITI-PS232S Datasheet
186Kb / 11P
6-Channel Secondary Monitoring IC
More results

Similar Description - PS232F

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
PS232S SITI-PS232S Datasheet
186Kb / 11P
6-Channel Secondary Monitoring IC
PS113 SITI-PS113 Datasheet
150Kb / 10P
3-Channel Secondary Monitoring IC
PS231S SITI-PS231S Datasheet
174Kb / 11P
5-Channel Secondary Monitoring IC
PS113A SITI-PS113A Datasheet
134Kb / 10P
3-Channel Secondary Monitoring IC
PS238 SITI-PS238 Datasheet
206Kb / 11P
8-Channel Secondary Monitoring IC
PS236 SITI-PS236 Datasheet
140Kb / 13P
3-Channel Secondary Monitoring IC With an Additional OCP Channel
PS223 SITI-PS223 Datasheet
139Kb / 11P
4-Channel Secondary Monitoring IC With 4-Channel OCP And an Additional OTP
logo
List of Unclassifed Man...
PS222S ETC2-PS222S Datasheet
143Kb / 13P
3-Channel Secondary Monitoring IC With Over-Current Protection And an Additional 12V OCP Channel
logo
Silicon Touch Technolog...
PS222S SITI-PS222S Datasheet
165Kb / 13P
3-Channel Secondary Monitoring IC With Over-Current Protection And an Additional 12V OCP Channel
logo
Winbond
W83L784R WINBOND-W83L784R Datasheet
1Mb / 56P
Monitoring IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com