Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7SZU04AFS Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC7SZU04AFS
Description  INVERTER (Unbuffered)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SZU04AFS Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC7SZU04AFS Datasheet HTML 1Page - Toshiba Semiconductor TC7SZU04AFS Datasheet HTML 2Page - Toshiba Semiconductor TC7SZU04AFS Datasheet HTML 3Page - Toshiba Semiconductor TC7SZU04AFS Datasheet HTML 4Page - Toshiba Semiconductor TC7SZU04AFS Datasheet HTML 5Page - Toshiba Semiconductor TC7SZU04AFS Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TC7SZU04AFS
2009-09-18
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SZU04AFS
INVERTER (Unbuffered)
Features
• High output drive
: ±32mA (min) at VCC = 4.5V
• Operation voltage range : VCC = 1.65 to 5.5V
• 5.5-V tolerant input
Marking
Pin Assignment (top view)
Absolute Maximum Ratings (Ta
= 25°C)
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: VOUT < GND, VOUT > VCC
SON5-P-0.35
(fSV)
Weight: 0.001 g (typ.)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
−0.5 to 6
V
DC input voltage
VIN
−0.5 to 6
V
DC output voltage
VOUT
−0.5 to VCC+0.5
V
Input diode current
IIK
−20
mA
Output diode current
IOK
±20 (Note 1)
mA
DC output current
IOUT
±50
mA
DC Vcc/GND current
ICC
±50
mA
Power dissipation
PD
50
mW
Storage temperature
Tstg
−65~150
°C
Type Name
J 6
IN A 1
GND 2
NC 3
5 VCC
4 OUT Y


Similar Part No. - TC7SZU04AFS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SZU04AFE TOSHIBA-TC7SZU04AFE Datasheet
142Kb / 4P
   INVERTER
TC7SZU04AFE TOSHIBA-TC7SZU04AFE Datasheet
160Kb / 5P
   Inverter
TC7SZU04AFE TOSHIBA-TC7SZU04AFE_07 Datasheet
160Kb / 5P
   Inverter
More results

Similar Description - TC7SZU04AFS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SZU04FE TOSHIBA-TC7SZU04FE Datasheet
147Kb / 6P
   Inverter (Unbuffered)
logo
ON Semiconductor
NL17SGU04 ONSEMI-NL17SGU04_17 Datasheet
92Kb / 9P
   Unbuffered Inverter
November, 2017 ??Rev. 5
logo
Toshiba Semiconductor
TC7SGU04FU TOSHIBA-TC7SGU04FU Datasheet
168Kb / 6P
   Inverter (Unbuffered)
2009-09-24
logo
Renesas Technology Corp
HD74LV1GU04A RENESAS-HD74LV1GU04A_15 Datasheet
166Kb / 9P
   Unbuffered Inverter
logo
ON Semiconductor
NL17SGU04 ONSEMI-NL17SGU04 Datasheet
92Kb / 9P
   Unbuffered Inverter
September, 2014 ??Rev. 4
logo
E-Tech Electronics LTD
MC74VHC1GU04 ETL-MC74VHC1GU04 Datasheet
575Kb / 4P
   Unbuffered Inverter
logo
Nexperia B.V. All right...
74LVC1GU04-Q100 NEXPERIA-74LVC1GU04-Q100 Datasheet
229Kb / 13P
   Unbuffered inverter
Rev. 4 - 12 January 2022
logo
Renesas Technology Corp
HD74LV1GU04A RENESAS-HD74LV1GU04A Datasheet
87Kb / 10P
   Unbuffered Inverter
logo
Hitachi Semiconductor
HD74HC1GU04 HITACHI-HD74HC1GU04 Datasheet
48Kb / 8P
   Unbuffered Inverter
logo
ON Semiconductor
MC74VHC1GU04 ONSEMI-MC74VHC1GU04 Datasheet
181Kb / 8P
   Unbuffered Inverter
November, 1999 ??Rev. 2
logo
Renesas Technology Corp
HD74LV1GU04A RENESAS-HD74LV1GU04A_08 Datasheet
111Kb / 8P
   Unbuffered Inverter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com