Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7SZU04AFS Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC7SZU04AFS
Description  INVERTER (Unbuffered)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SZU04AFS Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC7SZU04AFS Datasheet HTML 1Page - Toshiba Semiconductor TC7SZU04AFS Datasheet HTML 2Page - Toshiba Semiconductor TC7SZU04AFS Datasheet HTML 3Page - Toshiba Semiconductor TC7SZU04AFS Datasheet HTML 4Page - Toshiba Semiconductor TC7SZU04AFS Datasheet HTML 5Page - Toshiba Semiconductor TC7SZU04AFS Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TC7SZU04AFS
2009-09-18
4
AC Characteristics (unless otherwise specified, Input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40 to
85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
1.8±0.15
1.0
8.5
1.0
9.0
2.5
± 0.2
0.8
6.2
0.8
6.5
3.3
± 0.3
0.5
4.5
0.5
4.8
CL = 15 pF,
RL = 1 MΩ
5.0
± 0.5
0.5
3.9
0.5
4.1
3.3
± 0.3
1.0
6.0
1.0
6.5
Propagation delay time
tpLH
tpHL
CL = 50 pF,
RL = 500 Ω
5.0
± 0.5
0.8
5.0
0.8
5.5
ns
Input capacitance
CIN
0 to 5.5
5
pF
3.3
10
Power dissipation
capacitance
CPD
(Note 3)
5.5
25
pF
Note 3: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation.
ICC (opr.) = CPD・VCC・fIN + ICC


Similar Part No. - TC7SZU04AFS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SZU04AFE TOSHIBA-TC7SZU04AFE Datasheet
142Kb / 4P
   INVERTER
TC7SZU04AFE TOSHIBA-TC7SZU04AFE Datasheet
160Kb / 5P
   Inverter
TC7SZU04AFE TOSHIBA-TC7SZU04AFE_07 Datasheet
160Kb / 5P
   Inverter
More results

Similar Description - TC7SZU04AFS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SZU04FE TOSHIBA-TC7SZU04FE Datasheet
147Kb / 6P
   Inverter (Unbuffered)
logo
ON Semiconductor
NL17SGU04 ONSEMI-NL17SGU04_17 Datasheet
92Kb / 9P
   Unbuffered Inverter
November, 2017 ??Rev. 5
logo
Toshiba Semiconductor
TC7SGU04FU TOSHIBA-TC7SGU04FU Datasheet
168Kb / 6P
   Inverter (Unbuffered)
2009-09-24
logo
Renesas Technology Corp
HD74LV1GU04A RENESAS-HD74LV1GU04A_15 Datasheet
166Kb / 9P
   Unbuffered Inverter
logo
ON Semiconductor
NL17SGU04 ONSEMI-NL17SGU04 Datasheet
92Kb / 9P
   Unbuffered Inverter
September, 2014 ??Rev. 4
logo
E-Tech Electronics LTD
MC74VHC1GU04 ETL-MC74VHC1GU04 Datasheet
575Kb / 4P
   Unbuffered Inverter
logo
Nexperia B.V. All right...
74LVC1GU04-Q100 NEXPERIA-74LVC1GU04-Q100 Datasheet
229Kb / 13P
   Unbuffered inverter
Rev. 4 - 12 January 2022
logo
Renesas Technology Corp
HD74LV1GU04A RENESAS-HD74LV1GU04A Datasheet
87Kb / 10P
   Unbuffered Inverter
logo
Hitachi Semiconductor
HD74HC1GU04 HITACHI-HD74HC1GU04 Datasheet
48Kb / 8P
   Unbuffered Inverter
logo
ON Semiconductor
MC74VHC1GU04 ONSEMI-MC74VHC1GU04 Datasheet
181Kb / 8P
   Unbuffered Inverter
November, 1999 ??Rev. 2
logo
Renesas Technology Corp
HD74LV1GU04A RENESAS-HD74LV1GU04A_08 Datasheet
111Kb / 8P
   Unbuffered Inverter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com