Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KHLC-07D Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # KHLC-07D
Description  RF Filter 慣 to 8.0 GHz SMT package
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

KHLC-07D Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  KHLC-07D Datasheet HTML 1Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Wide Band
RF Eliminate Filter
KHLC-07d
Feature
Example of Use-
SMT Package in Thin Thickness
Super broadband width: α to 8.0 GHz min.
* The lower frequency α is determined
by external capacitor.
Applications
1. Medical electronic instruments and equipments,
power supplies circuit
2. FA electronic control equipments, power supplies circuit
3. Robot electronic control equipments, power supplies circuit
4. Rapid transmission telecom equipments,
semiconductor power supplies circuit
KHLC-07d
1µF
1µF
Absolute Maximum Rating
Electrical Specifications
Parameter
Rated Current
Soldering Temperature
Operating Temperature
Value (max.)
1,750
+265 (10 sec)
−40 ~ +105
Unit
mA
C
C
Parameter
Band Width
DC Resistance
Value
100kHz ~ 8.0GHz (Typ.)
300kHz ~ 5.3GHz (Typ.)
0.09 Ω max.
Condition
−20 dB
−30 dB
DC
Storage Temperature
−65 ~ +150
C
The lower frequency is determined by external capacitor.
The above data is shown when the capacitor 1µF (50 V)
is used for the terminal No.4 and 6.
Dimensions and Recommendable Footprint
UNIT : mm
4.0
0.05
4.5
6
4
1 2 3
1.27
0.15
0.40
1: Vcc (IN)
2: NC
3: Vcc (OUT)
4: C1
6: C2
1.27
1.27
American Accurate Components, Inc.
RF Filter α to 8.0 GHz SMT package
The content of this specification may change without notification 09/18/08
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889


Similar Part No. - KHLC-07D

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
KHLC-04D AAC-KHLC-04D Datasheet
112Kb / 1P
   RF Filter 100 KHz to 5.8 GHz SMT package
KHLC-04S AAC-KHLC-04S Datasheet
110Kb / 1P
   RF Filter 100 KHZ to 5.0 GHz Single in line package
KHLC-06D AAC-KHLC-06D Datasheet
113Kb / 1P
   RF Filter 100 MHz to 8.0 GHz SMT Package
KHLC-06S AAC-KHLC-06S Datasheet
111Kb / 1P
   RF Filter 100 KHz to 5.2 GHz Single in line package
More results

Similar Description - KHLC-07D

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
KHLC-06D AAC-KHLC-06D Datasheet
113Kb / 1P
   RF Filter 100 MHz to 8.0 GHz SMT Package
KHLC-04D AAC-KHLC-04D Datasheet
112Kb / 1P
   RF Filter 100 KHz to 5.8 GHz SMT package
logo
API Technologies Corp
MR160H APITECH-MR160H Datasheet
108Kb / 1P
   RF/LO: 0.75 to 8.0 GHz IF: 10 to 5000 MHz
MR160L APITECH-MR160L Datasheet
177Kb / 2P
   RF/LO: 0.75 to 8.0 GHz IF: 10 to 5000 MHz
MR160M APITECH-MR160M Datasheet
107Kb / 1P
   RF/LO: 0.75 to 8.0 GHz IF: 10 to 5000 MHz
logo
American Accurate Compo...
KHLC-04S AAC-KHLC-04S Datasheet
110Kb / 1P
   RF Filter 100 KHZ to 5.0 GHz Single in line package
KHLC-06S AAC-KHLC-06S Datasheet
111Kb / 1P
   RF Filter 100 KHz to 5.2 GHz Single in line package
logo
Teledyne Technologies I...
ACP18015 TELEDYNE-ACP18015 Datasheet
147Kb / 2P
   8.0 TO 18.0 GHz COUGARPAK AMPLIFIER
ACP18012 TELEDYNE-ACP18012 Datasheet
147Kb / 2P
   8.0 TO 18.0 GHz COUGARPAK AMPLIFIER
ACP14029 TELEDYNE-ACP14029 Datasheet
103Kb / 1P
   8.0 TO 14.0 GHz COUGARPAK AMPLIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com