Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

650-450.0M Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 650-450.0M
Description  Low Profile
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

650-450.0M Datasheet(HTML) 1 Page - Oscilent Corporation

  650-450.0M Datasheet HTML 1Page - Oscilent Corporation 650-450.0M Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ceramic Resonator
Series Number
Package
Description
Last Modified
650
ZTU Ceramic
Low Profile
Jan. 01 2007
FEATURES
- Low profile
- Low frequency range
- Extended temperature range
- High stability
- Built in load capacitance
- RoHs Compliant
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
Series No.
Type
Frequency Range
Frequency
Accuracy
Operating
Temperature
Stability in Temperature
(KHz)
KHz
°C
(-20 ~ +80°C)
650
ZTU
450 ~ 500
±2
-20 ~ 80
±0.3%
PART NUMBER GUIDE
Page 1 of 2
Oscilent Corporation | 650


Similar Part No. - 650-450.0M

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
650-440-2 ATM-650-440-2 Datasheet
82Kb / 1P
   STANDARD GAIN HORN
650-440-X ATM-650-440-X Datasheet
46Kb / 1P
   HORN MOUNT APPLICATIONS
650-441-2 ATM-650-441-2 Datasheet
82Kb / 1P
   STANDARD GAIN HORN
650-441-X ATM-650-441-X Datasheet
46Kb / 1P
   HORN MOUNT APPLICATIONS
More results

Similar Description - 650-450.0M

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
EMB-Q170B AAEON-EMB-Q170B Datasheet
280Kb / 2P
   low profile
logo
ECS, Inc.
ECS-TXO-2520 ECS-ECS-TXO-2520 Datasheet
591Kb / 2P
   Low Profile
logo
AVX Corporation
TAJY476K025RNJ AVX-TAJY476K025RNJ Datasheet
121Kb / 5P
   Low Profile
logo
Oscilent Corporation
620 OSCILENT-620 Datasheet
146Kb / 2P
   Low Profile
logo
AVX Corporation
TAJV107K025RNJ AVX-TAJV107K025RNJ Datasheet
115Kb / 5P
   Low Profile
logo
Oscilent Corporation
650 OSCILENT-650 Datasheet
139Kb / 2P
   Low Profile
logo
AVX Corporation
TAJC107K010RNJV AVX-TAJC107K010RNJV Datasheet
110Kb / 5P
   Low Profile
logo
Everlight Electronics C...
EALP03SXBYA0-AM EVERLIGHT-EALP03SXBYA0-AM Datasheet
550Kb / 15P
   Low profile.
logo
AVX Corporation
NOJ-LP AVX-NOJ-LP Datasheet
258Kb / 4P
   Low Profile
logo
Taoglas antenna solutio...
CA.50 TAOGLAS-CA.50 Datasheet
1Mb / 19P
   Low profile
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com