Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

266-12.0M-20-S-TR Datasheet(PDF) 2 Page - Oscilent Corporation

Part # 266-12.0M-20-S-TR
Description  SMD Quartz Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

266-12.0M-20-S-TR Datasheet(HTML) 2 Page - Oscilent Corporation

  266-12.0M-20-S-TR Datasheet HTML 1Page - Oscilent Corporation 266-12.0M-20-S-TR Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Crystal Oscillators | Quartz Crystal | TCXO | VCXO | IF SAW Filter | RF SAW Filter | Ceramic Resonator
Crystal Filter | Ceramic Filter | SAW Filter / SAW Devices | Site Map
PART NUMBER GUIDE
Series Number
Frequency
Load Capacitance
Operating Temp ( ºC )
Packaging**
266
- 12.0M
- 20
- S
- TR
Oscilent
Enter frequency e.g.
12.0M for 12.000 MHz
Enter capacitance e.g. -20
for 20pF . Enter -SR for
Series Resonance.
S =
-20~+70
Blank* = Bulk
TR = Tape/Reel
NOTE: Deviations on all parameters available. Please consult Oscilent for details.
DEFINITIONS: Click on the characteristic names above for definitions of that particular characteristic.
*STANDARDS: "Blank" part number selections indicate standard variables for that particular characteristic.
**PACKAGING: Click on the packaging name above for tape/reel specifications
Oscilent Corporation - CALL 949.252.0522
18195 East McDurmott Street . Building D . Irvine . CA 92614 . USA
Fax: 949.252.0599 . E-Mail: Sales@Oscilent.com
Series No.: 266
Page 2 of 2
Oscilent Corporation | 266 Series Quartz Crystal


Similar Part No. - 266-12.0M-20-S-TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
266 ETC2-266 Datasheet
335Kb / 1P
   T-1 3/4 STANDARD MIDGET GROOVE
logo
Littelfuse
266 LITTELFUSE-266 Datasheet
121Kb / 1P
   Holder/No. 266 / Holder/No. 268
logo
KR Electronics, Inc.
2660 KR-2660 Datasheet
78Kb / 2P
   Bandpass Filter
logo
List of Unclassifed Man...
2660 ETC2-2660 Datasheet
1Mb / 16P
   Its a complete tool kit that fits in your palm.
logo
Heyco.
2660 HEYCO-2660 Datasheet
141Kb / 1P
   Glossy and Thick Panel Glossy Plugs
More results

Similar Description - 266-12.0M-20-S-TR

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JXG32P4 JAUCH-JXG32P4 Datasheet
122Kb / 2P
   SMD Quartz Crystal
JXS32 JAUCH-JXS32 Datasheet
147Kb / 2P
   SMD Quartz Crystal
logo
Oscilent Corporation
290-12.0M-SR-05GP OSCILENT-290-12.0M-SR-05GP Datasheet
147Kb / 3P
   SMD Quartz Crystal
264-12.0M-20-S-TR OSCILENT-264-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
268-12.0M-20-S-TR OSCILENT-268-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
logo
Jauch Quartz Gmbh
MG3A JAUCH-MG3A Datasheet
73Kb / 2P
   SMD Quartz Crystal
logo
ECS, Inc.
ECX-UM-1R ECS-ECX-UM-1R Datasheet
282Kb / 1P
   SMD QUARTZ CRYSTAL
CSM-7X ECS-CSM-7X_14 Datasheet
176Kb / 2P
   SMD Quartz Crystal
ECX-33Q ECS-ECX-33Q Datasheet
660Kb / 2P
   SMD QUARTZ CRYSTAL
ECX-19A ECS-ECX-19A Datasheet
435Kb / 1P
   SMD QUARTZ CRYSTAL
ECX-UM-1 ECS-ECX-UM-1 Datasheet
108Kb / 1P
   SMD QUARTZ CRYSTAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com