Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT036A011M100FP Datasheet(PDF) 5 Page - Vicor Corporation

Part # MT036A011M100FP
Description  MIL-COTS MT036 SERIES VTM??Current Multiplier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MT036A011M100FP Datasheet(HTML) 5 Page - Vicor Corporation

  MT036A011M100FP Datasheet HTML 1Page - Vicor Corporation MT036A011M100FP Datasheet HTML 2Page - Vicor Corporation MT036A011M100FP Datasheet HTML 3Page - Vicor Corporation MT036A011M100FP Datasheet HTML 4Page - Vicor Corporation MT036A011M100FP Datasheet HTML 5Page - Vicor Corporation MT036A011M100FP Datasheet HTML 6Page - Vicor Corporation MT036A011M100FP Datasheet HTML 7Page - Vicor Corporation MT036A011M100FP Datasheet HTML 8Page - Vicor Corporation MT036A011M100FP Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Voltage Transformation Module
MT036 SERIES
vicorpower.com
Rev. 1.0
Page 5 of 11
SPECIFICATIONS (CONT.)
Part Number
Typical Full Load Efficiency at nom Vout (%) Typical Half Load Efficiency at nom Vout (%) Maximum Load Capacitance (µF)
MT036A011M100FP
89.5
91.5
48128
MT036A015M080FP
92
94
27072
MT036A022M055FP
94
94.5
12032
MT036A030M040FP
94
95.0
6768
MT036A045M027FP
95.3
96.5
3008
MT036A060M020FP
95.3
96.8
1692
MT036A072M017FP
96.5
96.5
1175
MT036A090M013FP
96.3
95.5
752
MT036A120M010FP
95.5
95.5
423
MT036A180M007FP
96.0
95.2
188
MT036A240M005FP
95.0
94.8
106
MT036A360M003FP
96
96
47
Military Cots VTM Family Part Numbers and Ranges
Control Pin Functions
Table 1 — VTM part numbers
Table 2 — Typical efficiency and maximum load capacitance, by part number
VC – VTM Control
The VC port is multiplexed. It receives the initial VCC voltage from an
upstream PRM, synchronizing the output rise of the VTM with the
output rise of the PRM. Additionally, the VC port provides feedback to
the PRM to compensate for the VTM output resistance. In typical
applications using VTMs powered from PRMs, the PRM’s VC port
should be connected to the VTM VC port.
In applications where a VTM is being used without a PRM, 14 V must
be supplied to the VC port for as long as the input voltage is below 26 V
and for 10 ms after the input voltage has reached or exceeded 26 V. The
VTM is not designed for extended operation below 26 V. The VC port
should only be used to provide VCC voltage to the VTM during startup.
PC – Primary Control
The Primary Control (PC) port is a multifunction port for controlling the
VTM as follows:
Disable – If PC is left floating, the VTM output is enabled. To
disable the output, the PC port must be pulled lower than 2.4 V,
referenced to -In. Optocouplers, open collector transistors or relays
can be used to control the PC port. Once disabled, 14 V must be
re-applied to the VC port to restart the VTM.
Primary Auxiliary Supply – The PC port can source up to 2.4 mA
at 5 Vdc.
[a] Low line input voltage 32 V
No Load Output Voltage (Vdc)
Rout (mΩ)
Rated Output
Part Number
K-Factor
Current (A)
@26 Vin
@ 50 Vin
Min
Nom
Max
MT036A011M100FP
1/32
100
0.82
1.55
0.5
0.85
1.3
MT036A015M080FP
1/24
80
1.1
2.0
1.0
1.25
1.5
MT036A022M055FP
1/16
55
1.63
3.1
1.4
1.75
2.0
MT036A030M040FP
1/12
40
2.2
4.1
1.45
2.4
3.4
MT036A045M027FP
1/8
27
3.3
6.2
3.5
5.1
6.6
MT036A060M020FP
1/6
20
4.3
8.3
5.0
8.0
10
MT036A072M017FP
1/5
16.6
6.4[a]
10
6.0
9.6
12
MT036A090M013FP
1/4
13.3
6.5
12.5
6.9
9.3
11.6
MT036A120M010FP
1/3
10.0
8.7
16.6
25
31
35
MT036A180M007FP
1/2
6.7
13
25
27.5
35.7
46.4
MT036A240M005FP
2/3
5.0
17.4
33
49.3
70.6
91.8
MT036A360M003FP
13.3
26
50
140
170
200


Similar Part No. - MT036A011M100FP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
MT036A011M100FP VICOR-MT036A011M100FP Datasheet
287Kb / 2P
   MIL-COTS PRM??Regulator and VTM??Current Multiplier Modules
More results

Similar Description - MT036A011M100FP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI_BRICK_MT036_VTM VICOR-VI_BRICK_MT036_VTM Datasheet
496Kb / 11P
   MIL-COTS MT036 SERIES VTMTM Current Multiplier
MT036A011M100FP VICOR-MT036A011M100FP Datasheet
287Kb / 2P
   MIL-COTS PRM??Regulator and VTM??Current Multiplier Modules
V048F480T006 VICOR-V048F480T006 Datasheet
1Mb / 11P
   VTM Current Multiplier
V048F080T030 VICOR-V048F080T030 Datasheet
773Kb / 11P
   VTM Current Multiplier
VTD48EF120T025A00 VICOR-VTD48EF120T025A00 Datasheet
2Mb / 18P
   VTM Current Multiplier
VT048A160T015FP VICOR-VT048A160T015FP Datasheet
881Kb / 11P
   VTM??Current Multiplier
V048F015T100 VICOR-V048F015T100 Datasheet
1,013Kb / 11P
   VTM Current Multiplier
V048F030T070 VICOR-V048F030T070 Datasheet
892Kb / 11P
   VTM Current Multiplier
V048F120T025 VICOR-V048F120T025 Datasheet
1,022Kb / 11P
   VTM Current Multiplier
VT048A240T012FP VICOR-VT048A240T012FP Datasheet
747Kb / 11P
   VTM??Current Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com