Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT036A011M100FP Datasheet(PDF) 3 Page - Vicor Corporation

Part # MT036A011M100FP
Description  MIL-COTS MT036 SERIES VTM??Current Multiplier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MT036A011M100FP Datasheet(HTML) 3 Page - Vicor Corporation

  MT036A011M100FP Datasheet HTML 1Page - Vicor Corporation MT036A011M100FP Datasheet HTML 2Page - Vicor Corporation MT036A011M100FP Datasheet HTML 3Page - Vicor Corporation MT036A011M100FP Datasheet HTML 4Page - Vicor Corporation MT036A011M100FP Datasheet HTML 5Page - Vicor Corporation MT036A011M100FP Datasheet HTML 6Page - Vicor Corporation MT036A011M100FP Datasheet HTML 7Page - Vicor Corporation MT036A011M100FP Datasheet HTML 8Page - Vicor Corporation MT036A011M100FP Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Voltage Transformation Module
MT036 SERIES
vicorpower.com
Rev. 1.0
Page 3 of 11
SPECIFICATIONS (CONT.)
TYPICAL WAVEFORMS & PLOTS
Figure 1 — Representative input reflected ripple current at full load
(MT036A120M010FP)
Ripple vs. Output Current
0
20
40
60
80
100
120
01
23
456
7
8
9
10
Output Current (A)
Figure 2 — Sample output voltage ripple vs. output current with no POL
bypass capacitance. (MT036A120M010FP)
Figure 5 — Sample output voltage ripple at full load; with no POL bypass
capacitance. (MT036A120M010FP)
Figure 6 — Sample output voltage ripple at full load with 4.7 µF ceramic POL
bypass capacitance and 20 nH distribution inductance. (MT036A120M010FP)
Efficiency vs. Output Current
84
86
88
90
92
94
96
01
234
5678
9
10
Output Current (A)
Figure 3 — Representative efficiency vs. output current. (MT036A120M010FP)
Power Dissipation
2
2.5
3
3.5
4
4.5
5
5.5
6
012
34567
8
9
10
Output Current (A)
Figure 4 — Example power dissipation vs. output current. (MT036A120M010FP)


Similar Part No. - MT036A011M100FP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
MT036A011M100FP VICOR-MT036A011M100FP Datasheet
287Kb / 2P
   MIL-COTS PRM??Regulator and VTM??Current Multiplier Modules
More results

Similar Description - MT036A011M100FP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI_BRICK_MT036_VTM VICOR-VI_BRICK_MT036_VTM Datasheet
496Kb / 11P
   MIL-COTS MT036 SERIES VTMTM Current Multiplier
MT036A011M100FP VICOR-MT036A011M100FP Datasheet
287Kb / 2P
   MIL-COTS PRM??Regulator and VTM??Current Multiplier Modules
V048F480T006 VICOR-V048F480T006 Datasheet
1Mb / 11P
   VTM Current Multiplier
V048F080T030 VICOR-V048F080T030 Datasheet
773Kb / 11P
   VTM Current Multiplier
VTD48EF120T025A00 VICOR-VTD48EF120T025A00 Datasheet
2Mb / 18P
   VTM Current Multiplier
VT048A160T015FP VICOR-VT048A160T015FP Datasheet
881Kb / 11P
   VTM??Current Multiplier
V048F015T100 VICOR-V048F015T100 Datasheet
1,013Kb / 11P
   VTM Current Multiplier
V048F030T070 VICOR-V048F030T070 Datasheet
892Kb / 11P
   VTM Current Multiplier
V048F120T025 VICOR-V048F120T025 Datasheet
1,022Kb / 11P
   VTM Current Multiplier
VT048A240T012FP VICOR-VT048A240T012FP Datasheet
747Kb / 11P
   VTM??Current Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com