Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSY5XAE3E1E Datasheet(PDF) 1 Page - OptoSupply International

Part # OSY5XAE3E1E
Description  Xeon 3 Power Amber LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSY5XAE3E1E Datasheet(HTML) 1 Page - OptoSupply International

  OSY5XAE3E1E Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
X
Xe
eo
on
n 3
3 P
Po
ow
we
er
r A
Am
mb
be
er
r L
LE
ED
D
OSY5XAE3E1E
Features
Outline Dimension
Highest luminous flux
Super energy efficiency
Very long operating life (up to 100K hours)
Superior ESD protection
No UV
Applications
Read lights (car, bus, aircraft)
Portable (flashlight, bicycle)
Bollards / Security / Garden
Traffic signaling / Beacons
In door / Out door Commercial lights
Automotive Ext
Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
800
mA
Pulse Forward Current*
IFP
1000
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
2400
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260
/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
50
50
60
30
90
0
0
60
90
30
Electrical -Optical Characteristics
(Ta=25℃)
Forward Operating Current (DC)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=700mA
2.0
2.5
3.0
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Domi. Wavelength
λD
IF=700mA
585
590
600
nm
Luminous Flux
Φ
v
IF=700mA
-
90
120
lm
50% Power Angle
1/2
IF=700mA
-
140
-
deg
0
025
50
75
125
Ambient Temperature, TA ()
100
100
200
300
400
500
600
700
800
RJ-A=30
/W
RJ-A=25
/W
RJ-A
=20
/W
RJ-A=15
/W
Note: Don’t drive at rated current more than 5s without heat sink for Xeon 3 emitter series.
LED & Application Technologies
Unit:mm
Tolerances are for reference only


Similar Part No. - OSY5XAE3E1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSY5XAE3E1E OPTOSUPPLY-OSY5XAE3E1E Datasheet
117Kb / 1P
Xeon 3 Power Yellow LED
OSY5XAE3E1E OPTOSUPPLY-OSY5XAE3E1E_11 Datasheet
117Kb / 1P
Xeon 3 Power Yellow LED
More results

Similar Description - OSY5XAE3E1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSG3XAE3E1E OPTOSUPPLY-OSG3XAE3E1E Datasheet
110Kb / 1P
Xeon 3 Power Cyan LED
OSY5XAE1E1E OPTOSUPPLY-OSY5XAE1E1E Datasheet
110Kb / 1P
Xeon 1 Power Amber LED
OSY5XAEHE1E OPTOSUPPLY-OSY5XAEHE1E Datasheet
79Kb / 1P
Xeon H Power Amber LED
OSW4XME3C1S OPTOSUPPLY-OSW4XME3C1S Datasheet
115Kb / 1P
Xeon 3 Power LED
OSR5XAE3E1E OPTOSUPPLY-OSR5XAE3E1E_11 Datasheet
117Kb / 1P
Xeon 3 Power Red LED
OSR5XME3C1E OPTOSUPPLY-OSR5XME3C1E_11 Datasheet
153Kb / 2P
Xeon 3 Power Red LED
OSXXXME3C1S OPTOSUPPLY-OSXXXME3C1S_11 Datasheet
120Kb / 1P
Xeon 3 Power LED
OSW4XME3E1E OPTOSUPPLY-OSW4XME3E1E Datasheet
219Kb / 2P
Xeon 3 Power PureWhite LED
OSB4XNE3E1E_VER.C.2 OPTOSUPPLY-OSB4XNE3E1E_VER.C.2 Datasheet
146Kb / 2P
Xeon 3 Power blue LED
OSR5XNE3E1E_VER.C.2 OPTOSUPPLY-OSR5XNE3E1E_VER.C.2 Datasheet
139Kb / 2P
xeon 3 power red led
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com