Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF820 Datasheet(PDF) 1 Page - Motorola, Inc

Part # IRF820
Description  N-CHANNEL Enhancement-Mode Silicon Gate TMOS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

IRF820 Datasheet(HTML) 1 Page - Motorola, Inc

  IRF820 Datasheet HTML 1Page - Motorola, Inc IRF820 Datasheet HTML 2Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - IRF820

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF820 STMICROELECTRONICS-IRF820 Datasheet
92Kb / 8P
   N - CHANNEL 500V - 2.5ohm - 2.5 A - TO-220 PowerMESH] MOSFET
logo
Vishay Siliconix
IRF820 VISHAY-IRF820 Datasheet
156Kb / 8P
   Power MOSFET
Rev. D, 16-Aug-2021
logo
Samsung semiconductor
IRF820 SAMSUNG-IRF820 Datasheet
322Kb / 6P
   N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF820 FAIRCHILD-IRF820 Datasheet
157Kb / 5P
   N-Channel Power MOSFETs, 3.0 A, 450 V/500 V
logo
Intersil Corporation
IRF820 INTERSIL-IRF820 Datasheet
54Kb / 7P
   2.5A, 500V, 3.000 Ohm, N-Channel Power MOSFET
More results

Similar Description - IRF820

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTH15N40 MOTOROLA-MTH15N40 Datasheet
500Kb / 5P
   N-Channel Enhancement Mode silicon Gate TMOS
logo
New Jersey Semi-Conduct...
MTM60N06 NJSEMI-MTM60N06 Datasheet
95Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE SILICON GATE TMOS POWER FIELD EFFECT TRANSISTOR
logo
Motorola, Inc
IRF840 MOTOROLA-IRF840 Datasheet
146Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE SILICON GATE TMOS POWER FIELD EFFECT TRANSISTOR
MTH8N60 MOTOROLA-MTH8N60 Datasheet
386Kb / 5P
   Power Field Effect Transistor N-Channel Enhancement-Mode Silicon Gate TMOS
MTM55N10 MOTOROLA-MTM55N10 Datasheet
192Kb / 5P
   N-CHANNEL ENHANCEMENT-MODE SILICON GATE TMOS POWER FIELD EFFECT TRANSISTOR
MTH8N40 MOTOROLA-MTH8N40 Datasheet
385Kb / 5P
   Power Field Effect Transistor N-Channel Enhancement-Mode Silicon Gate TMOS
IRF530 MOTOROLA-IRF530 Datasheet
157Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE SILICON GATE TMOS POWER FIELD EFFECT TRANSISTOR
MTH8N90 MOTOROLA-MTH8N90 Datasheet
394Kb / 6P
   POWER FIELD EFFECT TRANSISTOR N-CHANNEL ENHANCEMENT-MODE SILICON GATE TMOS
MTE50N45 MOTOROLA-MTE50N45 Datasheet
391Kb / 7P
   POWER FIELD EFFECT TRANSISTOR N-CHANNEL ENHANCEMENT MODE SILICON GATE TMOS
MTD3055EL MOTOROLA-MTD3055EL Datasheet
380Kb / 6P
   TMOS IV Power Field Effect Transistor(N-Channel Enhancement-Mode Silicon Gate)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com