Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSW4XAE3E1E Datasheet(PDF) 1 Page - OptoSupply International

Part # OSW4XAE3E1E
Description  Xeon 3 Power Cool White LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSW4XAE3E1E Datasheet(HTML) 1 Page - OptoSupply International

  OSW4XAE3E1E Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
X
Xe
eo
on
n 3
3 P
Po
ow
we
er
r C
Co
oo
oll W
Wh
hiitte
e
L
LE
ED
D
OSW4XAE3E1E
Features
Outline Dimension
Highest luminous flux
Super energy efficiency
Very long operating life (up to 100K hours)
Superior ESD protection
No UV
Applications
Read lights (car, bus, aircraft)
Portable (flashlight, bicycle)
Bollards / Security / Garden
Traffic signaling / Beacons
In door / Out door Commercial lights
Automotive Ext
Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
800
mA
Pulse Forward Current*
IFP
1000
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
3200
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260
/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0
0
Electrical -Optical Characteristics
(Ta=25℃)
Forward Operating Current (DC)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=700mA
3.0
3.3
4.0
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Luminous Flux
Φ
v
IF=700mA
-
130
180
lm
Color Temperature
CCT
IF=700mA
-
6500
-
K
x
IF=700mA
-
0.31
-
-
Chromaticity
Coordinates*
y
IF=700mA
-
0.33
-
-
50% Power Angle
1/2
IF=700mA
-
140
-
deg
0
025
50
75
125
Ambient Temperature, TA ()
100
100
200
300
400
500
600
700
800
RJ-A=30
/W
RJ-A=25
/W
RJ-A
=20
/W
RJ-A=15
/W
Note: Don’t drive at rated current more than 5s without heat sink for Xeon 3 emitter series.
LED & Application Technologies
Unit:mm
Tolerances are for reference only


Similar Part No. - OSW4XAE3E1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSW4XAE1E1E OPTOSUPPLY-OSW4XAE1E1E Datasheet
109Kb / 1P
Xeon 1 Power Cool White LED
OSW4XAEHE1E OPTOSUPPLY-OSW4XAEHE1E Datasheet
109Kb / 1P
Xeon H Power Cool White LED
More results

Similar Description - OSW4XAE3E1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSW4XAE1E1E OPTOSUPPLY-OSW4XAE1E1E Datasheet
109Kb / 1P
Xeon 1 Power Cool White LED
OSW4XAEHE1E OPTOSUPPLY-OSW4XAEHE1E Datasheet
109Kb / 1P
Xeon H Power Cool White LED
OSW4XAT3C1E OPTOSUPPLY-OSW4XAT3C1E Datasheet
107Kb / 1P
5x5x1.3mmTops 3 Power Cool White LED
OSM5XME3C1E OPTOSUPPLY-OSM5XME3C1E Datasheet
119Kb / 1P
Xeon 3 Power Warm White LED
OSPR3XW1-W4XME1C1E OPTOSUPPLY-OSPR3XW1-W4XME1C1E Datasheet
58Kb / 1P
3PCS Xeon 1 Power Cool White LED
OSPR3XW3-W4XME1C1E OPTOSUPPLY-OSPR3XW3-W4XME1C1E Datasheet
56Kb / 1P
3PCS Xeon 1 Power Cool White LED
OSW4XME1C1E-100 OPTOSUPPLY-OSW4XME1C1E-100 Datasheet
118Kb / 1P
Xeon 1 Power Cool White LED
OSW4XMEHC1E OPTOSUPPLY-OSW4XMEHC1E Datasheet
166Kb / 1P
Xeon H Power Cool White LED
OSW4XNE3E1E OPTOSUPPLY-OSW4XNE3E1E Datasheet
177Kb / 2P
Xeon 3 Power Pure White LED
OSW4XZE3C1E OPTOSUPPLY-OSW4XZE3C1E Datasheet
123Kb / 1P
Xeon 3 Power Pure White LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com