Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSR5XAA151R Datasheet(PDF) 1 Page - OptoSupply International

Part # OSR5XAA151R
Description  Tpower 10mm Red LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSR5XAA151R Datasheet(HTML) 1 Page - OptoSupply International

  OSR5XAA151R Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VER A.0
T
Tp
po
ow
we
er
r 1
10
0m
mm
m R
Re
ed
d L
LE
ED
D
OSR5XAA151R
Features
Outline Dimension
Highest luminous flux
Super energy efficiency
Low Thermal resistance
Water Clear Type
Applications
Read lights (car, bus, aircraft)
Bollards / Security / Garden
Small Area Illuminations
In door / Out door Commercial lights
Automotive Ext
0.5
1.15
10.0
10.8
Unit:mm
Tolerance:+0.3mm
1:Anode
2:Cathode
1
2
2.5
Absolute Maximum Rating
(Ta=25
)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
120
mA
Pulse Forward Current*
IFP
200
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
360
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260
/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0
0
Electrical -Optical Characteristics
(Ta=25
)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=100mA
2.0
2.5
3.0
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Domi. Wavelength*
λD
IF=100mA
619
624
629
nm
Luminous Intensity*
Iv
IF=100mA
-
20000
-
mcd
50% Power Angle
1/2
IF=100mA
-
50
-
deg
*1 Tolerance of dominant wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies


Similar Part No. - OSR5XAA151R

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSR5XA5141R OPTOSUPPLY-OSR5XA5141R Datasheet
97Kb / 1P
Tpower 5mm Red LED
OSR5XA56E1R OPTOSUPPLY-OSR5XA56E1R Datasheet
99Kb / 1P
Tpower 4.8mm Straw Red LED
OSR5XA8A61R OPTOSUPPLY-OSR5XA8A61R Datasheet
99Kb / 1P
Tpower 8mm Red LED
OSR5XAC1C1E OPTOSUPPLY-OSR5XAC1C1E Datasheet
118Kb / 1P
9.2x8x1.92mm Commercial 1 Power Red LED
OSR5XAC3C1E OPTOSUPPLY-OSR5XAC3C1E Datasheet
119Kb / 1P
9.2x8x1.92mmCommercial 3 Power Red LED
More results

Similar Description - OSR5XAA151R

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSB5XLA151R OPTOSUPPLY-OSB5XLA151R Datasheet
100Kb / 1P
Tpower 10mm Blue LED
OSG3D3A151R OPTOSUPPLY-OSG3D3A151R Datasheet
96Kb / 1P
Tpower 10mm Bluish Green LED
OSG5XAA151R OPTOSUPPLY-OSG5XAA151R Datasheet
100Kb / 1P
Tpower 10mm Pure Green LED
OSK5D3A151R OPTOSUPPLY-OSK5D3A151R Datasheet
95Kb / 1P
Tpower 10mm Pink LED
OSK5XLA151R OPTOSUPPLY-OSK5XLA151R Datasheet
100Kb / 1P
Tpower 10mm Pink LED
OSM5D3A151R OPTOSUPPLY-OSM5D3A151R Datasheet
95Kb / 1P
Tpower 10mm Warm White LED
OSO5M3A151R OPTOSUPPLY-OSO5M3A151R Datasheet
97Kb / 1P
Tpower 10mm Phoenix Orange LED
OSR5M3A151R OPTOSUPPLY-OSR5M3A151R Datasheet
97Kb / 1P
Tpower 10mm Phoenix Red LED
OSW5D3A151R OPTOSUPPLY-OSW5D3A151R Datasheet
95Kb / 1P
Tpower 10mm Pure White LED
OSY5XAA151R OPTOSUPPLY-OSY5XAA151R Datasheet
100Kb / 1P
Tpower 10mm Yellow LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com