Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF24J40 Datasheet(PDF) 10 Page - Microchip Technology

Part # MRF24J40
Description  IEEE 802.15.4??2.4 GHz RF Transceiver
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24J40 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MRF24J40 Datasheet HTML 6Page - Microchip Technology MRF24J40 Datasheet HTML 7Page - Microchip Technology MRF24J40 Datasheet HTML 8Page - Microchip Technology MRF24J40 Datasheet HTML 9Page - Microchip Technology MRF24J40 Datasheet HTML 10Page - Microchip Technology MRF24J40 Datasheet HTML 11Page - Microchip Technology MRF24J40 Datasheet HTML 12Page - Microchip Technology MRF24J40 Datasheet HTML 13Page - Microchip Technology MRF24J40 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 152 page
background image
MRF24J40
DS39776B-page 8
Preliminary
© 2008 Microchip Technology Inc.
2.4
Power and Ground Pins
Recommended
bypass
capacitors
are
listed
in
Table 2-2. VDD pins 1 and 31 require two bypass
capacitors to ensure sufficient bypass decoupling. Min-
imize trace length from the VDD pin to the bypass
capacitors and make them as short as possible.
TABLE 2-2:
RECOMMENDED BYPASS
CAPACITOR VALUES
2.5
20 MHz Main Oscillator
The 20 MHz main oscillator provides the main
frequency (MAINCLK) signal to internal RF, baseband
and MAC circuitry. An external 20 MHz quartz crystal is
connected to the OSC1 and OSC2 pins as shown in
Figure 2-2. The crystal parameters are listed in
Table 2-3.
TABLE 2-3:
20 MHz CRYSTAL
PARAMETERS(1)
FIGURE 2-2:
20 MHz MAIN
OSCILLATOR CRYSTAL
CIRCUIT
2.6
Phase Lock Loop
The Phase Lock Loop (PLL) circuitry requires one
external capacitor connected to pin 40 (LCAP). The
recommended value is 100 pF. The PCB layout around
the capacitor and pin 40 should be designed carefully
such as to minimize interference to the PLL.
2.7
32 kHz External Crystal Oscillator
The 32 kHz external crystal oscillator provides one of two
Sleep clock (SLPCLK) frequencies to Sleep mode
counters. The Sleep mode counters time the Beacon
Interval (BI) and inactive period for a beacon-enabled
device and the Sleep interval for a nonbeacon-enabled
device. Refer to Section 3.15 “Sleep” for more
information.
The SLPCLK frequency is selectable between the 32
kHz external crystal oscillator or 100 kHz internal oscil-
lator. The 32 kHz external crystal oscillator provides
better frequency accuracy and stability than the 100
kHz internal oscillator. An external 32 kHz tuning fork
crystal is connected to the LPOSC1 and LPOSC2 pins,
as shown in Figure 2-3. The crystal parameters are
listed in Table 2-4.
TABLE 2-4:
32 kHz CRYSTAL
PARAMETERS(1)
VDD Pin
Bypass Capacitor
1
47 pF and 0.01
μF
447 pF
50.1
μF
21
0.01
μF
31
47 pF and 0.01
μF
32
47 pF
35
47 pF
37
0.01
μF
39
1
μF
Parameter
Value
Frequency
20 MHz
Frequency Tolerance at 25°C
±20 ppm(2)
Frequency Stability over Operating
Temperature Range
±20 ppm(2)
Mode
Fundamental
Load Capacitance
15-20 pF
ESR
80
Ω max.
Note 1:
These values are for design guidance only.
2:
IEEE 802.15.4™ Standard specifies
transmitted center frequency tolerance
shall be ±40 ppm maximum.
Parameter
Value
Frequency
32.768 kHz
Frequency Tolerance
±20 ppm
Load Capacitance
12.5 pF
ESR
70 k
Ω max.
Note 1:
These values are for design guidance only.
OSC1
OSC2
20 MHz
Main Oscillator
X1
CL2
CL1


Similar Part No. - MRF24J40

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40 Datasheet
1Mb / 66P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2006
MRF24J40 MICROCHIP-MRF24J40 Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2010
MRF24J40 MICROCHIP-MRF24J40 Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
MRF24J40 MICROCHIP-MRF24J40 Datasheet
2Mb / 151P
   IEEE 802.15.4™ 2.4 GHz RF Transceiver
Revision E March 2021
MRF24J40-I MICROCHIP-MRF24J40-I Datasheet
1Mb / 66P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2006
More results

Similar Description - MRF24J40

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MRF24J40MB-I MICROCHIP-MRF24J40MB-I Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
MRF24J40 MICROCHIP-MRF24J40_10 Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2010
MRF24J40 MICROCHIP-MRF24J40 Datasheet
1Mb / 66P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2006
logo
Texas Instruments
CC2520 TI-CC2520_15 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
logo
Anaren Microwave
2530E24AZ1 ANAREN-2530E24AZ1 Datasheet
234Kb / 2P
   2.4-GHz IEEE 802.15.4 compliant RF transceiver
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40_V01 Datasheet
2Mb / 151P
   IEEE 802.15.4™ 2.4 GHz RF Transceiver
Revision E March 2021
logo
Texas Instruments
CC2520 TI-CC2520_12 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
logo
List of Unclassifed Man...
EM2420 ETC-EM2420 Datasheet
1Mb / 89P
   2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
logo
Texas Instruments
CC2520 TI1-CC2520_17 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com