Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF24J40 Datasheet(PDF) 7 Page - Microchip Technology

Part # MRF24J40
Description  IEEE 802.15.4??2.4 GHz RF Transceiver
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24J40 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MRF24J40 Datasheet HTML 3Page - Microchip Technology MRF24J40 Datasheet HTML 4Page - Microchip Technology MRF24J40 Datasheet HTML 5Page - Microchip Technology MRF24J40 Datasheet HTML 6Page - Microchip Technology MRF24J40 Datasheet HTML 7Page - Microchip Technology MRF24J40 Datasheet HTML 8Page - Microchip Technology MRF24J40 Datasheet HTML 9Page - Microchip Technology MRF24J40 Datasheet HTML 10Page - Microchip Technology MRF24J40 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 152 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS39776B-page 5
MRF24J40
2.0
HARDWARE DESCRIPTION
2.1
2.1 Overview
The MRF24J40 is an IEEE 802.15.4 Standard
compliant 2.4 GHz RF transceiver. It integrates the
PHY and MAC functionality in a single chip solution.
Figure 2-1 is a block diagram of the MRF24J40
circuitry.
A frequency synthesizer is clocked by an external
20 MHz crystal and generates a 2.4 GHz RF frequency.
The receiver is a low-IF architecture consisting of a Low
Noise Amplifier (LNA), down conversion mixers, poly-
phase channel filters and baseband limiting amplifiers
with a Receiver Signal Strength Indicator (RSSI).
The transmitter is a direct conversion architecture with
a 0 dBm maximum output (typical) and 36 dB power
control range.
An internal Transmit/Receive (TR) switch combines the
transmitter and receiver circuits into differential RFP
and RFN pins. These pins are connected to impedance
matching circuitry (balun) and antenna. An external
Power Amplifier (PA) and/or LNA can be controlled via
the GPIO pins.
Six General Purpose Input/Output (GPIO) pins can be
configured for control or monitoring purposes. They
can also be configured to control external PA/LNA RF
switches.
The power management circuitry consists of an
integrated Low Dropout (LDO) voltage regulator. The
MRF24J40 can be placed into a very low-current (2
μA
typical) Sleep mode. An internal 100 kHz oscillator or
32 kHz external crystal oscillator can be used for Sleep
mode timing.
The Media Access Controller (MAC) circuitry verifies
reception and formats for transmission IEEE 802.15.4
Standard compliant packets. Data is buffered in Trans-
mit and Receive FIFOs. Carrier Sense Multiple
Access-Collision Avoidance (CSMA-CA), superframe
constructor, receive frame filter and security engine
functionality
are implemented in hardware. The
security
engine
provides
hardware
circuitry
for
AES-128 with CTR, CCM and CBC-MAC modes.
Control of the transceiver is via a 4-wire Serial Peripheral
Interface (SPI), interrupt, wake and Reset pins.


Similar Part No. - MRF24J40

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40 Datasheet
1Mb / 66P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2006
MRF24J40 MICROCHIP-MRF24J40 Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2010
MRF24J40 MICROCHIP-MRF24J40 Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
MRF24J40 MICROCHIP-MRF24J40 Datasheet
2Mb / 151P
   IEEE 802.15.4™ 2.4 GHz RF Transceiver
Revision E March 2021
MRF24J40-I MICROCHIP-MRF24J40-I Datasheet
1Mb / 66P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2006
More results

Similar Description - MRF24J40

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MRF24J40MB-I MICROCHIP-MRF24J40MB-I Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
MRF24J40 MICROCHIP-MRF24J40_10 Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2010
MRF24J40 MICROCHIP-MRF24J40 Datasheet
1Mb / 66P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2006
logo
Texas Instruments
CC2520 TI-CC2520_15 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
logo
Anaren Microwave
2530E24AZ1 ANAREN-2530E24AZ1 Datasheet
234Kb / 2P
   2.4-GHz IEEE 802.15.4 compliant RF transceiver
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40_V01 Datasheet
2Mb / 151P
   IEEE 802.15.4™ 2.4 GHz RF Transceiver
Revision E March 2021
logo
Texas Instruments
CC2520 TI-CC2520_12 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
logo
List of Unclassifed Man...
EM2420 ETC-EM2420 Datasheet
1Mb / 89P
   2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
logo
Texas Instruments
CC2520 TI1-CC2520_17 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com