Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF24J40 Datasheet(PDF) 5 Page - Microchip Technology

Part # MRF24J40
Description  IEEE 802.15.4??2.4 GHz RF Transceiver
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24J40 Datasheet(HTML) 5 Page - Microchip Technology

  MRF24J40 Datasheet HTML 1Page - Microchip Technology MRF24J40 Datasheet HTML 2Page - Microchip Technology MRF24J40 Datasheet HTML 3Page - Microchip Technology MRF24J40 Datasheet HTML 4Page - Microchip Technology MRF24J40 Datasheet HTML 5Page - Microchip Technology MRF24J40 Datasheet HTML 6Page - Microchip Technology MRF24J40 Datasheet HTML 7Page - Microchip Technology MRF24J40 Datasheet HTML 8Page - Microchip Technology MRF24J40 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 152 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS39776B-page 3
MRF24J40
1.0
OVERVIEW
The MRF24J40 is an IEEE 802.15.4™ Standard com-
pliant 2.4 GHz RF transceiver. It integrates the PHY
and MAC functionality in a single chip solution.
Figure 1-1 shows a simplified block diagram of a
MRF24J40 wireless node. The MRF24J40 creates a
low-cost, low-power, low data rate (250 or 625 kbps)
Wireless Personal Area Network (WPAN) device. The
MRF24J40 interfaces to many popular Microchip PIC®
microcontrollers via a 4-wire serial SPI interface,
interrupt, wake and Reset.
The MRF24J40 provides hardware support for:
•Energy Detection
• Carrier Sense
• Three CCA Modes
• CSMA-CA Algorithm
• Automatic Packet Retransmission
• Automatic Acknowledgment
• Independent Transmit, Beacon and GTS FIFO
Buffers
• Security Engine supports Encryption and
Decryption for MAC Sublayer and Upper Layer
These features reduce the processing load, allowing
the use of low-cost 8-bit microcontrollers.
The
MRF24J40
is
compatible
with
Microchip's
ZigBee®, MiWi™ and MiWi P2P software stacks. Each
software stack is available as a free download, includ-
ing source code, from the Microchip web site:
http://www.microchip.com/wireless.
FIGURE 1-1:
WIRELESS NODE BLOCK DIAGRAM
Matching
Circuitry
Antenna
I/O
SDO
SDI
SCK
INTx
I/O
I/O
PIC
® MCU
PHY
MAC
20 MHz
Crystal
SDI
SDO
SCK
INT
WAKE
CS
RESET
RFP
RFN
MRF24J40
Power
Management
Memory


Similar Part No. - MRF24J40

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40 Datasheet
1Mb / 66P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2006
MRF24J40 MICROCHIP-MRF24J40 Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2010
MRF24J40 MICROCHIP-MRF24J40 Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
MRF24J40 MICROCHIP-MRF24J40 Datasheet
2Mb / 151P
   IEEE 802.15.4™ 2.4 GHz RF Transceiver
Revision E March 2021
MRF24J40-I MICROCHIP-MRF24J40-I Datasheet
1Mb / 66P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2006
More results

Similar Description - MRF24J40

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MRF24J40MB-I MICROCHIP-MRF24J40MB-I Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
MRF24J40 MICROCHIP-MRF24J40_10 Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2010
MRF24J40 MICROCHIP-MRF24J40 Datasheet
1Mb / 66P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2006
logo
Texas Instruments
CC2520 TI-CC2520_15 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
logo
Anaren Microwave
2530E24AZ1 ANAREN-2530E24AZ1 Datasheet
234Kb / 2P
   2.4-GHz IEEE 802.15.4 compliant RF transceiver
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40_V01 Datasheet
2Mb / 151P
   IEEE 802.15.4™ 2.4 GHz RF Transceiver
Revision E March 2021
logo
Texas Instruments
CC2520 TI-CC2520_12 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
logo
List of Unclassifed Man...
EM2420 ETC-EM2420 Datasheet
1Mb / 89P
   2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
logo
Texas Instruments
CC2520 TI1-CC2520_17 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com