Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF24J40 Datasheet(PDF) 3 Page - Microchip Technology

Part # MRF24J40
Description  IEEE 802.15.4??2.4 GHz RF Transceiver
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24J40 Datasheet(HTML) 3 Page - Microchip Technology

  MRF24J40 Datasheet HTML 1Page - Microchip Technology MRF24J40 Datasheet HTML 2Page - Microchip Technology MRF24J40 Datasheet HTML 3Page - Microchip Technology MRF24J40 Datasheet HTML 4Page - Microchip Technology MRF24J40 Datasheet HTML 5Page - Microchip Technology MRF24J40 Datasheet HTML 6Page - Microchip Technology MRF24J40 Datasheet HTML 7Page - Microchip Technology MRF24J40 Datasheet HTML 8Page - Microchip Technology MRF24J40 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 152 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS39776B-page 1
MRF24J40
Features:
• IEEE 802.15.4™ Standard Compliant
RF Transceiver
• Supports ZigBee®, MiWi™, MiWi P2P and
Proprietary Wireless Networking Protocols
• Simple, 4-Wire SPI Interface
• Integrated 20 MHz and 32.768 kHz Crystal
Oscillator Circuitry
• Low-Current Consumption:
- RX mode: 19 mA (typical)
- TX mode: 23 mA (typical)
- Sleep: 2
μA (typical)
• Small, 40-Pin Leadless QFN 6x6 mm2 Package
RF/Analog Features:
• ISM Band 2.405-2.48 GHz Operation
• Data Rate: 250 kbps (IEEE 802.15.4);
625 kbps (Turbo mode)
• -95 dBm Typical Sensitivity with +5 dBm
Maximum Input Level
• +0 dBm Typical Output Power with 36 dB
TX Power Control Range
• Differential RF Input/Output with Integrated
TX/RX Switch
• Integrated Low Phase Noise VCO, Frequency
Synthesizer and PLL Loop Filter
• Digital VCO and Filter Calibration
• Integrated RSSI ADC and I/Q DACs
• Integrated LDO
• High Receiver and RSSI Dynamic Range
MAC/Baseband Features:
• Hardware CSMA-CA Mechanism, Automatic
Acknowledgement Response and FCS Check
• Independent Beacon, Transmit and GTS FIFO
• Supports all CCA modes and RSSI/ED
• Automatic Packet Retransmit Capability
• Hardware Security Engine (AES-128) with CTR,
CCM and CBC-MAC modes
• Supports Encryption and Decryption for MAC
Sublayer and Upper Layer
Pin Diagram:
40-Pin QFN
2
3
4
5
6
1
7
VDD
RFP
RFN
VDD
VDD
GND
GPIO0
MRF24J40
8
9
GPIO1
GPIO5
10
GPIO4
12 13 14 15 16
11
17 18 19 20
29
28
27
26
25
30
24
NC
NC
LPOSC1
LPOSC2
NC
GND
GND
23
22
NC
GND
21
VDD
32
33
34
35
36
31
37
38
39
40
Note: Backside center pad is GND.
IEEE 802.15.42.4 GHz RF Transceiver


Similar Part No. - MRF24J40

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40 Datasheet
1Mb / 66P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2006
MRF24J40 MICROCHIP-MRF24J40 Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2010
MRF24J40 MICROCHIP-MRF24J40 Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
MRF24J40 MICROCHIP-MRF24J40 Datasheet
2Mb / 151P
   IEEE 802.15.4™ 2.4 GHz RF Transceiver
Revision E March 2021
MRF24J40-I MICROCHIP-MRF24J40-I Datasheet
1Mb / 66P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2006
More results

Similar Description - MRF24J40

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MRF24J40MB-I MICROCHIP-MRF24J40MB-I Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
MRF24J40 MICROCHIP-MRF24J40_10 Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2010
MRF24J40 MICROCHIP-MRF24J40 Datasheet
1Mb / 66P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2006
logo
Texas Instruments
CC2520 TI-CC2520_15 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
logo
Anaren Microwave
2530E24AZ1 ANAREN-2530E24AZ1 Datasheet
234Kb / 2P
   2.4-GHz IEEE 802.15.4 compliant RF transceiver
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40_V01 Datasheet
2Mb / 151P
   IEEE 802.15.4™ 2.4 GHz RF Transceiver
Revision E March 2021
logo
Texas Instruments
CC2520 TI-CC2520_12 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
logo
List of Unclassifed Man...
EM2420 ETC-EM2420 Datasheet
1Mb / 89P
   2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
logo
Texas Instruments
CC2520 TI1-CC2520_17 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com