Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP3201 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP3201
Description  2.7V 12-Bit A/D Converter with SPI Serial Interface
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3201 Datasheet(HTML) 4 Page - Microchip Technology

  MCP3201_08 Datasheet HTML 1Page - Microchip Technology MCP3201_08 Datasheet HTML 2Page - Microchip Technology MCP3201_08 Datasheet HTML 3Page - Microchip Technology MCP3201_08 Datasheet HTML 4Page - Microchip Technology MCP3201_08 Datasheet HTML 5Page - Microchip Technology MCP3201_08 Datasheet HTML 6Page - Microchip Technology MCP3201_08 Datasheet HTML 7Page - Microchip Technology MCP3201_08 Datasheet HTML 8Page - Microchip Technology MCP3201_08 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
MCP3201
DS21290E-page 4
© 2008 Microchip Technology Inc.
TEMPERATURE CHARACTERISTICS
High Level Output Voltage
VOH
4.1
V
IOH = -1 mA, VDD = 4.5V
Low Level Output Voltage
VOL
——
0.4
V
IOL = 1 mA, VDD = 4.5V
Input Leakage Current
ILI
-10
10
µA
VIN = VSS or VDD
Output Leakage Current
ILO
-10
10
µA
VOUT = VSS or VDD
Pin Capacitance
(all inputs/outputs)
CIN, COUT
10
pF
VDD = 5.0V (Note 1)
TA = +25°C, f = 1 MHz
Timing Parameters:
Clock Frequency
fCLK
1.6
0.8
MHz
MHz
VDD = 5V (Note 3)
VDD = 2.7V (Note 3)
Clock High Time
tHI
312
ns
Clock Low Time
tLO
312
ns
CS Fall To First Rising CLK Edge
tSUCS
100
ns
CLK Fall To Output Data Valid
tDO
200
ns
See Test Circuits, Figure 1-2
CLK Fall To Output Enable
tEN
200
ns
See Test Circuits, Figure 1-2
CS Rise To Output Disable
tDIS
100
ns
See Test Circuits, Figure 1-2
(Note 1)
CS Disable Time
tCSH
625
ns
D
OUT Rise Time
tR
100
ns
See Test Circuits, Figure 1-2
(Note 1)
D
OUT Fall Time
tF
100
ns
See Test Circuits, Figure 1-2
(Note 1)
Power Requirements:
Operating Voltage
VDD
2.7
5.5
V
Operating Current
IDD
300
210
400
µA
µA
VDD = 5.0V, DOUT unloaded
VDD = 2.7V, DOUT unloaded
Standby Current
IDDS
—0.5
2
µA
CS = VDD = 5.0V
Electrical Specifications:
Unless otherwise indicated, VDD = +2.7V to +5.5V, VSS =GND.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
+85
°C
Operating Temperature Range
TA
-40
+85
°C
Storage Temperature Range
TA
-65
+150
°C
Thermal Package Resistances
Thermal Resistance, 8L-MSOP
θJA
—211
°C/W
Thermal Resistance, 8L-PDIP
θJA
89.5
°C/W
Thermal Resistance, 8L-SOIC
θJA
149.5
°C/W
Thermal Resistance, 8L-TSSOP
θJA
—139
°C/W
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications:
All parameters apply at VDD = 5V, VSS = 0V, VREF = 5V, TA = -40°C to +85°C, fSAMPLE = 100 ksps, and
fCLK = 16*fSAMPLE, unless otherwise noted.
Parameter
Sym
Min
Typ
Max
Units
Conditions
Note 1:
This parameter is established by characterization and not 100% tested.
2:
See graph that relates linearity performance to VREF level.
3:
Because the sample cap will eventually lose charge, effective clock rates below 10 kHz can affect linearity performance,
especially at elevated temperatures. See Section 6.2 “Maintaining Minimum Clock Speed” for more information.


Similar Part No. - MCP3201_08

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3201 MICROCHIP-MCP3201_07 Datasheet
489Kb / 28P
   2.7V 12-Bit A/D Converter with SPI Serial Interface
2007
More results

Similar Description - MCP3201_08

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3201 MICROCHIP-MCP3201_07 Datasheet
489Kb / 28P
   2.7V 12-Bit A/D Converter with SPI Serial Interface
2007
MCP3201 MICROCHIP-MCP3201 Datasheet
377Kb / 20P
   2.7V 12-Bit A/D Converter with SPI Serial Interface
1999
MCP3202 MICROCHIP-MCP3202 Datasheet
386Kb / 20P
   2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
1999
MCP3202 MICROCHIP-MCP3202_08 Datasheet
606Kb / 32P
   2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
2008
MCP3202 MICROCHIP-MCP3202_06 Datasheet
523Kb / 28P
   2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
2006
MCP3001 MICROCHIP-MCP3001_07 Datasheet
453Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2007
MCP3001 MICROCHIP-MCP3001 Datasheet
597Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2001
MCP3002 MICROCHIP-MCP3002 Datasheet
1Mb / 34P
   2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
Revision E November 2011
MCP3002 MICROCHIP-MCP3002_08 Datasheet
585Kb / 34P
   2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
2008
MCP3002 MICROCHIP-MCP3002_07 Datasheet
439Kb / 28P
   2.7V Dual Channel 10-Bit A/D Converter with SPI??Serial Interface
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com